Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAV6201BVP2-GT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAV6201BVP2-GT3
Description  300 mA / 13 V Adjustable CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV6201BVP2-GT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAV6201BVP2-GT3 Datasheet HTML 1Page - ON Semiconductor CAV6201BVP2-GT3 Datasheet HTML 2Page - ON Semiconductor CAV6201BVP2-GT3 Datasheet HTML 3Page - ON Semiconductor CAV6201BVP2-GT3 Datasheet HTML 4Page - ON Semiconductor CAV6201BVP2-GT3 Datasheet HTML 5Page - ON Semiconductor CAV6201BVP2-GT3 Datasheet HTML 6Page - ON Semiconductor CAV6201BVP2-GT3 Datasheet HTML 7Page - ON Semiconductor CAV6201BVP2-GT3 Datasheet HTML 8Page - ON Semiconductor CAV6201BVP2-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2013
December, 2013 − Rev. 3
1
Publication Order Number:
CAT6201/D
CAT6201, CAV6201B
300 mA / 13 V Adjustable
CMOS LDO Regulator
Description
The CAT6201/CAV6201B is a 13 V rated 300 mA CMOS low
dropout regulator that provides fast response time to load current and
line voltage changes in an automotive environment.
CAT6201/CAV6201B features a low RON P−channel pass element
with internal control circuitry which prevents reverse current flow
should the voltage at VOUT exceed VIN as in the case of the car’s
battery voltage accidentally being applied to VOUT.
Thermal protection and current limiting circuitry combine to protect
the pass device against faults and abuse. Current limiting is user
controlled through a single resistor to ground. A fault output (FLT)
provides an alert should an over−current event or thermal shutdown
occur.
CAT6201/CAV6201B comes on−line gracefully even though it may
be driving heavy capacitive loads thanks to built−in soft−start
circuitry. Its output is protected against accidental connection to
voltages greater than VIN and will not conduct current backwards into
its supply.
CAT6201/CAV6201B is available in 8−pad 2 mm x 3 mm TDFN
package.
Features
Guaranteed 300 mA Continuous Output Current
Low Dropout Voltage of 250 mV Typical at 300 mA
Input Voltage Range: 3.3 V to 13.5 V
User Adjustable Output Voltage
User Programmable Current Limit
Fault Output to Indicate Under−voltage, Current Limiting or Thermal
Shutdown has Occurred
Fault Blanking: 3 ms
VOUT Withstands Battery Fault Voltages of up to 14 V
Soft−Start Prevents Current Surges
Stable with Ceramic Output Capacitor
±1.5% Output Voltage Initial Accuracy
±2.5% Accuracy Over Temperature
Thermal Protection
8 Pad TDFN Package
CAV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
http://onsemi.com
PIN CONNECTIONS
HKB
LAA
YM
G
MARKING DIAGRAMS
TDFN−8
(Top View)
VOUT
GND
VIN
FLT
BYP
1
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
TDFN−8
VP2 SUFFIX
CASE 511AK
ILIM
VADJ
EN
HKB
= CAT6201VP2−GT3 or
= CAV6201BVP2−GT3
L
= Assembly Location
AA
= Last Two Digits of
= Assembly Lot Number
Y
= Production Year (Last Digit)
M
= Production Month (1−9, O, N, D)
G
= Pb−Free Microdot


Similar Part No. - CAV6201BVP2-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV6201BVP2-GT3 ONSEMI-CAV6201BVP2-GT3 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
More results

Similar Description - CAV6201BVP2-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202_14 Datasheet
155Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
   300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com