Electronic Components Datasheet Search |
|
C321C322CZG5HA7301 Datasheet(PDF) 8 Page - Kemet Corporation |
|
C321C322CZG5HA7301 Datasheet(HTML) 8 Page - Kemet Corporation |
8 / 22 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1054_HV_GOLDMAX_300_C0G • 6/25/2015 8 Radial Leaded Multilayer Ceramic Capacitors High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 – 3,000 VDC (Commercial Grade) Table 1B – C32X Style/Size, Capacitance Range Waterfall cont'd Table 1C – C32X Style/Size, Capacitance Range Waterfall TheseproductsareprotectedunderoneormoreofthefollowingUnitedStatesPatentsandtheirnon-UScounterparts:USPat.No.7172985;U.S.Pat.No.7670981. C321, C324, C325, C327 Style/Size (0.100", 0.200" & 0.250" Lead Spacing) Rated Voltage (VDC) 500 630 1000 1500 2000 Voltage Code C B D F G Capacitance Capacitance Tolerance Capacitance Code (Available Capacitance) 10pF F = ±1% G = ±2% J = ±5% K = ±10% 100 100 100 100 100 11pF 110 110 110 110 110 12pF 120 120 120 120 120 13pF 130 130 130 130 130 15pF 150 150 150 150 150 16pF 160 160 160 160 160 18pF 180 180 180 180 180 20pF 200 200 200 200 200 22pF 220 220 220 220 220 24pF 240 240 240 240 240 27pF 270 270 270 270 270 30pF 300 300 300 300 300 33pF 330 330 330 330 330 36pF 360 360 360 360 360 39pF 390 390 390 390 390 43pF 430 430 430 430 430 47pF 470 470 470 470 470 51pF 510 510 510 510 510 56pF 560 560 560 560 560 62pF 620 620 620 620 620 68pF 680 680 680 680 680 75pF 750 750 750 750 750 82pF 820 820 820 820 820 91pF 910 910 910 910 910 100pF 101 101 101 101 101 110pF 111 111 111 111 111 120pF 121 121 121 121 121 Rated Voltage (VDC) 500 630 1000 1500 2000 Voltage Code C B D F G C320, C322, C323, C326, C328 Style/Size (0.100" and 0.200" Lead Spacing) Rated Voltage (VDC) 500 630 1000 1500 2000 Voltage Code C B D F G Capacitance Capacitance Tolerance Capacitance Code (Available Capacitance) 2400pF F = ±1% G = ±2% J = ±5% K = ±10% 242 242 242 2700pF 272 272 272 3000pF 302 302 3300pF 332 332 3600pF 362 362 3900pF 392 392 4300pF 432 432 4700pF 472 472 5100pF 512 512 5600pF 562 562 6200pF 622 622 6800pF 682 682 7500pF 752 8200pF 822 Rated Voltage (VDC) 500 630 1000 1500 2000 Voltage Code C B D F G |
Similar Part No. - C321C322CZG5HA7301 |
|
Similar Description - C321C322CZG5HA7301 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |