Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78L00A Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC78L00A
Description  100 mA Positive Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L00A Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC78L00A_15 Datasheet HTML 5Page - ON Semiconductor MC78L00A_15 Datasheet HTML 6Page - ON Semiconductor MC78L00A_15 Datasheet HTML 7Page - ON Semiconductor MC78L00A_15 Datasheet HTML 8Page - ON Semiconductor MC78L00A_15 Datasheet HTML 9Page - ON Semiconductor MC78L00A_15 Datasheet HTML 10Page - ON Semiconductor MC78L00A_15 Datasheet HTML 11Page - ON Semiconductor MC78L00A_15 Datasheet HTML 12Page - ON Semiconductor MC78L00A_15 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MC78L00A Series, NCV78L00A
www.onsemi.com
9
ORDERING INFORMATION
Device
Output Voltage
Operating
Temperature Range
Package
Shipping
MC78L05ABDG
5.0 V
TJ = −40° to +125°C
SOIC−8
(Pb−Free)
98 Units / Rail
NCV78L05ABDG*
5.0 V
TJ = −40° to +125°C
SOIC−8
(Pb−Free)
98 Units / Rail
MC78L05ABDR2G
5.0 V
TJ = −40° to +125°C
SOIC−8
(Pb−Free)
2500 / Tape & Reel
NCV78L05ABDR2G*
5.0 V
TJ = −40° to +125°C
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC78L05ABPG
5.0 V
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 Units / Bag
NCV78L05ABPG*
5.0 V
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 Units / Bag
MC78L05ABPRAG
5.0 V
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 / Tape & Reel
NCV78L05ABPRAG*
5.0 V
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 / Tape & Reel
MC78L05ABPREG
5.0 V
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 / Tape & Reel
NCV78L05ABPREG*
5.0 V
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 / Tape & Reel
MC78L05ABPRMG
5.0 V
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 / Ammo Pack
NCV78L05ABPRMG*
5.0 V
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 / Ammo Pack
NCV78L05ABPRPG*
5.0 V
TJ = −40° to +125°C
TO−92
(Pb−Free)
2000 / Ammo Pack
MC78L05ACDG
5.0 V
TJ = 0° to +125°C
SOIC−8
(Pb−Free)
98 Units / Rail
MC78L05ACDR2G
5.0 V
TJ = 0° to +125°C
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC78L05ACPG
5.0 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 Units / Bag
MC78L05ACPRAG
5.0 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 / Tape & Reel
MC78L05ACPREG
5.0 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 / Tape & Reel
MC78L05ACPRMG
5.0 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 / Ammo Pack
MC78L05ACPRPG
5.0 V
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 / Ammo Pack
MC78L05ACHT1G
5.0 V
TJ = 0° to +125°C
SOT−89
(Pb−Free)
2500 / Tape & Reel
MC78L08ABDG
8.0 V
TJ = −40° to +125°C
SOIC−8
(Pb−Free)
98 Units / Rail
*NCV78L05A, NCV78L12A, NCV78L15A: Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV Prefix for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifica-
tions Brochure, BRD8011/D.


Similar Part No. - MC78L00A_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_10 Datasheet
194Kb / 18P
   100 mA Positive Voltage Regulators
January, 2010 ??Rev. 15
More results

Similar Description - MC78L00A_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_10 Datasheet
194Kb / 18P
   100 mA Positive Voltage Regulators
January, 2010 ??Rev. 15
MC78L18ABPG ONSEMI-MC78L18ABPG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
logo
Suntac Electronic Corp.
STC78L00 SUNTAC-STC78L00 Datasheet
111Kb / 7P
   100 mA Positive oltage Regulators
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com