Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV78L05ABPRMG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV78L05ABPRMG
Description  100 mA Positive Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV78L05ABPRMG Datasheet(HTML) 2 Page - ON Semiconductor

  NCV78L05ABPRMG Datasheet HTML 1Page - ON Semiconductor NCV78L05ABPRMG Datasheet HTML 2Page - ON Semiconductor NCV78L05ABPRMG Datasheet HTML 3Page - ON Semiconductor NCV78L05ABPRMG Datasheet HTML 4Page - ON Semiconductor NCV78L05ABPRMG Datasheet HTML 5Page - ON Semiconductor NCV78L05ABPRMG Datasheet HTML 6Page - ON Semiconductor NCV78L05ABPRMG Datasheet HTML 7Page - ON Semiconductor NCV78L05ABPRMG Datasheet HTML 8Page - ON Semiconductor NCV78L05ABPRMG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MC78L00A Series, NCV78L00A
www.onsemi.com
2
Figure 2. Standard Application
A common ground is required between the input and the output voltages. The input voltage must remain typically 2.0 V above the output
voltage even during the low point on the input ripple voltage.
* Cin is required if regulator is located an appreciable distance from power supply filter.
** CO is not needed for stability; however, it does improve transient response.
MC78LXXA
Input
Cin*
0.33
mF
CO**
0.1
mF
Output
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (5.0 V−9.0 V)
Input Voltage (12 V−18 V)
Input Voltage (24 V)
VI
30
35
40
Vdc
Storage Temperature Range
Tstg
−65 to +150
°C
Maximum Junction Temperature
TJ
150
°C
Moisture Sensitivity Level
MSL
1
ESD Capability, Human Body Model (Note 1)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 1)
ESDMM
200
V
ESD Capability, Charged Device Model (Note 1)
ESDCDM
2000
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
ESD Charged Device Model tested per EIA/JES D22/C101, Field Induced Charge Model.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Package Dissipation
PD
Internally Limited
W
Thermal Characteristics, TO−92
Thermal Resistance, Junction−to−Ambient
RqJA
200
°C/W
Thermal Characteristics, SOIC8
Thermal Resistance, Junction−to−Ambient
RqJA
Refer to Figure 8
°C/W
Thermal Characteristics, SOT−89
Thermal Resistance, Junction−to−Ambient
RqJA
55
°C/W
2. Thermal Resistance, Junction−to−Ambient depends on P.C.B. Copper area. See details in Figure 8.
Thermal Resistance, Junction−to−Case is not defined. SOIC 8 lead and TO-92 packages that do not have a heat sink like other packages
may have. This is the reason that a Theta JC is never specified. A little heat transfer will occur through the package but since it is plastic, it is
minimal. The majority of the heat that is transferred is through the leads where they connect to the circuit board.


Similar Part No. - NCV78L05ABPRMG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV78L05ABPRMG ONSEMI-NCV78L05ABPRMG Datasheet
194Kb / 18P
   100 mA Positive Voltage Regulators
January, 2010 ??Rev. 15
NCV78L05ABPRMG ONSEMI-NCV78L05ABPRMG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
More results

Similar Description - NCV78L05ABPRMG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_10 Datasheet
194Kb / 18P
   100 mA Positive Voltage Regulators
January, 2010 ??Rev. 15
MC78L18ABPG ONSEMI-MC78L18ABPG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
logo
Suntac Electronic Corp.
STC78L00 SUNTAC-STC78L00 Datasheet
111Kb / 7P
   100 mA Positive oltage Regulators
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com