Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78LC40HT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC78LC40HT1G
Description  Micropower Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78LC40HT1G Datasheet(HTML) 5 Page - ON Semiconductor

  MC78LC40HT1G Datasheet HTML 1Page - ON Semiconductor MC78LC40HT1G Datasheet HTML 2Page - ON Semiconductor MC78LC40HT1G Datasheet HTML 3Page - ON Semiconductor MC78LC40HT1G Datasheet HTML 4Page - ON Semiconductor MC78LC40HT1G Datasheet HTML 5Page - ON Semiconductor MC78LC40HT1G Datasheet HTML 6Page - ON Semiconductor MC78LC40HT1G Datasheet HTML 7Page - ON Semiconductor MC78LC40HT1G Datasheet HTML 8Page - ON Semiconductor MC78LC40HT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC78LC00 Series
www.onsemi.com
5
Vin, Input Voltage (V)
2.5
3.2
TA = 25°C
IO = 10 mA
3
2.8
2.6
2.4
2.2
2.7
3.5
2.9
3.1
3.3
Figure 2. Output Voltage versus Input Voltage
IO = 5 mA
2.3
2.5
2.7
2.9
3.1
IO = 1 mA
NTR Series
2.5
3.2
Figure 3. Output Voltage versus Input Voltage
TA = 25°C
IO = 1.0 mA
IO = 5.0 mA
IO = 10 mA
3.0
2.8
2.6
2.4
2.2
2.7
3.5
2.9
3.1
3.3
MC78LC30HT1
2.95
2.85
3
2.8
2.9
2.6
3.05
IO, Output Current (mA)
Figure 4. Output Voltage versus Output Current
080
60
40
100
20
120
25
°C
80
°C
−40
°C
2.75
2.7
2.65
NTR Series
0
3.2
IO, Output Current (mA)
Figure 5. Output Voltage versus Output Current
TA = 80°C
TA = −30°C
TA = 25°C
3.1
3.0
2.9
2.8
2.7
0
20
40
60
80
100
120
MC78LC30HT1
0
2
1.8
1.6
1.4
40
30
20
1.2
1
0.8
0.2
0
10
50
IO, Output Current (mA)
Figure 6. Dropout Voltage versus Output Current
MC78LC30NTR
TA = 25°C
0.6
0.4
0
2.0
Figure 7. Dropout Voltage versus Output Current
1.6
1.2
0.8
0.4
0
10
20
30
40
50
MC78LC30HT1
TA = 25°C
Vin, Input Voltage (V)
IO, Output Current (mA)


Similar Part No. - MC78LC40HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78LC40HT1G ONSEMI-MC78LC40HT1G Datasheet
104Kb / 14P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
March, 2005 ??Rev. 8
MC78LC40HT1G ONSEMI-MC78LC40HT1G Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78LC40HT1G ONSEMI-MC78LC40HT1G Datasheet
148Kb / 12P
   Micropower Voltage Regulator
January, 2009 ??Rev. 10
More results

Similar Description - MC78LC40HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78BC00 ONSEMI-MC78BC00 Datasheet
60Kb / 8P
   Micropower Voltage Regulator
January, 2003 - Rev. 4
MC78FC00 ONSEMI-MC78FC00 Datasheet
55Kb / 8P
   Micropower Voltage Regulator
April, 2001 ??Rev. 2
MC78LC00 ONSEMI-MC78LC00_09 Datasheet
148Kb / 12P
   Micropower Voltage Regulator
January, 2009 ??Rev. 10
MC78LC00 ONSEMI-MC78LC00_06 Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78FC00 ONSEMI-MC78FC00_09 Datasheet
145Kb / 5P
   Micropower Voltage Regulator
December, 2009 ??Rev. 7
logo
Texas Instruments
SM72238 TI1-SM72238_14 Datasheet
1Mb / 17P
[Old version datasheet]   Micropower Voltage Regulator
logo
Fairchild Semiconductor
RC2951 FAIRCHILD-RC2951 Datasheet
103Kb / 11P
   Adjustable Micropower Voltage Regulator
logo
National Semiconductor ...
SM72238 NSC-SM72238 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
logo
ON Semiconductor
MC33275 ONSEMI-MC33275 Datasheet
197Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
MC33375 ONSEMI-MC33375 Datasheet
213Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com