Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78M05ABTG Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC78M05ABTG
Description  500 mA Positive Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78M05ABTG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC78M05ABTG Datasheet HTML 5Page - ON Semiconductor MC78M05ABTG Datasheet HTML 6Page - ON Semiconductor MC78M05ABTG Datasheet HTML 7Page - ON Semiconductor MC78M05ABTG Datasheet HTML 8Page - ON Semiconductor MC78M05ABTG Datasheet HTML 9Page - ON Semiconductor MC78M05ABTG Datasheet HTML 10Page - ON Semiconductor MC78M05ABTG Datasheet HTML 11Page - ON Semiconductor MC78M05ABTG Datasheet HTML 12Page - ON Semiconductor MC78M05ABTG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MC78M00, MC78M00A, NCV78M00 Series
www.onsemi.com
9
APPLICATIONS INFORMATION
Design Considerations
The MC78M00/MC78M00A Series of fixed voltage
regulators are designed with Thermal Overload Protection
that shuts down the circuit when subjected to an excessive
power overload condition, Internal Short Circuit Protection
that limits the maximum current the circuit will pass, and
Output Transistor Safe−Area Compensation that reduces the
output short circuit current as the voltage across the pass
transistor is increased.
In
many
low
current
applications,
compensation
capacitors are not required. However, it is recommended
that the regulator input be bypassed with a capacitor if the
regulator is connected to the power supply filter with long
wire lengths, or if the output load capacitance is large. An
input bypass capacitor should be selected to provide good
high frequency characteristics to insure stable operation
under all load conditions. A 0.33
mF or larger tantalum,
mylar, or other capacitor having low internal impedance at
high frequencies should be chosen. The bypass capacitor
should be mounted with the shortest possible leads directly
across the regulator’s input terminals. Normally good
construction techniques should be used to minimize ground
loops and lead resistance drops since the regulator has no
external sense lead.
The addition of an operational amplifier allows adjustment to higher
or intermediate values while retaining regulation characteristics.
The minimum voltage obtainable with this arrangement is 2.0 V
greater than the regulator voltage.
Input
MC78M05C
Output
0.33
mF
10 k
MC1741
7
6
4
1.0 k
0.1
mF
3
2
The MC78M00 series can be current boosted with a PNP
transistor. The MJ2955 provides current to 5.0 A. Resistor R in
conjunction with the VBE of the PNP determines when the pass
transistor begins conducting; this circuit is not short circuit
proof. Input-output differential voltage minimum is increased
by VBE of the pass transistor.
XX = 2 digits of type number indicating voltage.
MC78MXXC
Input
Output
R
1.0
mF
MJ2955 or Equiv.
1.0
mF
The circuit of Figure 12 can be modified to provide supply protection
against short circuits by adding a short circuit sense resistor, Rsc,
and an additional PNP transistor. The current sensing PNP must be
able to handle the short circuit current of the three-terminal
regulator .Therefore, a 4.0 A plastic power transistor is specified.
XX = 2 digits of type number indicating voltage.
1.0
mF
MC78MXXC
MJ2955
or Equiv.
Input
Output
RSC
R
2N6049
or Equiv.
VO, 7.0 V to 20 V
Vin-Vout ≥ 2.0 V
*
+
Figure 10. Current Regulator
The MC78M00 regulators can also be used as a current source
when connected as above. In order to minimize dissipation the
MC78M05C is chosen in this application. Resistor R determines
the current as follows:
For example, a 500 mA current source would require R to be a
10
W, 10 W resistor and the output voltage compliance would be
the input voltage less 7.0 V.
IO =
5.0 V
R
+ IIB
IIB = 1.5 mA over line and load changes.
Input
0.33
mF
R
IO
MC78M05C
Constant
Current to
Grounded
Load
Figure 11. Adjustable Output Regulator
Figure 12. Current Boost Regulator
Figure 13. Current Boost with
Short Circuit Protection


Similar Part No. - MC78M05ABTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78M05ABTG ONSEMI-MC78M05ABTG Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M05ABTG ONSEMI-MC78M05ABTG Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M05ABTG ONSEMI-MC78M05ABTG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
More results

Similar Description - MC78M05ABTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00 Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M00 ONSEMI-MC78M00_V01 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
NCV78M12BDTRKG ONSEMI-NCV78M12BDTRKG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
logo
Texas Instruments
LM341 TI1-LM341_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com