Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2950CDT-3.3RKG Datasheet(PDF) 7 Page - ON Semiconductor

Part # LP2950CDT-3.3RKG
Description  100 mA, Low Power Low Dropout Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2950CDT-3.3RKG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LP2950CDT-3.3RKG Datasheet HTML 3Page - ON Semiconductor LP2950CDT-3.3RKG Datasheet HTML 4Page - ON Semiconductor LP2950CDT-3.3RKG Datasheet HTML 5Page - ON Semiconductor LP2950CDT-3.3RKG Datasheet HTML 6Page - ON Semiconductor LP2950CDT-3.3RKG Datasheet HTML 7Page - ON Semiconductor LP2950CDT-3.3RKG Datasheet HTML 8Page - ON Semiconductor LP2950CDT-3.3RKG Datasheet HTML 9Page - ON Semiconductor LP2950CDT-3.3RKG Datasheet HTML 10Page - ON Semiconductor LP2950CDT-3.3RKG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LP2950, LP2951, NCV2951
www.onsemi.com
7
T, TEMPERATURE (
°C)
0
8.0
-50
550
-100
4.70
5.0
0.1
400
t, TIME (
ms)
t, TIME (
ms)
Vin, INPUT VOLTAGE (V)
IO, OUTPUT CURRENT (mA)
1.0
10
100
0
50
100
150
4.74
4.78
4.82
4.86
100
200
300
4.90
400
500
600
700
800
0
100
200
300
400
300
200
0
500
450
400
300
7.5
7.0
6.5
6.0
5.5
4.0
3.0
1.0
0
5.0
3.0
1.0
-1.0
RL = 50
Vin Decreasing
Vin Increasing
Vin
Vout
RL = 50 k
TA = 25°C
CL = 1.0 mF
IL = 1.0 mA
VO = 5.0 V
TA = 25°C
IL = 10 mA
Vin = 8.0 V
Vout = 5.0 V
CL = 10 mF
Shutdown Input
350
55
50
45
40
30
35
350
250
150
100
2.0
4.0
2.0
0
-2.0
-6.0
-4.0
6.0
4.0
2.0
0
50
CL = 1.0 mF
TA = 25°C
LP2951C
RL = 330 k
TA = 25°C
0
250
Vin, INPUT VOLTAGE (V)
Figure 6. Input Current
5.0
10
15
20
25
200
150
100
50
0
0.1 mA Load Current
No Load
Figure 7. Dropout Voltage versus Output Current
Figure 8. Dropout Voltage versus Temperature
Figure 9. Error Comparator Output
Figure 10. Line Transient Response
Figure 11. LP2951 Enable Transient


Similar Part No. - LP2950CDT-3.3RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2950CDT-3.3RKG ONSEMI-LP2950CDT-3.3RKG Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
LP2950CDT-3.3RKG ONSEMI-LP2950CDT-3.3RKG Datasheet
193Kb / 22P
   Low Power Low Dropout Voltage Regulator
January, 2018 ??Rev. 30
More results

Similar Description - LP2950CDT-3.3RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_06 Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
LP2951ACDG ONSEMI-LP2951ACDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDR2G ONSEMI-LP2951ACDR2G Datasheet
257Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
September, 2011 ??Rev. 25
LP2951CDG ONSEMI-LP2951CDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDR2G ONSEMI-LP2951CDR2G Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDM-33R2 ONSEMI-LP2951ACDM-33R2 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDMR2 ONSEMI-LP2951CDMR2 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDMR2G ONSEMI-LP2951ACDMR2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2950ACDT-5RKG ONSEMI-LP2950ACDT-5RKG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
NCV2951CDR2G ONSEMI-NCV2951CDR2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACD-33R2G ONSEMI-LP2951ACD-33R2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com