Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951ACD-3.3R2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # LP2951ACD-3.3R2G
Description  100 mA, Low Power Low Dropout Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2951ACD-3.3R2G Datasheet(HTML) 5 Page - ON Semiconductor

  LP2951ACD-3.3R2G Datasheet HTML 1Page - ON Semiconductor LP2951ACD-3.3R2G Datasheet HTML 2Page - ON Semiconductor LP2951ACD-3.3R2G Datasheet HTML 3Page - ON Semiconductor LP2951ACD-3.3R2G Datasheet HTML 4Page - ON Semiconductor LP2951ACD-3.3R2G Datasheet HTML 5Page - ON Semiconductor LP2951ACD-3.3R2G Datasheet HTML 6Page - ON Semiconductor LP2951ACD-3.3R2G Datasheet HTML 7Page - ON Semiconductor LP2951ACD-3.3R2G Datasheet HTML 8Page - ON Semiconductor LP2951ACD-3.3R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LP2950, LP2951, NCV2951
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued)
(Vin = VO + 1.0 V, IO = 100 mA, CO = 1.0 mF, TA = 25°C [Note 8], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Line Regulation (Vin = VO(nom) +1.0 V to 30 V) (Note 9)
Regline
%
LP2950C−XX/LP2951C/LP2951C−XX/NCV2951C*
0.08
0.20
LP2950AC−XX/LP2951AC/LP2951AC−XX/NCV2951AC*
0.04
0.10
Load Regulation (IO = 100 mA to 100 mA)
Regload
%
LP2950C−XX/LP2951C/LP2951C−XX/NCV2951C*
0.13
0.20
LP2950AC−XX/LP2951AC/LP2951AC−XX/NCV2951AC*
0.05
0.10
Dropout Voltage
VI − VO
mV
IO = 100 mA
30
80
IO = 100 mA
350
450
Supply Bias Current
ICC
IO = 100 mA
93
120
mA
IO = 100 mA
4.0
12
mA
Dropout Supply Bias Current (Vin = VO(nom) − 0.5 V,
IO = 100 mA) (Note 9)
ICCdropout
110
170
mA
Current Limit (VO Shorted to Ground)
ILimit
220
300
mA
Thermal Regulation
Regthermal
0.05
0.20
%/W
Output Noise Voltage (10 Hz to 100 kHz) (Note 10)
Vn
mVrms
CL = 1.0 mF
126
CL = 100 mF
56
LP2951A/LP2951AC Only
Reference Voltage (TA = 25°C)
Vref
V
LP2951C/LP2951C−XX/NCV2951C*
1.210
1.235
1.260
LP2951AC/LP2951AC−XX/NCV2951AC*
1.220
1.235
1.250
Reference Voltage (TA = − 40 to +125°C)
Vref
V
LP2951C/LP2951C−XX/NCV2951C*
1.200
1.270
LP2951AC/LP2951AC−XX/NCV2951AC*
1.200
1.260
Reference Voltage (TA = − 40 to +125°C)
Vref
V
IO = 100 mA to 100 mA, Vin = 23 to 30 V
LP2951C/LP2951C−XX/NCV2951C*
1.185
1.285
LP2951AC/LP2951AC−XX/NCV2951AC*
1.190
1.270
Feedback Pin Bias Current
IFB
15
40
nA
Error Comparator
Output Leakage Current (VOH = 30 V)
Ilkg
0.01
1.0
mA
Output Low Voltage (Vin = 4.5 V, IOL = 400 mA)
VOL
150
250
mV
Upper Threshold Voltage (Vin = 6.0 V)
Vthu
40
45
mV
Lower Threshold Voltage (Vin = 6.0 V)
Vthl
60
95
mV
Hysteresis (Vin = 6.0 V)
Vhy
15
mV
Shutdown Input
Input Logic Voltage
Vshtdn
V
Logic “0” (Regulator “On”)
0
0.7
Logic “1” (Regulator “Off”)
2.0
30
Shutdown Pin Input Current
Ishtdn
mA
Vshtdn = 2.4 V
35
50
Vshtdn = 30 V
450
600
Regulator Output Current in Shutdown Mode
Ioff
3.0
10
mA
(Vin = 30 V, Vshtdn = 2.0 V, VO = 0, Pin 6 Connected to Pin 7)
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. The Junction−to−Ambient Thermal Resistance is determined by PCB copper area per Figure 29.
7. ESD data available upon request.
8. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
9. VO(nom) is the part number voltage option.
10. Noise tests on the LP2951 are made with a 0.01
mF capacitor connected across Pins 7 and 1.
*NCV prefix is for automotive and other applications requiring site and change control.


Similar Part No. - LP2951ACD-3.3R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2951ACD-3.3 ONSEMI-LP2951ACD-3.3 Datasheet
289Kb / 16P
   Micropower Voltage Regulators
October, 1999 ??Rev. 5
LP2951ACD-3.3 ONSEMI-LP2951ACD-3.3 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACD-3.3 ONSEMI-LP2951ACD-3.3 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results

Similar Description - LP2951ACD-3.3R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_06 Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
LP2951ACDG ONSEMI-LP2951ACDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDR2G ONSEMI-LP2951ACDR2G Datasheet
257Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
September, 2011 ??Rev. 25
LP2951CDG ONSEMI-LP2951CDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDR2G ONSEMI-LP2951CDR2G Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDM-33R2 ONSEMI-LP2951ACDM-33R2 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDMR2 ONSEMI-LP2951CDMR2 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDMR2G ONSEMI-LP2951ACDMR2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2950ACDT-5RKG ONSEMI-LP2950ACDT-5RKG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
NCV2951CDR2G ONSEMI-NCV2951CDR2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACD-33R2G ONSEMI-LP2951ACD-33R2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com