Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV78L15ABDR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV78L15ABDR2G
Description  100 mA Positive Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV78L15ABDR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV78L15ABDR2G Datasheet HTML 1Page - ON Semiconductor NCV78L15ABDR2G Datasheet HTML 2Page - ON Semiconductor NCV78L15ABDR2G Datasheet HTML 3Page - ON Semiconductor NCV78L15ABDR2G Datasheet HTML 4Page - ON Semiconductor NCV78L15ABDR2G Datasheet HTML 5Page - ON Semiconductor NCV78L15ABDR2G Datasheet HTML 6Page - ON Semiconductor NCV78L15ABDR2G Datasheet HTML 7Page - ON Semiconductor NCV78L15ABDR2G Datasheet HTML 8Page - ON Semiconductor NCV78L15ABDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MC78L00A Series, NCV78L00A
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (VI = 15 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, −40°C < TJ < +125°C (for MC78LXXAB),
0
°C < TJ < +125°C (for MC78LXXAC), unless otherwise noted.)
MC78L09AC, AB
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
8.6
9.0
9.4
Vdc
Line Regulation
(TJ = +25°C, IO = 40 mA)
11.5 Vdc
≤ VI ≤ 24 Vdc
12 Vdc
≤ VI ≤ 24 Vdc
Regline
20
12
175
125
mV
Load Regulation
(TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA)
(TJ = +25°C, 1.0 mA ≤ IO ≤ 40 mA)
Regload
15
8.0
90
40
mV
Output Voltage
(11.5 Vdc
≤ VI ≤ 24 Vdc, 1.0 mA ≤ IO ≤ 40 mA)
(VI = 15 V, 1.0 mA ≤ IO ≤ 70 mA)
VO
8.5
8.5
9.5
9.5
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
3.0
6.0
5.5
mA
Input Bias Current Change
(11 Vdc
≤ VI ≤ 23 Vdc)
(1.0 mA
≤ IO ≤ 40 mA)
DIIB
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
60
mV
Ripple Rejection (IO = 40 mA,
f = 120 Hz, 13 V
≤ VI ≤ 24 V, TJ = +25°C)
RR
37
57
dB
Dropout Voltage
(TJ = +25°C)
VI − VO
1.7
Vdc
ELECTRICAL CHARACTERISTICS (VI = 19 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, −40°C < TJ < +125°C (for MC78LXXAB),
0
°C < TJ < +125°C (for MC78LXXAC), unless otherwise noted.)
MC78L12AC, AB
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
11.5
12
12.5
Vdc
Line Regulation
(TJ = +25°C, IO = 40 Ma)
14.5 Vdc
≤ VI ≤ 27 Vdc
16 Vdc
≤ VI ≤ 27 Vdc
Regline
120
100
250
200
mV
Load Regulation
(TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA)
(TJ = +25°C, 1.0 mA ≤ IO ≤ 40 mA)
Regload
20
10
100
50
mV
Output Voltage
(14.5 Vdc
≤ VI ≤ 27 Vdc, 1.0 mA ≤ IO ≤ 40 mA)
(VI = 19 V, 1.0 mA ≤ IO ≤ 70 mA)
VO
11.4
11.4
12.6
12.6
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
4.2
6.5
6.0
mA
Input Bias Current Change
(16 Vdc
≤ VI ≤ 27 Vdc)
(1.0 mA
≤ IO ≤ 40 mA)
DIIB
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
80
mV
Ripple Rejection
(IO = 40 mA, f = 120 Hz, 15 V ≤ VI ≤ 25 V, TJ = +25°C)
RR
37
42
dB
Dropout Voltage
(TJ = +25°C)
VI − VO
1.7
Vdc


Similar Part No. - NCV78L15ABDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV78L15ABDR2G ONSEMI-NCV78L15ABDR2G Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
NCV78L15ABDR2G ONSEMI-NCV78L15ABDR2G Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
More results

Similar Description - NCV78L15ABDR2G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_10 Datasheet
194Kb / 18P
   100 mA Positive Voltage Regulators
January, 2010 ??Rev. 15
MC78L18ABPG ONSEMI-MC78L18ABPG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
logo
Suntac Electronic Corp.
STC78L00 SUNTAC-STC78L00 Datasheet
111Kb / 7P
   100 mA Positive oltage Regulators
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com