Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7905BD2T Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC7905BD2T
Description  1.0 A Negative Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7905BD2T Datasheet(HTML) 2 Page - ON Semiconductor

  MC7905BD2T Datasheet HTML 1Page - ON Semiconductor MC7905BD2T Datasheet HTML 2Page - ON Semiconductor MC7905BD2T Datasheet HTML 3Page - ON Semiconductor MC7905BD2T Datasheet HTML 4Page - ON Semiconductor MC7905BD2T Datasheet HTML 5Page - ON Semiconductor MC7905BD2T Datasheet HTML 6Page - ON Semiconductor MC7905BD2T Datasheet HTML 7Page - ON Semiconductor MC7905BD2T Datasheet HTML 8Page - ON Semiconductor MC7905BD2T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC7900 Series
http://onsemi.com
2
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage (−5.0 V ≥ VO ≥ −18 V)
Input Voltage (24 V)
VI
−35
−40
Vdc
Power Dissipation
Case 221A
TA = +25°C
PD
Internally Limited
W
Thermal Resistance, Junction−to−Ambient
qJA
65
°C/W
Thermal Resistance, Junction−to−Case
qJC
5.0
°C/W
Case 936 (D2PAK)
TA = +25°C
PD
Internally Limited
W
Thermal Resistance, Junction−to−Ambient
qJA
70
°C/W
Thermal Resistance, Junction−to−Case
qJC
5.0
°C/W
Storage Junction Temperature Range
Tstg
−65 to +150
°C
Junction Temperature
TJ
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
*This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL_STD_883, Method 3015
Machine Model Method 200 V
MC7905B, MC7905C
ELECTRICAL CHARACTERISTICS (VI = −10 V, IO = 500 mA, Tlow* < TJ < +125°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
−4.8
−5.0
−5.2
Vdc
Line Regulation (Note 1)
(TJ = +25°C, IO = 100 mA)
−7.0 Vdc ≥ VI ≥ −25 Vdc
−8.0 Vdc ≥ VI ≥ −12 Vdc
(TJ = +25°C, IO = 500 mA)
−7.0 Vdc ≥ VI ≥ −25 Vdc
−8.0 Vdc ≥ VI ≥ −12 Vdc
Regline
7.0
2.0
35
8.0
50
25
100
50
mV
Load Regulation, TJ = +25°C (Note 1)
5.0 mA ≤ IO ≤ 1.5 A
250 mA ≤ IO ≤ 750 mA
Regload
11
4.0
100
50
mV
Output Voltage
−7.0 Vdc ≥ VI ≥ −20 Vdc, 5.0 mA ≤ IO ≤ 1.0 A, P ≤ 15 W
VO
−4.75
−5.25
Vdc
Input Bias Current (TJ = +25°C)
IIB
4.3
8.0
mA
Input Bias Current Change
−7.0 Vdc ≥ VI ≥ −25 Vdc
5.0 mA ≤ IO ≤ 1.5 A
DIIB
1.3
0.5
mA
Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
40
mV
Ripple Rejection (IO = 20 mA, f = 120 Hz)
RR
70
dB
Dropout Voltage
IO = 1.0 A, TJ = +25°C
VI−VO
1.3
Vdc
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA, Tlow* ≤ TJ ≤ +125°C
DVO/DT
−1.0
mV/°C
1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
*Tlow = −40°C for MC7905B and Tlow = 0°C for MC7905C.


Similar Part No. - MC7905BD2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7905BD2T ONSEMI-MC7905BD2T Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
logo
Motorola, Inc
MC7905BD2T MOTOROLA-MC7905BD2T Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC7905BD2T ONSEMI-MC7905BD2T Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7905BD2T ONSEMI-MC7905BD2T Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7905BD2TG ONSEMI-MC7905BD2TG Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
More results

Similar Description - MC7905BD2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7900 ONSEMI-MC7900_05 Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7900 ONSEMI-MC7900_06 Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7900 ONSEMI-MC7900 Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
MC7900 ONSEMI-MC7900_V01 Datasheet
300Kb / 15P
   Negative Voltage Regulators 1.0 A
October, 2021 - Rev. 21
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com