Electronic Components Datasheet Search |
|
MC34166TG Datasheet(PDF) 11 Page - ON Semiconductor |
|
MC34166TG Datasheet(HTML) 11 Page - ON Semiconductor |
11 / 18 page MC34166, MC33166 http://onsemi.com 11 4 2 1 5 3 + CF RF R2 3.3 k R1 EA Reference Thermal Oscillator S R Q PWM UVLO ILIMIT Vin 12 V Cin 330 2.4 k 4.7 k 0.47 Q1 + CO 2200 VO −12 V/1.0 A D1 1N5822 L 190 mH C1 0.047 + + Test Conditions Results Line Regulation Vin = 8.0 V to 24 V, IO = 1.0 A 3.0 mV = ± 0.01% Load Regulation Vin = 12 V, IO = 0.1 A to 1.0 A 4.0 mV = ± 0.017% Output Ripple Vin = 12 V, IO = 1.0 A 80 mVpp Short Circuit Current Vin = 12 V, RL = 0.1 W 3.74 A Efficiency Vin = 12 V, IO = 1.0 A 81.2% L = Coilcraft M1496−A or General Magnetics Technology GMT−0223, 42 turns of #16 AWG on Magnetics Inc. 58350−A2 core. Heatsink = AAVID Engineering Inc. 5903B, or 5930B. Two potential problems arise when designing the standard voltage−inverting converter with the MC34166. First, the Switch Output emitter is limited to −1.5 V with respect to the ground pin and second, the Error Amplifier’s noninverting input is internally committed to the reference and is not pinned out. Both of these problems are resolved by connecting the IC ground pin to the converter’s negative output as shown in Figure 23. This keeps the emitter of Q1 positive with respect to the ground pin and has the effect of reversing the Error Amplifier inputs. Note that the voltage drop across R1 is equal to 5.05 V when the output is in regulation. Figure 23. Voltage−Inverting Converter + + + + + + + + + + + + Figure 24. Voltage−Inverting Converter Printed Circuit Board and Component Layout (Bottom View) (Top View) 3.0 ″ Vin VO CF RF +− + − + + |
Similar Part No. - MC34166TG |
|
Similar Description - MC34166TG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |