Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP603SN500T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP603SN500T1G
Description  300 mA High Performance CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP603SN500T1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP603SN500T1G Datasheet HTML 3Page - ON Semiconductor NCP603SN500T1G Datasheet HTML 4Page - ON Semiconductor NCP603SN500T1G Datasheet HTML 5Page - ON Semiconductor NCP603SN500T1G Datasheet HTML 6Page - ON Semiconductor NCP603SN500T1G Datasheet HTML 7Page - ON Semiconductor NCP603SN500T1G Datasheet HTML 8Page - ON Semiconductor NCP603SN500T1G Datasheet HTML 9Page - ON Semiconductor NCP603SN500T1G Datasheet HTML 10Page - ON Semiconductor NCP603SN500T1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NCP603
http://onsemi.com
7
TYPICAL CHARACTERISTICS
1.25 V
3.3 V
5.0 V
Figure 11. Output Voltage vs. Temperature
(5.0 V Fixed Output, Vin = 5.5 V)
Figure 12. Output Voltage vs. Temperature
(5.0 V Fixed Output, Vin = 6 V)
TA, TEMPERATURE (°C)
TA, TEMPERATURE (°C)
110
85
60
35
10
−15
−40
4.965
4.970
4.980
4.990
4.995
5.000
125
110
85
60
35
10
−15
−40
4.965
4.970
4.980
4.985
4.995
5.000
Figure 13. Dropout Voltage vs. Temperature
(Over Current Range)
Figure 14. Dropout Voltage vs. Temperature
(Over Output Voltage)
TA, TEMPERATURE (°C)
TA, TEMPERATURE (°C)
100
80
60
40
20
0
−20
−40
0
50
100
150
200
250
120
80
60
40
20
0
−20
−40
0
50
100
150
200
250
Figure 15. Output Voltage vs. Input Voltage
Figure 16. Enable Threshold vs. Temperature
Vin, INPUT VOLTAGE (V)
TA, TEMPERATURE (°C)
6.0
5.0
4.0
3.0
2.0
1.0
0
0
0.5
1.0
2.0
2.5
4.0
5.0
6.0
125
110
85
60
35
10
−15
−40
600
650
700
750
800
125
120
Iout = 1.0 mA
Iout = 150 mA
Iout = 1.0 mA
Iout = 150 mA
Iout = 1.0 mA
Iout = 150 mA
Vout = ADJ
Iout = 50 mA
100
Vout = 1.25 V
1.50 V
1.80 V
3.00 V
2.80 V
Iout = 0 mA
Cout = 1.0 mF
TA = 25°C
ENABLE = Vin
Vin = 5.5 V
Enable Increasing
Enable Decreasing
4.985
4.975
4.990
4.975
5.00 V
Iout = 150 mA
1.5
3.0
3.5
4.5
5.5
1.5 V
1.80 V
3.0 V
2.80 V


Similar Part No. - NCP603SN500T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP603SN500T1G ONSEMI-NCP603SN500T1G Datasheet
135Kb / 13P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection
November, 2007 - Rev. P1
More results

Similar Description - NCP603SN500T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
Microchip Technology
MCP1755 MICROCHIP-MCP1755_12 Datasheet
2Mb / 40P
   300 mA, 16V, High-Performance LDO
2012 11/29/12
logo
ON Semiconductor
NCP603 ONSEMI-NCP603 Datasheet
135Kb / 13P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection
November, 2007 - Rev. P1
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com