Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP130BMX120TCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP130BMX120TCG
Description  300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP130BMX120TCG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP130BMX120TCG Datasheet HTML 1Page - ON Semiconductor NCP130BMX120TCG Datasheet HTML 2Page - ON Semiconductor NCP130BMX120TCG Datasheet HTML 3Page - ON Semiconductor NCP130BMX120TCG Datasheet HTML 4Page - ON Semiconductor NCP130BMX120TCG Datasheet HTML 5Page - ON Semiconductor NCP130BMX120TCG Datasheet HTML 6Page - ON Semiconductor NCP130BMX120TCG Datasheet HTML 7Page - ON Semiconductor NCP130BMX120TCG Datasheet HTML 8Page - ON Semiconductor NCP130BMX120TCG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NCP130
www.onsemi.com
2
EN
CURRENT
LIMIT
THERMAL
LIMIT
UVLO
+
VOLTAGE
REFERENCE
IN
BIAS
GND
OUT
*Active
DISCHARGE
ENABLE
BLOCK
*Active output discharge function is present only in NCP130AMXyyyTCG devices.
yyy denotes the particular output voltage option.
Figure 2. Simplified Schematic Block Diagram
150
W
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
OUT
Regulated Output Voltage pin
2
N/C
Not internally connected
3
EN
Enable pin. Driving this pin high enables the regulator. Driving this pin low puts the regulator into shutdown mode.
4
BIAS
Bias voltage supply for internal control circuits. This pin is monitored by internal Under-Voltage Lockout Circuit.
5
GND
Ground pin
6
IN
Input Voltage Supply pin
Pad
Should be soldered to the ground plane for increased thermal performance.
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 to 6
V
Output Voltage
VOUT
−0.3 to (VIN+0.3) ≤ 6
V
Chip Enable and Bias Input
VEN, VBIAS
−0.3 to 6
V
Output Short Circuit Duration
tSC
unlimited
s
Maximum Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection (except OUT pin) and is tested by the following methods:
ESD Human Body Model tested per EIA/JESD22−A114
ESD Machine Model tested per EIA/JESD22−A115
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, XDFN6 1.2 mm x 1.2 mm Thermal Resistance, Junction−to−Air
RqJA
170
°C/W


Similar Part No. - NCP130BMX120TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP130BMX120TCG ONSEMI-NCP130BMX120TCG Datasheet
153Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2015 ??Rev. 1
More results

Similar Description - NCP130BMX120TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP130 ONSEMI-NCP130_15 Datasheet
153Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2015 ??Rev. 1
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
NCP720 ONSEMI-NCP720_17 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
NCP134 ONSEMI-NCP134_16 Datasheet
172Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
NCP145 ONSEMI-NCP145 Datasheet
279Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com