Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP606MN30T2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP606MN30T2G
Description  500mA, Low IGND, CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP606MN30T2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP606MN30T2G Datasheet HTML 1Page - ON Semiconductor NCP606MN30T2G Datasheet HTML 2Page - ON Semiconductor NCP606MN30T2G Datasheet HTML 3Page - ON Semiconductor NCP606MN30T2G Datasheet HTML 4Page - ON Semiconductor NCP606MN30T2G Datasheet HTML 5Page - ON Semiconductor NCP606MN30T2G Datasheet HTML 6Page - ON Semiconductor NCP606MN30T2G Datasheet HTML 7Page - ON Semiconductor NCP606MN30T2G Datasheet HTML 8Page - ON Semiconductor NCP606MN30T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NCP605, NCP606
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
Vin = (Vout + 0.5 V) or 1.5 V, whichever is higher, Cin = 1 mF, Cout = 1 mF, for typical values TA = 25°C, for min/max values TA = −40°C to
85°C; unless otherwise noted. (Notes 9 and 10)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Output voltage (Adjustable Version)
Vin = 1.75 V to 6 V
Iout = 1 mA to 500 mA
Vout
1.231
(−1.5%)
1.250
1.269
(+1.5%)
V
Output voltage (Fixed Versions)
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
5.0 V
Vin = (Vout + 0.5 V) to 6 V
Iout = 1 mA to 500 mA
Vout
1.470
1.764
2.450
2.744
2.940
3.234
4.900
(−2%)
1.5
1.8
2.5
2.8
3.0
3.3
5.0
1.530
1.836
2.550
2.856
3.060
3.366
5.100
(+2%)
V
Line regulation
Vin = (Vout + 0.5 V) to 6 V, Iout = 1 mA
Regline
4
10
mV
Load regulation
Iout = 1 mA to 500 mA
Regload
10
30
mV
Dropout voltage (Adjustable Version)
(Note 9)
VDO = Vin − Vout
Vout = 1.25 V
Iout = 500 mA
VDO
450
470
mV
Dropout voltage (Fixed Version)
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
5.0 V
VDO = Vin − (Vout − 0.1 V)
Iout = 500 mA
Vout = 0 V to 90% Vout(nom)
VDO
290
250
200
190
180
170
150
360
300
250
240
230
220
200
mV
Disable Current (NCP606 Only) (Note 10)
VEN = 0 V
IDIS
0.1
1
mA
Ground Current
Iout = 1 mA to 500 mA
IGND
145
180
mA
Current Limit (Note 11)
Vout = Vout(nom) − 10 %
ILIM
675
mA
Output Short Circuit Current
Vout = 0 V
ISC
700
1000
1350
mA
Enable Input Threshold Voltage
(NCP606 Only)
Voltage Increasing, Logic High
Voltage Decreasing, Logic Low
High
Low
Vth(EN)
0.9
0.4
V
Turn−on Time (Note 11)
1.25 V
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
5.0 V
Vin = 0 V to (Vout + 0.5 V) or 1.75 V,
whichever is higher
Vout = 0 V to 90% of Vout(nom)
ton
6
6
7
8
10
12
15
30
ms
Enable Time (NCP606 Only) (Note 11)
1.25 V
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
5.0 V
VEN = From 0 V to Vin
tEN
12
12
13
16
18
19
20
30
ms
7. Refer to ABSOLUTE MAXIMUM RATINGS and APPLICATION INFORMATION for Safe Operating Area.
8. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25°C. Low
duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
9. Maximum dropout voltage is limited to minimum input voltage Vin = 1.7 V recommended for guaranteed operation at maximum output
current.
10.Refer to application information section.
11. Values based on design and/or characterization.


Similar Part No. - NCP606MN30T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP606MN30T2G ONSEMI-NCP606MN30T2G Datasheet
147Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2008 ??Rev. 1
NCP606MN30T2G ONSEMI-NCP606MN30T2G Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
More results

Similar Description - NCP606MN30T2G

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605 Datasheet
147Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2008 ??Rev. 1
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
California Micro Device...
CM3019 CALMIRCO-CM3019 Datasheet
178Kb / 8P
   Micropower, 500mA Low Noise CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com