Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LV031BTM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90LV031BTM
Description  3V LVDS Quad CMOS Differential Line Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV031BTM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS90LV031BTM Datasheet HTML 1Page - National Semiconductor (TI) DS90LV031BTM Datasheet HTML 2Page - National Semiconductor (TI) DS90LV031BTM Datasheet HTML 3Page - National Semiconductor (TI) DS90LV031BTM Datasheet HTML 4Page - National Semiconductor (TI) DS90LV031BTM Datasheet HTML 5Page - National Semiconductor (TI) DS90LV031BTM Datasheet HTML 6Page - National Semiconductor (TI) DS90LV031BTM Datasheet HTML 7Page - National Semiconductor (TI) DS90LV031BTM Datasheet HTML 8Page - National Semiconductor (TI) DS90LV031BTM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
Input Voltage (D
IN)(Note 2)
−2V to (V
CC + 0.3V)
Enable Input Voltage (EN,
EN*)(Note 2)
−2V to (V
CC + 0.3V)
Output Voltage (D
OUT+,
D
OUT−)(Note 2)
−1V to +3.9V
Short Circuit Duration
(D
OUT+,DOUT−)
Continuous
Maximum Package Power Dissipation @ +25˚C
M Package
1088 mW
MTC Package
866 mW
Derate M Package
8.5 mW/˚C above +25˚C
Derate MTC Package
6.9 mW/˚C above +25˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature Range
Soldering (4 sec.)
+260˚C
Maximum Junction Temperature
+150˚C
ESD Rating
(HBM, 1.5 k
Ω, 100 pF)
≥ 7kV
(EIAJ, 0
Ω, 200 pF)
≥ 500 V
(CDM)
≥ 1250 V
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
+3.0
+3.3
+3.6
V
Operating Free Air
Temperature (T
A)
−40
+25
+85
˚C
Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified. (Notes 3, 4, 5)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
V
OD1
Differential Output Voltage
R
L = 100Ω (Figure 1)DOUT−
D
OUT+
250
350
450
mV
∆V
OD1
Change in Magnitude of V
OD1
for Complementary Output
States
4
35
|mV|
V
OS
Offset Voltage
1.125
1.25
1.375
V
∆V
OS
Change in Magnitude of V
OS for
Complementary Output States
5
25
|mV|
V
OH
Output Voltage High
1.38
1.6
V
V
OL
Output Voltage Low
0.90
1.03
V
V
IH
Input Voltage High
D
IN,
EN,
EN*
2.0
V
CC
V
V
IL
Input Voltage Low
GND
0.8
V
I
IH
Input Current
V
IN = VCC or 2.5V
−10
±1
+10
µA
I
IL
Input Current
V
IN = GND or 0.4V
−10
±1
+10
µA
V
CL
Input Clamp Voltage
I
CL = −18 mA
−1.5
−0.8
V
I
OS
Output Short Circuit Current
ENABLED, (Note 11)
D
IN =VCC,DOUT+ =0Vor
D
IN = GND, DOUT− =0V
D
OUT−
D
OUT+
−6.0
−9.0
mA
I
OSD
Differential Output Short Circuit
Current
ENABLED, V
OD =0V
(Note 11)
−6.0
−9.0
mA
I
OFF
Power-off Leakage
V
OUT = 0V or 3.6V,
V
CC = 0V or Open
−20
±1
+20
µA
I
OZ
Output TRI-STATE Current
EN = 0.8V and EN* = 2.0V
V
OUT = 0V or VCC
−10
±1
+10
µA
I
CC
No Load Supply Current Drivers
Enabled
D
IN =VCC or GND
V
CC
5.0
8.0
mA
I
CCL
Loaded Supply Current Drivers
Enabled
R
L = 100Ω All Channels,
D
IN =VCC or GND (all inputs)
23
30
mA
I
CCZ
No Load Supply Current Drivers
Disabled
D
IN =VCC or GND,
EN = GND, EN* = V
CC
2.6
6.0
mA
www.national.com
2


Similar Part No. - DS90LV031BTM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031BTM NSC-DS90LV031BTM Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV031BTM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
logo
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV047ATMX TI-DS90LV047ATMX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
[Old version datasheet]   DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com