Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV563SQ33T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV563SQ33T1G
Description  80 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV563SQ33T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCV563SQ33T1G Datasheet HTML 1Page - ON Semiconductor NCV563SQ33T1G Datasheet HTML 2Page - ON Semiconductor NCV563SQ33T1G Datasheet HTML 3Page - ON Semiconductor NCV563SQ33T1G Datasheet HTML 4Page - ON Semiconductor NCV563SQ33T1G Datasheet HTML 5Page - ON Semiconductor NCV563SQ33T1G Datasheet HTML 6Page - ON Semiconductor NCV563SQ33T1G Datasheet HTML 7Page - ON Semiconductor NCV563SQ33T1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NCP562, NCV562, NCP563, NCV563
www.onsemi.com
2
Figure 1. NCP562 Typical Application Diagram
This device contains 28 active transistors
Output
C2
+
Input
GND Enable
Vin
Vout
+
C1
OFF
ON
Figure 2. NCP563 Typical Application Diagram
This device contains 28 active transistors
Output
C2
+
Input
GND
N/C
Vin
Vout
+
C1
PIN FUNCTION DESCRIPTION
NCP562
NCP563
Pin Name
Description
1
1
GND
Power supply ground.
2
2
Vin
Positive power supply input voltage.
3
3
Vout
Regulated output voltage.
4
Enable
This input is used to place the device into low−power standby. When this input is pulled low, the
device is disabled. If this function is not used, Enable should be connected to Vin.
4
N/C
No internal connection.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
6.0
V
Enable Voltage (NCP562 ONLY)
Enable
−0.3 to Vin +0.3
V
Output Voltage
Vout
−0.3 to Vin +0.3
V
Power Dissipation and Thermal Characteristics
Power Dissipation
Thermal Resistance, Junction−to−Ambient
PD
RqJA
Internally Limited
400
W
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015
Machine Model Method 200 V
2. Latch up capability (85
°C) "100 mA DC with trigger voltage.


Similar Part No. - NCV563SQ33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV563SQ33T1G ONSEMI-NCV563SQ33T1G Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results

Similar Description - NCV563SQ33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP502SQ50T2G ONSEMI-NCP502SQ50T2G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com