Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7915CD2T Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC7915CD2T
Description  1.0 A Negative Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7915CD2T Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC7915CD2T Datasheet HTML 7Page - ON Semiconductor MC7915CD2T Datasheet HTML 8Page - ON Semiconductor MC7915CD2T Datasheet HTML 9Page - ON Semiconductor MC7915CD2T Datasheet HTML 10Page - ON Semiconductor MC7915CD2T Datasheet HTML 11Page - ON Semiconductor MC7915CD2T Datasheet HTML 12Page - ON Semiconductor MC7915CD2T Datasheet HTML 13Page - ON Semiconductor MC7915CD2T Datasheet HTML 14Page - ON Semiconductor MC7915CD2T Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC7900 Series
http://onsemi.com
11
ORDERING INFORMATION
Device
Nominal
Output Voltage
Output Voltage
Tolerance
Package
Operating
Temperature Range
Shipping
MC7905ACD2T
−5.0 V
2%
D2PAK
TJ = 0°C to +125°C
50 Units/Rail
MC7905ACD2TG
D2PAK
(Pb−Free)
50 Units/Rail
MC7905ACD2TR4
D2PAK
800 Tape & Reel
MC7905ACD2TR4G
D2PAK
(Pb−Free)
800 Tape & Reel
MC7905ACT
TO−220
50 Units/Rail
MC7905ACTG
TO−220
(Pb−Free)
50 Units/Rail
MC7905BD2T
4%
D2PAK
TJ = −40°C to +125°C
50 Units/Rail
MC7905BD2TG
D2PAK
(Pb−Free)
50 Units/Rail
MC7905BD2TR4
D2PAK
800 Tape & Reel
MC7905BD2TR4G
D2PAK
(Pb−Free)
800 Tape & Reel
MC7905BT
TO−220
50 Units/Rail
MC7905BTG
TO−220
(Pb−Free)
50 Units/Rail
MC7905CD2T
D2PAK
TJ = 0°C to +125°C
50 Units/Rail
MC7905CD2TG
D2PAK
(Pb−Free)
50 Units/Rail
MC7905CD2TR4
D2PAK
800 Tape & Reel
MC7905CD2TR4G
D2PAK
(Pb−Free)
800 Tape & Reel
MC7905CT
TO−220
50 Units/Rail
MC7905CTG
TO−220
(Pb−Free)
50 Units/Rail
MC7905.2CT
−5.2 V
4%
TO−220
TJ = 0°C to +125°C
50 Units/Rail
MC7905.2CTG
TO−220
(Pb−Free)
50 Units/Rail
MC7906CD2T
−6.0 V
4%
D2PAK
TJ = 0°C to +125°C
50 Units/Rail
MC7906CD2TG
D2PAK
(Pb−Free)
50 Units/Rail
MC7906CT
TO−220
50 Units/Rail
MC7906CTG
TO−220
(Pb−Free)
50 Units/Rail
MC7908ACT
−8.0 V
2%
TO−220
TJ = 0°C to +125°C
50 Units/Rail
MC7908ACTG
TO−220
(Pb−Free)
50 Units/Rail
MC7908CD2T
4%
D2PAK
50 Units/Rail
MC7908CD2TG
D2PAK
(Pb−Free)
50 Units/Rail
MC7908CD2TR4
D2PAK
800 Tape & Reel
MC7908CD2TR4G
D2PAK
(Pb−Free)
800 Tape & Reel
MC7908CT
TO−220
50 Units/Rail
MC7908CTG
TO−220
(Pb−Free)
50 Units/Rail


Similar Part No. - MC7915CD2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7915CD2T ONSEMI-MC7915CD2T Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
logo
Motorola, Inc
MC7915CD2T MOTOROLA-MC7915CD2T Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC7915CD2T ONSEMI-MC7915CD2T Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7915CD2T ONSEMI-MC7915CD2T Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7915CD2TG ONSEMI-MC7915CD2TG Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
More results

Similar Description - MC7915CD2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7900 ONSEMI-MC7900_05 Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7900 ONSEMI-MC7900_06 Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7900 ONSEMI-MC7900 Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
MC7900 ONSEMI-MC7900_V01 Datasheet
300Kb / 15P
   Negative Voltage Regulators 1.0 A
October, 2021 - Rev. 21
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com