Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMZA100ADA221MF80G Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EMZA100ADA221MF80G
Description  Low impedance, 105?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMZA100ADA221MF80G Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EMZA100ADA221MF80G Datasheet HTML 1Page - United Chemi-Con, Inc. EMZA100ADA221MF80G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Low impedance, 105
AIchipTM-
MZA
Series
・Endurance : 2,000 to 5,000 hours at 105℃
・Low impedance
・Solvent resistant type(see PRECAUTIONS AND GUIDELINES)
・Vibration resistant structure
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃ after 2 minutes)
(at 20
℃, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tan
δ)
Low Temperature
Characteristics
(Max. impedance Ratio)
Endurance
Items
-55 to +105
6.3 to 100Vdc
±20%(M)
I=0.01CV or 3
µA, whichever is greater
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage(Vdc)
tan
δ(Max.)
Rated voltage(Vdc)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
Z(-55
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for specified time
at 105
℃.
Capacitance change
≦±30% of the initial value
Time
D61 to JA0
 : 2,000 hours
KE0 to MN0 : 5,000 hours
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
Characteristics
6.3V
0.26
D61 to JA0
KE0 to MN0
6.3V
2
3
4
10V
0.19
10V
2
3
4
16V
0.16
16V
2
3
4
25V
0.14
25V
2
3
3
35V
0.12
35V
2
3
3
50V
0.10
50V
2
3
3
63V
0.08
63V
2
3
3
80V
0.08
100V
100V
-
-
-
-
0.16
0.14
0.12
0.12
0.10 0.10
80V
2
3
3
2
3
3
When nominal capacitance exceeds 1,000µF, add 0.02 to the value above for each 1,000µF increase.
◆DIMENSIONS [mm]
L
±0.3 (Note)
0.3max.
A
±0.2
W
Note : L
±0.5 for HA0 and MN0
L
±0.5
0.3max.
A
±0.2
W
: Dummy terminals
Size code : D61 to MN0
Terminal Code : G(Vibration resistant structure)
Size code : HA0 to MN0
Terminal Code : A
Vent for JA0
(Except D61 to HA0)
Vent
(Except HA0)
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 4.7
µF:4R7,10µF:100)
Taping·Tray code
Terminal code (A, G)
Voltage code (ex. 6.3V:6R3,10V:100,50V:500)
Series code
Category
E M Z A A A A A D A A A A
A A A G
M
1
3
4
2
6
78
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (surface mount type)"
Upgrade!
Lower Z
MZA
MVY P76
Size code
D61
E61
F61
F80
HA0
JA0
D
4
5
6.3
6.3
8
10
L
5.8
5.8
5.8
7.7
10.0
10.0
A
4.3
5.3
6.6
6.6
8.3
10.3
B
4.3
5.3
6.6
6.6
8.3
10.3
C
5.1
5.9
7.2
7.2
9.0
11.0
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
P
1.0
1.4
1.9
1.9
3.1
4.5
KE0
KG5
LH0
LN0
MH0
MN0
12.5
12.5
16
16
18
18
13.5
16.0
16.5
21.5
16.5
21.5
13.0
13.0
17.0
17.0
19.0
19.0
13.0
13.0
17.0
17.0
19.0
19.0
13.7
13.7
18.0
18.0
20.0
20.0
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
4.2
4.2
6.5
6.5
6.5
6.5
◆MARKING
2j
220
CZA
EX) 16V220
µF
KE0 to MN0
D61 to JA0
MZA
0V
1000
25V
EX) 25V1,000
µF
Rated voltage symbol (D61 to JA0)
Rated voltage (Vdc)
Symbol
6.3
10
16
25
35
50
63
80
j
A
C
E
V
H
J
K
74
CAT. No. E1001N
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EMZA100ADA221MF80G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMZA100ADA221MF80G CHEMI-CON-EMZA100ADA221MF80G Datasheet
48Kb / 2P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EMZA100ADA221MF80G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXV6R3E CHEMI-CON-ELXV6R3E Datasheet
438Kb / 3P
   Low impedance, 105?
ELXV500E CHEMI-CON-ELXV500E Datasheet
438Kb / 3P
   Low impedance, 105?
EMVY6R3ADA CHEMI-CON-EMVY6R3ADA Datasheet
410Kb / 2P
   Low impedance, 105?
EMZA101ARA CHEMI-CON-EMZA101ARA Datasheet
424Kb / 2P
   Low impedance, 105?
EMZA630ADA CHEMI-CON-EMZA630ADA Datasheet
424Kb / 2P
   Low impedance, 105?
ELXV630E CHEMI-CON-ELXV630E Datasheet
438Kb / 3P
   Low impedance, 105?
EMVY500ADA CHEMI-CON-EMVY500ADA Datasheet
410Kb / 2P
   Low impedance, 105?
EMZA250ADA CHEMI-CON-EMZA250ADA Datasheet
424Kb / 2P
   Low impedance, 105?
ELXV100E CHEMI-CON-ELXV100E Datasheet
438Kb / 3P
   Low impedance, 105?
ELXV350E CHEMI-CON-ELXV350E Datasheet
438Kb / 3P
   Low impedance, 105?
EKY-6R3ELL472MK30S CHEMI-CON-EKY-6R3ELL472MK30S Datasheet
83Kb / 3P
   Low impedance, 105?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com