Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMZJ100ADA122MJA0G Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EMZJ100ADA122MJA0G
Description  Low ESR, 105?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMZJ100ADA122MJA0G Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EMZJ100ADA122MJA0G Datasheet HTML 1Page - United Chemi-Con, Inc. EMZJ100ADA122MJA0G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Low ESR, 105
AIchipTM-
MZJ
Series
・Lower ESR, 2,000 hours at 105℃
・Rated voltage range : 6.3 to 35V
・Nominal capacitance range : 10 to 1,800μF
・Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
・Vibration resistant structure
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃, 120Hz)
(at 20
℃ after 2 minutes)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tan
δ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Surge Voltage Test
Items
-55 to +105
6.3 to 35Vdc
±20% (M)
I=0.01CV or 3µA, whichever is greater.
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
tan
δ(Max.)
Rated voltage (Vdc)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
Z(-55
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for 2,000 hours
at 105
℃.
Capacitance change
≦±30% of the initial value
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±30% of the initial value
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
The capacitors shall be subjected to 1,000 cycles each consisting of charging with the specified surge voltage for 30
±5 seconds through
a protective resistor (as required for RC=0.1
±0.05sec) and open-circuiting for 5.5 minutes at a room temperature of 15 to 35℃.
Rated voltage (Vdc)
Surge voltage (Vdc)
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
(Caution)
Surge Voltage Test intends to evaluate capacitors in durability of an exceptional excessive voltage under specific conditions.It does not
imply long-term use at all.
Characteristics
6.3V
0.26
6.3V
2
3
4
10V
0.19
10V
2
3
4
16V
0.16
16V
2
3
4
25V
0.14
25V
2
3
3
35V
0.12
35V
2
3
3
6.3V
7.2V
10V
12V
16V
18V
25V
29V
35V
40V
◆DIMENSIONS [mm]
L
±0.3 (Note)
0.3max.
A
±0.2
W
Note : L
±0.5 for HA0 and JA0
L
±0.5
0.3max.
A
±0.2
W
: Dummy terminals
Size code : D61 to JA0
Terminal Code : G(Vibration resistant structure)
Size code : HA0 and JA0
Terminal Code : A
Vent for JA0
Vent for JA0
◆MARKING
9j
10
VZJ
EX) 35V10
µF
Rated voltage symbol
Rated voltage (Vdc)
Symbol
6.3
10
16
25
35
j
A
C
E
V
Applying voltage over the rated voltages causes the capacitors to have short lifetime.
Besides, applying voltage over the specified surge voltages may cause to have short circuit failure. A protection
circuit should be used if applied voltage will exceed the rated voltages.
Lower ESR
MZJ
MZA P74
Size code
D61
E61
F61
F80
HA0
JA0
D
4
5
6.3
6.3
8
10
L
5.8
5.8
5.8
7.7
10.0
10.0
A
4.3
5.3
6.6
6.6
8.3
10.3
B
4.3
5.3
6.6
6.6
8.3
10.3
C
5.1
5.9
7.2
7.2
9.0
11.0
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
P
1.0
1.4
1.9
1.9
3.1
4.5
72
CAT. No. E1001N
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EMZJ100ADA122MJA0G

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
EMZJ100ADA122MJA0G NPC-EMZJ100ADA122MJA0G Datasheet
475Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EMZJ100ADA122MJA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMZJ250ADA CHEMI-CON-EMZJ250ADA Datasheet
475Kb / 2P
   Low ESR, 105?
EMZJ6R3ADA CHEMI-CON-EMZJ6R3ADA Datasheet
475Kb / 2P
   Low ESR, 105?
EMZJ160ADA CHEMI-CON-EMZJ160ADA Datasheet
475Kb / 2P
   Low ESR, 105?
EMZJ350ADA CHEMI-CON-EMZJ350ADA Datasheet
475Kb / 2P
   Low ESR, 105?
EMKB401ADA CHEMI-CON-EMKB401ADA Datasheet
311Kb / 1P
   Low ESR, 105?
logo
Cornell Dubilier Electr...
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
193Kb / 12P
   Type 101C ??5 째C to 105 째C Low-ESR, Wide-Temperature Grade
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com