Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA2214CGSK Datasheet(PDF) 6 Page - Kingbright Corporation

Part # AA2214CGSK
Description  2.2x1.4mm SURFACE MOUNT LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA2214CGSK Datasheet(HTML) 6 Page - Kingbright Corporation

  AA2214CGSK Datasheet HTML 1Page - Kingbright Corporation AA2214CGSK Datasheet HTML 2Page - Kingbright Corporation AA2214CGSK Datasheet HTML 3Page - Kingbright Corporation AA2214CGSK Datasheet HTML 4Page - Kingbright Corporation AA2214CGSK Datasheet HTML 5Page - Kingbright Corporation AA2214CGSK Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPEC NO: DSAK2212
REV NO: V.5B
DATE: APR/25/2015
PAGE: 6 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Q.M.Chen
ERP: 1201005730
PACKING & LABEL SPECIFICATIONS
AA2214CGSK
Terms and conditions for the usage of this document
1. The information included in this document reflects representative usage scenarios and is intended for technical reference only.
2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without
notice. Before production usage customer should refer to the latest datasheet for the updated specifications.
3. When using the products referenced in this document, please make sure the product is being operated within the environmental
and electrical limits specified in the datasheet. If customer usage exceeds the specified limits, Kingbright will not be responsible
for any subsequent issues.
4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has
special reliability requirements or have life-threatening liabilities, such as automotive or medical usage, please consult with
Kingbright representative for further assistance.
5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright.
6. All design applications should refer to Kingbright application notes available at http://www.KingbrightUSA.com/ApplicationNotes


Similar Part No. - AA2214CGSK

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AA2214CGSK TO-GRACE-AA2214CGSK Datasheet
883Kb / 4P
   2.2 x 1.4 mm Surface Mount LED Lamp
More results

Similar Description - AA2214CGSK

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA2214QWS-D KINGBRIGHT-AA2214QWS-D Datasheet
273Kb / 7P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214VR4D1S KINGBRIGHT-AA2214VR4D1S Datasheet
276Kb / 7P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214SYSK KINGBRIGHT-AA2214SYSK Datasheet
295Kb / 6P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214SURSK KINGBRIGHT-AA2214SURSK Datasheet
270Kb / 6P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214SESK KINGBRIGHT-AA2214SESK Datasheet
297Kb / 6P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214QBS-D-AMT KINGBRIGHT-AA2214QBS-D-AMT Datasheet
332Kb / 7P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214ZGSK KINGBRIGHT-AA2214ZGSK Datasheet
277Kb / 6P
   2.2x1.4mm SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP600CRGBTR FAIRCHILD-QTLP600CRGBTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23SYC-F KINGBRIGHT-AM23SYC-F Datasheet
279Kb / 5P
   SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com