Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM7560C Datasheet(PDF) 6 Page - Analog Power

Part # AM7560C
Description  N & P-Channel 60-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7560C Datasheet(HTML) 6 Page - Analog Power

  AM7560C Datasheet HTML 1Page - Analog Power AM7560C Datasheet HTML 2Page - Analog Power AM7560C Datasheet HTML 3Page - Analog Power AM7560C Datasheet HTML 4Page - Analog Power AM7560C Datasheet HTML 5Page - Analog Power AM7560C Datasheet HTML 6Page - Analog Power AM7560C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Analog Power
AM7560C
7. Gate Charge
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
Typical Electrical Characteristics - P-channel
8. Normalized On-Resistance Vs
Junction Temperature
11. Normalized Thermal Transient Junction to Ambient
0.01
0.1
1
10
100
0.1
1
10
100
1000
VDS Drain to Source Voltage (V)
10 uS
100 uS
1 mS
10 mS
100 mS
1 SEC
10 SEC
100 SEC
DC
Idm limit
Limited by
RDS
1
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 TIME (sec)
RθJA(t) = r(t) + RθJA
0.2
0.1
0.05
0.02
P(pk)
t1
t2
D = 0.5
Single Pulse
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
1000
t1 TIME (SEC)
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
150
TJ -JunctionTemperature(°C)
0
2
4
6
8
10
0
10
20
30
40
50
Qg - Total Gate Charge (nC)
RθJA = 90 °C /W
VDS = -30V
ID = -5A
© Preliminary
6
Publication Order Number:
DS_AM7560C_1A


Similar Part No. - AM7560C

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7500C ANALOGPOWER-AM7500C Datasheet
488Kb / 7P
   P & N-Channel 150-V (D-S)
AM7510C ANALOGPOWER-AM7510C Datasheet
506Kb / 7P
   N & P-Channel 100-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM7520 AITSEMI-AM7520 Datasheet
710Kb / 10P
   N-CHANNEL ENHANCEMENT MODE
REV1.0
AM7520J8R AITSEMI-AM7520J8R Datasheet
710Kb / 10P
   N-CHANNEL ENHANCEMENT MODE
REV1.0
AM7520J8VR AITSEMI-AM7520J8VR Datasheet
710Kb / 10P
   N-CHANNEL ENHANCEMENT MODE
REV1.0
More results

Similar Description - AM7560C

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4560C ANALOGPOWER-AM4560C Datasheet
477Kb / 7P
   N & P-Channel 60-V (D-S) MOSFET
logo
ACE Technology Co., LTD...
ACE4562M ACE-ACE4562M Datasheet
1Mb / 9P
   N & P-Channel 60-V (D-S) MOSFET
VER 1.1
logo
Analog Power
AM4562C ANALOGPOWER-AM4562C Datasheet
404Kb / 7P
   N & P-Channel 60-V (D-S) MOSFET
AM4599C ANALOGPOWER-AM4599C Datasheet
494Kb / 7P
   N & P-Channel 60-V (D-S) MOSFET
AM3560C ANALOGPOWER-AM3560C Datasheet
497Kb / 7P
   N & P-Channel 60-V (D-S) MOSFET
AMD560C ANALOGPOWER-AMD560C Datasheet
389Kb / 7P
   N & P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY_09 Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
logo
VBsemi Electronics Co.,...
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
UTM4052L-S08-R VBSEMI-UTM4052L-S08-R Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
P3304QV VBSEMI-P3304QV Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com