Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LV048A Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90LV048A
Description  3V LVDS Quad CMOS Differential Line Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV048A Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90LV048A Datasheet HTML 1Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 2Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 3Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 4Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 5Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 6Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 7Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 8Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Applications Information (Continued)
The DS90LV048A differential line receiver is capable of de-
tecting signals as low as 100mV, over a ±1V common-mode
range centered around +1.2V. This is related to the driver off-
set voltage which is typically +1.2V. The driven signal is cen-
tered around this voltage and may shift ±1V around this cen-
ter point. The ±1V shifting may be the result of a ground
potential difference between the driver’s ground reference
and the receiver’s ground reference, the common-mode ef-
fects of coupled noise, or a combination of the two. The AC
parameters of both receiver input pins are optimized for a
recommended operating input voltage range of 0V to +2.4V
(measured from each pin to ground). The device will operate
for receiver input voltages up to V
CC, but exceeding VCC will
turn on the ESD protection circuitry which will clamp the bus
voltages.
The DS90LV048A has a flow-through pinout that allows for
easy PCB layout. The LVDS signals on one side of the de-
vice easily allows for matching electrical lengths of the differ-
ential pair trace lines between the driver and the receiver as
well as allowing the trace lines to be close together to couple
noise as common-mode. Noise isolation is achieved with the
LVDS signals on one side of the device and the TTL signals
on the other side.
Power Decoupling Recommendations:
Bypass capacitors must be used on power pins. Use high
frequency ceramic (surface mount is recommended) 0.1µF
and 0.001µF capacitors in parallel at the power supply pin
with the smallest value capacitor closest to the device supply
pin. Additional scattered capacitors over the printed circuit
board will improve decoupling. Multiple vias should be used
to connect the decoupling capacitors to the power planes. A
10µF (35V) or greater solid tantalum capacitor should be
connected at the power entry point on the printed circuit
board between the supply and ground.
PC Board considerations:
Use at least 4 PCB layers (top to bottom); LVDS signals,
ground, power, TTL signals.
Isolate TTL signals from LVDS signals, otherwise the TTL
may couple onto the LVDS lines. It is best to put TTL and
LVDS signals on different layers which are isolated by a
power/ground plane(s)
Keep drivers and receivers as close to the (LVDS port side)
connectors as possible.
Differential Traces:
Use controlled impedance traces which match the differen-
tial impedance of your transmission medium (ie. cable) and
termination resistor. Run the differential pair trace lines as
close together as possible as soon as they leave the IC
(stubs should be < 10mm long). This will help eliminate re-
flections and ensure noise is coupled as common-mode. In
fact, we have seen that differential signals which are 1mm
apart radiate far less noise than traces 3mm apart since
magnetic field cancellation is much better with the closer
traces. In addition, noise induced on the differential lines is
much more likely to appear as common-mode which is re-
jected by the receiver.
Match electrical lengths between traces to reduce skew.
Skew between the signals of a pair means a phase differ-
ence between signals which destroys the magnetic field can-
cellation benefits of differential signals and EMI will result.
(Note the velocity of propagation, v = c/Er where c (the
speed of light) = 0.2997mm/ps or 0.0118 in/ps). Do not rely
solely on the autoroute function for differential traces. Care-
fully review dimensions to match differential impedance and
provide isolation for the differential lines. Minimize the num-
ber or vias and other discontinuities on the line.
Avoid 90˚ turns (these cause impedance discontinuities).
Use arcs or 45˚ bevels.
Within a pair of traces, the distance between the two traces
should be minimized to maintain common-mode rejection of
the receivers. On the printed circuit board, this distance
should remain constant to avoid discontinuities in differential
impedance. Minor violations at connection points are allow-
able.
Termination:
Use a termination resistor which best matches the differen-
tial impedance or your transmission line. The resistor should
be between 90
Ω and 130Ω. Remember that the current
mode outputs need the termination resistor to generate the
differential voltage. LVDS will not work without resistor termi-
nation. Typically, connecting a single resistor across the pair
at the receiver end will suffice.
Surface mount 1% to 2% resistors are best. PCB stubs,
component lead, and the distance from the termination to the
receiver inputs should be minimized. The distance between
the termination resistor and the receiver should be < 10mm
(12mm MAX)
Probing LVDS Transmission Lines:
Always
use
high
impedance
(>
100k
Ω),
low
capacitance (< 2 pF) scope probes with a wide bandwidth (1
GHz) scope. Improper probing will give deceiving results.
Cables and Connectors, General Comments:
When choosing cable and connectors for LVDS it is impor-
tant to remember:
Use controlled impedance media. The cables and connec-
tors you use should have a matched differential impedance
of about 100
Ω. They should not introduce major impedance
discontinuities.
Balanced cables (e.g. twisted pair) are usually better than
unbalanced cables (ribbon cable, simple coax.) for noise re-
duction and signal quality. Balanced cables tend to generate
less EMI due to field canceling effects and also tend to pick
up electromagnetic radiation a common-mode (not differen-
tial mode) noise which is rejected by the receiver.
For cable distances < 0.5M, most cables can be made to
work effectively. For distances 0.5M
≤ d ≤ 10M, CAT 3 (cat-
egory 3) twisted pair cable works well, is readily available
and relatively inexpensive.
Fail-Safe Feature:
The LVDS receiver is a high gain, high speed device that
amplifies a small differential signal (20mV) to CMOS logic
levels. Due to the high gain and tight threshold of the re-
ceiver, care should be taken to prevent noise from appearing
as a valid signal.
The receiver’s internal fail-safe circuitry is designed to
source/sink a small amount of current, providing fail-safe
protection (a stable known state of HIGH output voltage) for
floating, terminated or shorted receiver inputs.
1.
Open Input Pins. The DS90LV048A is a quad receiver
device, and if an application requires only 1, 2 or 3 re-
ceivers, the unused channel(s) inputs should be left
OPEN. Do not tie unused receiver inputs to ground or
any other voltages. The input is biased by internal high
value pull up and pull down resistors to set the output to
a HIGH state. This internal circuitry will guarantee a
HIGH, stable output state for open inputs.
www.national.com
5


Similar Part No. - DS90LV048A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV048A TI-DS90LV048A Datasheet
1Mb / 20P
[Old version datasheet]   A quad CMOS flow-through differential line receiver designde for applications requiring ultra low power dissipation and high data rates.
DS90LV048A TI-DS90LV048A Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV048A TI-DS90LV048A Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV048A TI1-DS90LV048A Datasheet
1Mb / 25P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV048A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV032A NSC-DS90LV032A Datasheet
192Kb / 9P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV048ATMTC TI-DS90LV048ATMTC Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV048ATMTCX TI-DS90LV048ATMTCX Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV032AQML TI1-DS90LV032AQML Datasheet
269Kb / 14P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
5962-9865201QFA TI1-5962-9865201QFA Datasheet
433Kb / 16P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
DS90LV032ATM TI1-DS90LV032ATM Datasheet
975Kb / 18P
[Old version datasheet]   DS90LV032A 3V LVDS Quad CMOS Differential Line Receiver
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com