Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7310 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7310
Description  LCD Back Light Inverter Drive IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7310 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7310 Datasheet HTML 1Page - Fairchild Semiconductor FAN7310 Datasheet HTML 2Page - Fairchild Semiconductor FAN7310 Datasheet HTML 3Page - Fairchild Semiconductor FAN7310 Datasheet HTML 4Page - Fairchild Semiconductor FAN7310 Datasheet HTML 5Page - Fairchild Semiconductor FAN7310 Datasheet HTML 6Page - Fairchild Semiconductor FAN7310 Datasheet HTML 7Page - Fairchild Semiconductor FAN7310 Datasheet HTML 8Page - Fairchild Semiconductor FAN7310 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
• High Efficiency Single Stage Power Conversion
• Wide Input Voltage Range 5V to 24V
• Back Light Lamp Ballast and Soft Dimming
• Reduce External Components
• Precision Voltage Reference Trimmed to 2%
• ZVS full-bridge topology
• Soft Start
• PWM Control at fixed frequency
• Analog and Burst Dimming Function
• Synchronizable Switching Frequency With An External
Signal
• Open Lamp Protection
• Open Lamp Regulation
• 20 Pin SSOP
Description
The FAN7310 provides all the control functions for a
series parallel resonant converter and also contains a pulse
width modulation (PWM) controller to develop a supply
voltage. Typical operating frequency range is between
30kHz and 250kHz depending on the CCFL and the
transformer's characteristics.
The FAN7310 has a patent-pending on new phase-shift
control.
20-SSOP
1
FAN7310
LCD Back Light Inverter Drive IC


Similar Part No. - FAN7310

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310 Datasheet
359Kb / 12P
   LCD Back Light Inverter Drive IC
FAN7310 FAIRCHILD-FAN7310 Datasheet
99Kb / 3P
   LCD Backlight Inverter Drive Integrated Circuit
FAN7310G FAIRCHILD-FAN7310G Datasheet
359Kb / 12P
   LCD Back Light Inverter Drive IC
FAN7310G FAIRCHILD-FAN7310G Datasheet
99Kb / 3P
   LCD Backlight Inverter Drive Integrated Circuit
FAN7310GX FAIRCHILD-FAN7310GX Datasheet
99Kb / 3P
   LCD Backlight Inverter Drive Integrated Circuit
More results

Similar Description - FAN7310

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310_05 Datasheet
359Kb / 12P
   LCD Back Light Inverter Drive IC
FAN7300 FAIRCHILD-FAN7300 Datasheet
672Kb / 12P
   LCD Back Light Inverter Drive IC
FAN7315 FAIRCHILD-FAN7315 Datasheet
315Kb / 8P
   LCD Back Light Inverter Drive IC
FAN7548 FAIRCHILD-FAN7548 Datasheet
1Mb / 12P
   Dual LCD Back Light Inverter Drive IC
logo
Renesas Technology Corp
M62295GP RENESAS-M62295GP Datasheet
169Kb / 11P
   LCD Back-light Control IC
logo
Mitsubishi Electric Sem...
M62295GP MITSUBISHI-M62295GP Datasheet
57Kb / 7P
   LCD BACK-LIGHT CONTROL IC
logo
Fairchild Semiconductor
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com