Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7680M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN7680M
Description  PC Power Supply Outputs Monitoring IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7680M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN7680M Datasheet HTML 1Page - Fairchild Semiconductor FAN7680M Datasheet HTML 2Page - Fairchild Semiconductor FAN7680M Datasheet HTML 3Page - Fairchild Semiconductor FAN7680M Datasheet HTML 4Page - Fairchild Semiconductor FAN7680M Datasheet HTML 5Page - Fairchild Semiconductor FAN7680M Datasheet HTML 6Page - Fairchild Semiconductor FAN7680M Datasheet HTML 7Page - Fairchild Semiconductor FAN7680M Datasheet HTML 8Page - Fairchild Semiconductor FAN7680M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
FAN7680
3
Pin Assignments
Pin Definitions
Pin Number
Pin Name
I/O
Pin Function Description
1
PGI
I
Power Good Input
2
GND
-
Ground
3FPO
O
Low Active Fault Protection Output, Open Drain Output Stage
4
PSON
I
Remote On/Off Control Input
5
VS33
I
3.3V Output Voltage Input
6
VS5
I
5V Output Voltage Input
7VCC
I
Supply Voltage and 12V Output Voltage Input
8
PGO
O
Power Good Output Signal
1
2
3
4
8
7
6
5
PSON
FPO
PGO
GND
PGI
VCC
VS5
VS33
YWW :Work Week Code


Similar Part No. - FAN7680M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7685 FAIRCHILD-FAN7685 Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
FAN7685M FAIRCHILD-FAN7685M Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
FAN7685MX FAIRCHILD-FAN7685MX Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
FAN7685N FAIRCHILD-FAN7685N Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
FAN7686 FAIRCHILD-FAN7686 Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
More results

Similar Description - FAN7680M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7685 FAIRCHILD-FAN7685 Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
logo
Toshiba Semiconductor
TD62650F TOSHIBA-TD62650F Datasheet
651Kb / 17P
   5V POWER SUPPLY & SUPPLY MONITORINGCOMMUNICATIONS IC
TD62650FG TOSHIBA-TD62650FG Datasheet
547Kb / 19P
   5V POWER SUPPLY & SUPPLY MONITORING COMMUNICATIONS IC
logo
ON Semiconductor
NCP112 ONSEMI-NCP112 Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
logo
Fujitsu Component Limit...
MB3793-45PF-G-BND FUJITSU-MB3793-45PF-G-BND Datasheet
143Kb / 18P
   Power Voltage Monitoring IC
logo
Winbond
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
   Monitoring IC
W83782D WINBOND-W83782D Datasheet
387Kb / 44P
   MONITORING IC
W83783S WINBOND-W83783S_04 Datasheet
450Kb / 56P
   Monitoring IC
W83783S WINBOND-W83783S Datasheet
312Kb / 10P
   MONITORING IC
W83L784R WINBOND-W83L784R_05 Datasheet
589Kb / 52P
   Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com