Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD8896 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDD8896
Description  N-Channel PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8896 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDD8896 Datasheet HTML 1Page - Fairchild Semiconductor FDD8896 Datasheet HTML 2Page - Fairchild Semiconductor FDD8896 Datasheet HTML 3Page - Fairchild Semiconductor FDD8896 Datasheet HTML 4Page - Fairchild Semiconductor FDD8896 Datasheet HTML 5Page - Fairchild Semiconductor FDD8896 Datasheet HTML 6Page - Fairchild Semiconductor FDD8896 Datasheet HTML 7Page - Fairchild Semiconductor FDD8896 Datasheet HTML 8Page - Fairchild Semiconductor FDD8896 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
September 2004
FDD8896 / FDU8896 Rev. C
FDD8896 / FDU8896
N-Channel PowerTrench® MOSFET
30V, 94A, 5.7m
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency of DC/DC converters using
either
synchronous
or
conventional
switching
PWM
controllers. It has been optimized for low gate charge, low
rDS(ON) and fast switching speed.
Applications
• DC/DC converters
Features
• rDS(ON) = 5.7mΩ, VGS = 10V, ID = 35A
• rDS(ON) = 6.8mΩ, VGS = 4.5V, ID = 35A
• High performance trench technology for extremely low
rDS(ON)
• Low gate charge
• High power and current handling capability
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
94
A
Continuous (TC = 25
oC, V
GS = 10V) (Note 1)
Continuous (TC = 25
oC, V
GS = 4.5V) (Note 1)
85
A
Continuous (Tamb = 25
oC, V
GS = 10 V, with R
θJA = 52
oC/W)
17
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 2)
168
mJ
PD
Power dissipation
80
W
Derate above 25oC
0.53
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-252, TO-251
1.88
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, TO-251
100
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, 1in 2 copper pad area
52
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD8896
FDD8896
TO-252AA
13”
12mm
2500 units
FDU8896
FDU8896
TO-251AA
Tube
N/A
75 units
D
G
S
G D S
I-PAK
(TO-251AA)
G
S
D
TO-252
D-PAK
(TO-252)


Similar Part No. - FDD8896

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
622Kb / 11P
   N-Channel PowerTrench짰 MOSFET
logo
VBsemi Electronics Co.,...
FDD8896 VBSEMI-FDD8896 Datasheet
1,011Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD8896 ISC-FDD8896 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
FDD8896 UMW-FDD8896 Datasheet
651Kb / 7P
   30V N-Channel MOSFET
logo
ON Semiconductor
FDD8896-F085 ONSEMI-FDD8896-F085 Datasheet
553Kb / 12P
   N-Channel PowerTrench® MOSFET 30V, 94A, 5.7mΩ
September2017, Rev. 3
More results

Similar Description - FDD8896

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com