Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSDM0565R Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSDM0565R
Description  Green Mode Fairchild Power Switch (FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDM0565R Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSDM0565R Datasheet HTML 1Page - Fairchild Semiconductor FSDM0565R Datasheet HTML 2Page - Fairchild Semiconductor FSDM0565R Datasheet HTML 3Page - Fairchild Semiconductor FSDM0565R Datasheet HTML 4Page - Fairchild Semiconductor FSDM0565R Datasheet HTML 5Page - Fairchild Semiconductor FSDM0565R Datasheet HTML 6Page - Fairchild Semiconductor FSDM0565R Datasheet HTML 7Page - Fairchild Semiconductor FSDM0565R Datasheet HTML 8Page - Fairchild Semiconductor FSDM0565R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
FSDM0565R
4
Absolute Maximum Ratings
(Ta=25
°C, unless otherwise specified)
Notes:
1. Repetitive rating: Pulse width limited by maximum junction temperature
2. L=14mH, starting Tj=25
°C
3. L=13uH, starting Tj=25
°C
Thermal Impedance
Notes:
1. Free standing with no heat-sink under natural convection.
2. Infinite cooling condition - Refer to the SEMI G30-88.
Parameter
Symbol
Value
Unit
Drain-source voltage
VDSS
650
V
Vstr Max Voltage
VSTR
650
V
Pulsed Drain current (Tc=25
°C)(1)
IDM
11
ADC
Continuous Drain Current(Tc=25
°C)
ID
2.8
A
Continuous Drain Current(Tc=100
°C)
1.7
A
Single pulsed avalanche energy (2)
EAS
190
mJ
Single pulsed avalanche current (3)
IAS
-A
Supply voltage
VCC
20
V
Input voltage range
VFB
-0.3 to VCC
V
Total power dissipation(Tc=25
°C)
PD(Watt H/S)
45
W
Operating junction temperature
Tj
Internally limited
°C
Operating ambient temperature
TA
-25 to +85
°C
Storage temperature range
TSTG
-55 to +150
°C
ESD Capability, HBM Model (All pins
excepts for Vstr and Vfb)
-
2.0
(GND-Vstr/Vfb=1.5kV)
kV
ESD Capability, Machine Model (All pins
excepts for Vstr and Vfb)
-
300
(GND-Vstr/Vfb=225V)
V
Parameter
Symbol
Value
Unit
Junction-to-Ambient Thermal
θJA(1)
49.90
°C/W
Junction-to-Case Thermal
θJC(2)
2.78
°C/W


Similar Part No. - FSDM0565R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0565R FAIRCHILD-FSDM0565R Datasheet
267Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RB FAIRCHILD-FSDM0565RB Datasheet
258Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0565RB FAIRCHILD-FSDM0565RB Datasheet
470Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RB FAIRCHILD-FSDM0565RB Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSDM0565RB FAIRCHILD-FSDM0565RB Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
More results

Similar Description - FSDM0565R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com