Electronic Components Datasheet Search |
|
C321C322JDG5TA7303 Datasheet(PDF) 4 Page - Kemet Corporation |
|
C321C322JDG5TA7303 Datasheet(HTML) 4 Page - Kemet Corporation |
4 / 22 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1054_HV_GOLDMAX_300_C0G • 6/25/2015 4 Radial Leaded Multilayer Ceramic Capacitors High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 – 3,000 VDC (Commercial Grade) Environmental Compliance Lead (Pb)-Free, REACH and RoHS compliant without exemptions when ordered with a 100% tin (Sn) wire lead finish. Product ordered with tin/ lead (Sn60/Pb40) wire lead finish do not meet RoHS criteria. Series Termination Finish (Wire Lead) RoHS Compliant RoHS Exemption Code REACH Compliant1 Halogen Free 300 (C3XX) 100% Matte Sn Yes n/a Yes Yes Sn60/Pb40 No n/a Yes Yes 1 REACHcomplianceindicatesproductdoes notcontainSubstance/sofVeryHighConcern(SVHC) Electrical Parameters/Characteristics Item Parameters/Characteristics Operating Temperature Range -55°C to +125°C Capacitance Change with Reference to +25°C and 0 VDC Applied (TCC) ±30 ppm/ºC Aging Rate (Maximum % Cap Loss/Decade Hour) 0% Dielectric Withstanding Voltage 150% of rated voltage for voltage rating of < 1,000 V 120% of rated voltage for voltage rating of ≥ 1,000 V (5 ±1 seconds and charge/discharge not exceeding 50 mA) Dissipation Factor (DF) Maximum Limit at 25ºC 0.1% Insulation Resistance (IR) Limit at 25°C 1,000 megohm microfarads or 100 GΩ (500 VDC applied for 120 ±5 seconds at 25°C) ToobtainIRlimit,divideMΩ-µFvaluebythecapacitanceandcomparetoGΩlimit.Selectthelowerofthetwolimits. Capacitance and dissipation factor (DF) measured under the following conditions: 1MHz±100kHzand1.0V rms±0.2Vifcapacitance≤1,000pF 1kHz±50Hzand1.0V rms±0.2Vifcapacitance>1,000pF Note:Whenmeasuringcapacitanceitisimportanttoensurethesetvoltagelevelisheldconstant.TheHP4284andAgilentE4980haveafeatureknownas Automatic Level Control (ALC). The ALC feature should be switched to "ON." Post Environmental Limits High Temperature Life, Biased Humidity and Storage Life Style/Size Rated DC Voltage Capacitance Value Dissipation Factor (Maximum %) Capacitance Shift Insulation Resistance C0G All All 0.5 0.3% or ±0.25 pF 10% of Initial Limit |
Similar Part No. - C321C322JDG5TA7303 |
|
Similar Description - C321C322JDG5TA7303 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |