Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT3200-JV Datasheet(PDF) 1 Page - SMSC Corporation

Part # GT3200-JV
Description  USB2.0 PJY IC
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

GT3200-JV Datasheet(HTML) 1 Page - SMSC Corporation

  GT3200-JV Datasheet HTML 1Page - SMSC Corporation GT3200-JV Datasheet HTML 2Page - SMSC Corporation GT3200-JV Datasheet HTML 3Page - SMSC Corporation GT3200-JV Datasheet HTML 4Page - SMSC Corporation GT3200-JV Datasheet HTML 5Page - SMSC Corporation GT3200-JV Datasheet HTML 6Page - SMSC Corporation GT3200-JV Datasheet HTML 7Page - SMSC Corporation GT3200-JV Datasheet HTML 8Page - SMSC Corporation GT3200-JV Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
SMSC GT3200, SMSC USB3250
DATASHEET
Revision 1.3 (10-05-04)
Datasheet
PRODUCT FEATURES
GT3200
(64-PIN TQFP PACKAGES)
USB3250
(56-PIN QFN PACKAGE)
USB2.0 PHY IC
USB-IF "Hi-Speed" certified to USB2.0 electrical
specification
Interface compliant with the UTMI specification
(60MHz 8-bit unidirectional interface or 30MHz 16-bit
bidirectional interface)
Supports 480Mbps High Speed (HS) and 12Mbps
Full Speed (FS) serial data transmission rates
Integrated 45Ω and 1.5kΩ termination resistors
reduce external component count
Internal short circuit protection of DP and DM lines
On-chip oscillator operates with low cost 12MHz
crystal
Robust and low power digital clock and data recovery
circuit
SYNC and EOP generation on transmit packets and
detection on receive packets
NRZI encoding and decoding
Bit stuffing and unstuffing with error detection
Supports the USB suspend state, HS detection, HS
Chirp, Reset and Resume
Support for all test modes defined in the USB2.0
specification
Draws 72mA (185mW) maximum current
consumption in HS mode - ideal for bus powered
functions
On-die decoupling capacitance and isolation for
immunity to digital switching noise
Available in three 64-pin TQFP packages (GT3200)
or a 56-pin QFN package (USB3250)
Full industrial operating temperature range from
-40oC to +85oC (ambient)


Similar Part No. - GT3200-JV

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
GT3200-JV SMSC-GT3200-JV Datasheet
1Mb / 48P
   USB2.0 PHY IC
More results

Similar Description - GT3200-JV

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
GT3200 SMSC-GT3200_06 Datasheet
1Mb / 48P
   USB2.0 PHY IC
logo
Future Technology Devic...
FT4222HQ-C-R FTDI-FT4222HQ-C-R Datasheet
1Mb / 49P
   USB2.0 to QuadSPI/I2C Bridge IC
logo
List of Unclassifed Man...
KL5KUSB200 ETC1-KL5KUSB200 Datasheet
26Kb / 2P
   USB2.0 Transceiver
logo
Transcend Information. ...
TS2GJF150 TRANSCEND-TS2GJF150 Datasheet
76Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF160 TRANSCEND-TS2GJF160 Datasheet
59Kb / 3P
   2GB USB2.0 JetFlash?
TS16GJF300 TRANSCEND-TS16GJF300 Datasheet
49Kb / 2P
   16GB USB2.0 JetFlash짰300
TS8GJF185 TRANSCEND-TS8GJF185 Datasheet
62Kb / 3P
   8GB USB2.0 JetFlash짰
TS8GJF300 TRANSCEND-TS8GJF300 Datasheet
48Kb / 2P
   8GB USB2.0 JetFlash짰300
TS256MJF110 TRANSCEND-TS256MJF110 Datasheet
157Kb / 4P
   256MB USB2.0 JetFlash?
TS4GJF150 TRANSCEND-TS4GJF150 Datasheet
76Kb / 3P
   4GB USB2.0 JetFlash?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com