Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM20U30 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # SDM20U30
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SDM20U30 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  SDM20U30 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SDM20U30 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SDM20U30
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Marking Code:U30
Features
·
Low Forward Voltage Drop
·
Guard Ring Construction for
Transient Protection
·
Negligible Reverse Recovery Time
·
Low Reverse Capacitance
·
Ultra-Small Surface Mount Package
Mechanical Data
·
Case: SOD-523, Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
·
Weight: 0.002 grams (approx.)
B
A
SOD-523
Dim
Min
Max
A
1.50
1.70
B
1.10
1.30
C
0.25
0.35
D
0.70
0.90
E
0.10
0.20
G
0.50
0.70
All Dimensions in mm
Maximum Ratings @ TA = 25°C unless otherwise specified
Electrical Characteristics
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Mean Rectifying Current (Note 2)
IO
200
mA
Peak Forward Surge Current
8.3ms Half Sine
IFSM
1.0
A
Power Dissipation (Note 2)
Pd
150
mW
Thermal Resistance, Junction to Ambient Air (Note 2)
RqJA
667
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)R
30
¾¾
V
IR = 150
mA
Forward Voltage Drop
VF
¾¾
0.35
0.50
V
IF = 20mA
IF = 200mA
Peak Reverse Current (Note 3)
IR
¾¾
150
30
mA
mA
VR = 30V
VR = 10V
Total Capacitance
CT
¾
20
¾
pF
VR = 0V, f = 1.0MHz
1 of 1
www.sunmate.tw


Similar Part No. - SDM20U30

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM20U30 DIODES-SDM20U30 Datasheet
64Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30397 Rev. 2 - 2
SDM20U30 DIODES-SDM20U30 Datasheet
79Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30397 Rev. 7 - 2
SDM20U30 DIODES-SDM20U30 Datasheet
74Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30397 Rev. 10 - 2
SDM20U30-7 DIODES-SDM20U30-7 Datasheet
64Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30397 Rev. 2 - 2
SDM20U30-7 DIODES-SDM20U30-7 Datasheet
79Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30397 Rev. 7 - 2
More results

Similar Description - SDM20U30

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com