Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46C64 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT46C64
Description  A/D with LCD Type 8-Bit MCU
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C64 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT46C64 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
HT46R64/HT46C64
Rev. 1.40
11
September 21, 2004
Once an interrupt subroutine is serviced, other inter-
rupts except NMI are all blocked (by clearing the EMI
bit). This scheme may prevent any further interrupt nest-
ing. Other interrupt requests may take place during this
interval, but only the interrupt request flag will be re-
corded. If a certain interrupt requires servicing within the
service routine, the EMI bit and the corresponding bit of
the INTC0 or of INTC1 may be set in order to allow inter-
rupt nesting. Once the stack is full, the interrupt request
(except NMI) will not be acknowledged, even if the re-
lated interrupt is enabled, until the SP is decremented. If
immediate service is desired, the stack should be pre-
vented from becoming full.
All these interrupts can support a wake-up function. As
an interrupt is serviced, a control transfer occurs by
pushing the contents of the PC onto the stack followed
by a branch to a subroutine at the specified location in
the ROM. Only the contents of the PC is pushed onto
the stack. If the contents of the register or of the status
register (STATUS) is altered by the interrupt service pro-
gram which corrupts the desired control sequence, the
contents should be saved in advance.
External interrupts are triggered by a an edge transition
of INT0 or INT1 (ROM code option: high to low, low to
high, low to high or high to low), and the related interrupt
request flag (EIF0; bit 4 of INTC0, EIF1; bit 5 of INTC0)
is set as well. After the interrupt is enabled, the stack is
not full, and the external interrupt is active, a subroutine
call to location 04H or 08H occurs. The interrupt request
flag (EIF0 or EIF1) and EMI bits are all cleared to disable
other maskable interrupts.
The internal Timer/Event Counter 0 interrupt is initial-
ized by setting the Timer/Event Counter 0 interrupt re-
quest flag (T0F; bit 6 of INTC0), which is normally
caused by a timer overflow. After the interrupt is en-
abled, and the stack is not full, and the T0F bit is set, a
subroutine call to location 0CH occurs. The related inter-
rupt request flag (T0F) is reset, and the EMI bit is
cleared to disable other maskable interrupts.
Timer/Event Counter 1 is operated in the same manner
but its related interrupt request flag is T1F (bit 4 of
INTC1) and its subroutine call location is 10H.
The A/D converter Interrupt is a Non-maskable interrupt
(NMI) which occurs when an A/D conversion process
has been completed and EOCB becomes
²0². The A/D
converter interrupt is controlled by an EADI (bit 7 of the
INTC0). When EADI=
²1², the A/D converter interrupt is
enabled. If the EADI=
²0², the A/D converter interrupt is
disabled. The A/D converter interrupt cannot be masked
by disabling the EMI. After the interrupt is enabled, and if
the A/D Conversion process has been completed (when
EOCB becomes
²0²), a subroutine call to location 1CH
occurs. If the stack is and if the A/D converter interrupt
subroutine is serviced, the A/D converter interrupt
¢sre-
turn address will be pushed into the stack, and the first
return address in the stack will be flushed. It is important
that at least one stack level is left available when using
the A/D interrupt.
The time base interrupt is initialized by setting the time
base interrupt request flag (TBF; bit 5 of INTC1), that is
caused by a regular time base signal. After the interrupt
is enabled, and the stack is not full, and the TBF bit is
Register
Bit No.
Label
Function
INTC0
(0BH)
0
EMI
Control the master (global) interrupt (1=enabled; 0=disabled)
1
EEI0
Control the external interrupt 0 (1=enabled; 0=disabled)
2
EEI1
Control the external interrupt 1 (1=enabled; 0=disabled)
3
ET0I
Control the Timer/Event Counter 0 interrupt (1=enabled; 0=disabled)
4
EIF0
External interrupt 0 request flag (1=active; 0=inactive)
5
EIF1
External interrupt 1 request flag (1=active; 0=inactive)
6
T0F
Internal Timer/Event Counter 0 request flag (1=active; 0=inactive)
7
EADI
Control the A/D converter interrupt (NMI; 1=enable; 0=disable)
INTC1
(1EH)
0
ET1I
Control the Timer/Event Counter 1 interrupt (1=enabled; 0=disabled)
1
ETBI
Control the time base interrupt (1=enabled; 0:disabled)
2
ERTI
Control the real time clock interrupt (1=enabled; 0:disabled)
3
¾
Unused bit, read as
²0²
4
T1F
Internal Timer/Event Counter 1 request flag (1=active; 0=inactive)
5
TBF
Time base request flag (1=active; 0=inactive)
6
RTF
Real time clock request flag (1=active; 0=inactive)
7
¾
Unused bit, read as
²0²
INTC Register


Similar Part No. - HT46C64

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46C64 HOLTEK-HT46C64 Datasheet
423Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46C64 HOLTEK-HT46C64 Datasheet
1Mb / 51P
   52/100-pin LQFP
HT46C64 HOLTEK-HT46C64_11 Datasheet
320Kb / 46P
   A/D with LCD Type 8-Bit MCU
More results

Similar Description - HT46C64

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
   A/D Type 8-Bit MCU with LCD
HT46R63 HOLTEK-HT46R63 Datasheet
328Kb / 44P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_06 Datasheet
423Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R62 HOLTEK-HT46R62 Datasheet
401Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R64 HOLTEK-HT46R64_11 Datasheet
320Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46R65 HOLTEK-HT46R65_11 Datasheet
321Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46RU67 HOLTEK-HT46RU67 Datasheet
496Kb / 67P
   A/D Type 8-Bit MCU with LCD
HT46R65 HOLTEK-HT46R65 Datasheet
409Kb / 48P
   A/D with LCD Type 8-Bit MCU
HT46R71D HOLTEK-HT46R71D Datasheet
331Kb / 46P
   A/D with LCD Type 8-Bit MCU
HT46RU66 HOLTEK-HT46RU66 Datasheet
493Kb / 63P
   A/D Type 8-Bit MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com