Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS92LV090A Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS92LV090A
Description  9 Channel Bus LVDS Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV090A Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS92LV090A Datasheet HTML 1Page - National Semiconductor (TI) DS92LV090A Datasheet HTML 2Page - National Semiconductor (TI) DS92LV090A Datasheet HTML 3Page - National Semiconductor (TI) DS92LV090A Datasheet HTML 4Page - National Semiconductor (TI) DS92LV090A Datasheet HTML 5Page - National Semiconductor (TI) DS92LV090A Datasheet HTML 6Page - National Semiconductor (TI) DS92LV090A Datasheet HTML 7Page - National Semiconductor (TI) DS92LV090A Datasheet HTML 8Page - National Semiconductor (TI) DS92LV090A Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AC Electrical Characteristics (Continued)
Over recommended operating supply voltage and temperature ranges unless otherwise specified (Note 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIFFERENTIAL RECEIVER TIMING REQUIREMENTS
t
PHZ
Disable Time High to Z
R
L = 500Ω,
Figures 8, 9,
C
L =35pF
4.5
10
ns
t
PLZ
Disable Time Low to Z
3.5
8
ns
t
PZH
Enable Time Z to High
3.5
8
ns
t
PZL
Enable Time Z to Low
3.5
8
ns
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation.
Note 2: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to ground unless otherwise specified except
VOD, ∆VOD and VID.
Note 3: All typicals are given for VCC = +3.3V and TA = +25˚C, unless otherwise stated.
Note 4: ESD Rating: HBM (1.5 k
Ω, 100 pF) > 4.5 kV EIAJ (0Ω, 200 pF) > 300V.
Note 5: CL includes probe and fixture capacitance.
Note 6: Generator waveforms for all tests unless otherwise specified:f=25 MHz, ZO =50Ω,tr,tf = <1.0 ns (0%–100%). To ensure fastest propagation delay and
minimum skew, data input edge rates should be equal to or faster than 1ns/V; control signals equal to or faster than 3ns/V. In general, the faster the input edge rate,
the better the AC performance.
Note 7: The DS92LV090A functions within datasheet specification when a resistive load is applied to the driver outputs.
Note 8: Propagation delays are guaranteed by design and characterization.
Note 9: tSKD1 |tPHLD–tPLHD| is the worse case skew between any channel and any device over recommended operation conditions.
Note 10: Only one output at a time should be shorted, do not exceed maximum package power dissipation capacity.
Note 11: VOH failsafe terminated test performed with 27Ω connected between RI+ and RI− inputs. No external voltage is applied.
Note 12: Chip to Chip skew is the difference in differential propagation delay between any channels of any devices, either edge.
Note 13: Channel to Channel skew is the difference in driver output or receiver output propagation delay between any channels within a device, either edge.
Applications Information
General application guidelines and hints may be found in the
following application notes: AN-808, AN-1035, AN-977,
AN-971, AN-918, and AN-903.
There are a few common practices which should be implied
when designing PCB for Bus LVDS signaling. Recom-
mended practices are:
Use at least 4 PCB board layer (Bus LVDS signals,
ground, power and TTL signals).
Keep drivers and receivers as close to the (Bus LVDS
port side) connector as possible.
Bypass each Bus LVDS device and also use distributed
bulk capacitance between power planes. Surface mount
capacitors placed close to power and ground pins work
best. Two or three high frequency, multi-layer ceramic
(MLC) surface mount (0.1 µF, 0.01 µF, 0.001 µF) in paral-
lel should be used between each V
CC and ground. The
capacitors should be as close as possible to the V
CC pin.
Multiple vias should be used to connect V
CC and Ground
planes to the pads of the by-pass capacitors.
In addition, randomly distributed by-pass capacitors
should be used.
Use the termination resistor which best matches the dif-
ferential impedance of your transmission line.
Leave unused Bus LVDS receiver inputs open (floating).
Limit traces on unused inputs to <0.5 inches.
Isolate TTL signals from Bus LVDS signals
MEDIA (CONNECTOR or BACKPLANE) SELECTION:
Use controlled impedance media. The backplane and
connectors should have a matched differential imped-
ance.
TABLE 1. Functional Table
MODE SELECTED
DE
RE
DRIVER MODE
H
H
RECEIVER MODE
L
L
TRI-STATE MODE
L
H
LOOP BACK MODE
H
L
TABLE 2. Transmitter Mode
INPUTS
OUTPUTS
DE
D
IN
DO+
DO−
HL
L
H
HH
H
L
H
0.8V< D
IN <2.0V
X
X
LX
Z
Z
TABLE 3. Receiver Mode
INPUTS
OUTPUT
RE
(RI+) – (RI−)
LL (< −100 mV)
L
LH (> +100 mV)
H
L
−100 mV < V
ID < +100 mV
X
HX
Z
X = High or Low logic state
L = Low state
Z = High impedance state
H = High state
www.national.com
5


Similar Part No. - DS92LV090A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
DS92LV090AEP TI1-DS92LV090AEP Datasheet
308Kb / 14P
[Old version datasheet]   DS92LV090AEP 9 Channel Bus LVDS Transceiver
logo
National Semiconductor ...
DS92LV090ATVEH NSC-DS92LV090ATVEH Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090ATVEH/NOPB TI1-DS92LV090ATVEH/NOPB Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
More results

Similar Description - DS92LV090A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
DS92LV090AEP TI1-DS92LV090AEP Datasheet
308Kb / 14P
[Old version datasheet]   DS92LV090AEP 9 Channel Bus LVDS Transceiver
logo
National Semiconductor ...
SCAN92LV090 NSC-SCAN92LV090 Datasheet
701Kb / 13P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
SCAN92LV090 NSC-SCAN92LV090 Datasheet
30Kb / 1P
   9 Channel Bus LVDS Transceiver with 1149.1 Access
SCAN92LV090 NSC-SCAN92LV090_06 Datasheet
352Kb / 14P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
logo
Texas Instruments
SCAN92LV090 TI1-SCAN92LV090_15 Datasheet
613Kb / 19P
[Old version datasheet]   SCAN92LV090 9 Channel Bus LVDS Transceiver w/ Boundary SCAN
logo
National Semiconductor ...
DS92LV040A NSC-DS92LV040A Datasheet
220Kb / 12P
   4 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV040A TI1-DS92LV040A_14 Datasheet
998Kb / 17P
[Old version datasheet]   4 Channel Bus LVDS Transceiver
logo
Pericom Semiconductor C...
PI90LVB010 PERICOM-PI90LVB010 Datasheet
460Kb / 9P
   Single Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com