Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APB3227ZGKQBDC Datasheet(PDF) 3 Page - Kingbright Corporation

Part # APB3227ZGKQBDC
Description  3.2x2.7mm SURFACE MOUNT LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APB3227ZGKQBDC Datasheet(HTML) 3 Page - Kingbright Corporation

  APB3227ZGKQBDC Datasheet HTML 1Page - Kingbright Corporation APB3227ZGKQBDC Datasheet HTML 2Page - Kingbright Corporation APB3227ZGKQBDC Datasheet HTML 3Page - Kingbright Corporation APB3227ZGKQBDC Datasheet HTML 4Page - Kingbright Corporation APB3227ZGKQBDC Datasheet HTML 5Page - Kingbright Corporation APB3227ZGKQBDC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: DSAO1003
REV NO: V.1B
DATE: JAN/06/2015
PAGE: 3 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Q.M.Chen
ERP: 1203014811
APB3227ZGKQBDC
Green


Similar Part No. - APB3227ZGKQBDC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APB3227ZGKQBDC TO-GRACE-APB3227ZGKQBDC Datasheet
910Kb / 4P
   3.2 x 2.7 mm Surface Mount LED Lamp
More results

Similar Description - APB3227ZGKQBDC

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDKBBA98W SUNLED-ZMDKBBA98W Datasheet
231Kb / 5P
   3.2x2.7mm SURFACE MOUNT LED LAMP
ZURUY98W SUNLED-ZURUY98W Datasheet
218Kb / 5P
   3.2x2.7mm SURFACE MOUNT LED LAMP
ZURMG98W SUNLED-ZURMG98W Datasheet
215Kb / 5P
   3.2x2.7mm SURFACE MOUNT LED LAMP
ZMDKVG98W SUNLED-ZMDKVG98W Datasheet
228Kb / 5P
   3.2x2.7mm SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP600CRGBTR FAIRCHILD-QTLP600CRGBTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23SYC-F KINGBRIGHT-AM23SYC-F Datasheet
279Kb / 5P
   SURFACE MOUNT LED LAMP
AM23YD-F KINGBRIGHT-AM23YD-F Datasheet
280Kb / 5P
   SURFACE MOUNT LED LAMP
AM23ESGW KINGBRIGHT-AM23ESGW Datasheet
324Kb / 6P
   SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP600CRTR FAIRCHILD-QTLP600CRTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com