Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95A200 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT95A200
Description  I/O Type Phone 8-Bit MCU
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95A200 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT95A200 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95A200 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Pin Assignment
Note:
The following pads for the HT95A100/10P are not bonded to the package.
PD2, PD3, HKS,PO, HFI, HFO
Pin Description
Pin Name
I/O
Description
CPU
VDD
¾
Positive power supply
VSS
¾
Negative power supply, ground
X1
I
A 32768Hz crystal (or resonator) should be connected to this pin and X2.
X2
O
A 32768Hz crystal (or resonator) should be connected to this pin and X1.
XC
I
External low pass filter used for frequency up conversion circuit.
RES
I
Schmitt trigger reset input, active low.
INT
I
Supported for HT95A400/40P, HT95A300/30P, HT95A200/20P
Schmitt trigger input for external interrupt.
No internal pull-high resistor.
Edge trigger activated on a falling edge.
TMR0
I
Supported for HT95A400/40P, HT95A300/30P, HT95A200/20P
Schmitt trigger input for Timer/Event Counter 0.
No internal pull-high resistor.
Activated on falling or rising transition edge, selected by software.
Activated on a falling or rising transition edge, selected by software.
INT/TMR0
I
Supported for HT95A100/10P
Schmitt trigger input for external interrupt or Timer/Event Counter 0.
No internal pull-high resistor.
For INT: Edge trigger activated on a falling edge.
For TMR0: Activated on a falling or rising transition edge, selected by software.
HT95AXXX
Rev. 1.20
3
May 26, 2004
4 8
4 7
4 6
4 5
4 4
4 3
4 2
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
P A 3
P A 2
P A 1
P A 0
P B 7
P B 6
P B 5
P B 4
V S S
P B 3
P B 2
P B 1
P B 0
P D 7
P D 6
P D 5
P D 4
P D 3
P D 2
P D 1
P D 0
I N T
T M R 0
T M R 1
P A 4
P A 5
P A 6
P A 7
X 2
X 1
X C
N C
V D D
R E S
D T M F
H F I
H F O
H D I
H D O
X M U T E
D N P O
P O
H K S
P E 3
P E 2
P E 1
P E 0
M U S I C
H T 9 5 A 3 0 0 / 3 0 P / 2 0 0 / 2 0 P
4 8 S S O P - A
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
H T 9 5 A 1 0 0 / 1 0 P
2 8 S O P - A
P A 3
P A 2
P A 1
P A 0
P B 7
P B 6
P B 5
P B 4
P B 3
P B 2
P B 1
P B 0
V S S
D N P O
P A 4
P A 5
P A 6
P A 7
D T M F
P D 0
P D 1
X 2
X 1
X C
V D D
R E S
I N T / T M R 0
X M U T E
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 6 2 7 2 8 2 9 3 0 3 1 3 2
6 4 6 3 6 2 6 1 6 0 5 9 5 8 5 7 5 6 5 5 5 4 5 3 5 2
2 0 2 1 2 2 2 3 2 4 2 5
5 1
5 0
4 9
4 8
4 7
4 6
4 5
4 4
4 3
4 2
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
H T 9 5 A 4 0 0 / 4 0 P
6 4 Q F P - A
P G 0
P A 7
P A 6
P A 5
P A 4
P A 3
P A 2
P A 1
P A 0
P B 7
P B 6
P B 5
P B 4
P B 3
P B 2
P B 1
P B 0
X M U T E
D N P O
P E 1
P E 2
P E 3
P E 4
P E 5
P E 6
P E 7
P D 0
P D 1
P D 2
P D 3
P D 4
P D 5
P D 6
P D 7
M U S I C
R E S
T M R 0
D T M F
*


Similar Part No. - HT95A200

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95A200 HOLTEK-HT95A200 Datasheet
768Kb / 42P
   8-Bit LCD Type Phone Controller MCU
HT95A200 HOLTEK-HT95A200 Datasheet
364Kb / 52P
   LCD Type Phone 8-Bit MCU
HT95A200 HOLTEK-HT95A200 Datasheet
416Kb / 51P
   CID Type Phone 8-Bit MCU
More results

Similar Description - HT95A200

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95R23 HOLTEK-HT95R23 Datasheet
442Kb / 53P
   I/O Type Phone 8-bit MCU
HT95R22 HOLTEK-HT95R22 Datasheet
374Kb / 52P
   I/O Type Phone 8-bit MCU
HT95R34 HOLTEK-HT95R34 Datasheet
415Kb / 59P
   I/O Type Phone 8-bit MCU with DTMF Receiver
HT95R33 HOLTEK-HT95R33 Datasheet
417Kb / 59P
   I/O Type Phone 8-bit MCU with DTMF Receiver
HT48R70A-1 HOLTEK-HT48R70A-1_07 Datasheet
301Kb / 39P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1 Datasheet
307Kb / 41P
   I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1_09 Datasheet
252Kb / 37P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1_09 Datasheet
269Kb / 39P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1_09 Datasheet
280Kb / 39P
   I/O Type 8-Bit MCU
HT82K70E-L HOLTEK-HT82K70E-L_11 Datasheet
397Kb / 59P
   I/O Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com