Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APFA2507QBDSEEZGKC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APFA2507QBDSEEZGKC
Description  2.5x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APFA2507QBDSEEZGKC Datasheet(HTML) 2 Page - Kingbright Corporation

  APFA2507QBDSEEZGKC Datasheet HTML 1Page - Kingbright Corporation APFA2507QBDSEEZGKC Datasheet HTML 2Page - Kingbright Corporation APFA2507QBDSEEZGKC Datasheet HTML 3Page - Kingbright Corporation APFA2507QBDSEEZGKC Datasheet HTML 4Page - Kingbright Corporation APFA2507QBDSEEZGKC Datasheet HTML 5Page - Kingbright Corporation APFA2507QBDSEEZGKC Datasheet HTML 6Page - Kingbright Corporation APFA2507QBDSEEZGKC Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPEC NO: DSAO0362
REV NO: V.2B
DATE: JUN/27/2015
PAGE: 2 OF 7
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: F.T.Liu
ERP: 1203014712
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity/ luminous Flux: +/-15%.
3. Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2.Forward Voltage: +/-0.1V.
3.Wavelength value is traceable to the CIE127-2007 compliant national standards.
4.Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Emitting Color (Material)
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
Typ.
2θ1/2
APFA2507QBDSEEZGKC
Blue (InGaN)
Water Clear
40
65
140
°
Hyper Red (AlGaInP)
80
110
110
°
Green (InGaN)
130
°
200
400
Symbol
Parameter
Emitting Color
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Blue
Hyper Red
Green
460
630
515
nm
IF=20mA
λD [1]
Dominant Wavelength
Blue
Hyper Red
Green
465
621
525
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Blue
Hyper Red
Green
25
20
35
nm
IF=20mA
C
Capacitance
Blue
Hyper Red
Green
100
25
45
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Blue
Hyper Red
Green
3.3
2
3.3
4
2.5
4.1
V
IF=20mA
IR
Reverse Current
Blue
Hyper Red
Green
50
10
50
uA
VR=5V
Parameter
Blue
Hyper Red
Green
Units
Power dissipation
120
75
102.5
mW
DC Forward Current
30
30
25
mA
Peak Forward Current [1]
150
195
150
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C
Electrostatic Discharge Threshold (HBM)
250
-
450
V


Similar Part No. - APFA2507QBDSEEZGKC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APFA2507QBDSEEZGKC TO-GRACE-APFA2507QBDSEEZGKC Datasheet
1Mb / 4P
   2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
logo
Kingbright Corporation
APFA2507QBDSEEZGKC KINGBRIGHT-APFA2507QBDSEEZGKC Datasheet
516Kb / 4P
   2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.11B Date: 01/11/2023
APFA2507QBDSEEZGKC KINGBRIGHT-APFA2507QBDSEEZGKC_V01 Datasheet
516Kb / 4P
   2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Rev No: V.11B Date: 01/11/2023
More results

Similar Description - APFA2507QBDSEEZGKC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APFA2507LQBDSEEZGKC KINGBRIGHT-APFA2507LQBDSEEZGKC Datasheet
308Kb / 7P
   2.5x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
APFA2507LSURKSYKZGKC KINGBRIGHT-APFA2507LSURKSYKZGKC Datasheet
338Kb / 7P
   2.5x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
XZMR65WA SUNLED-XZMR65WA Datasheet
216Kb / 3P
   2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APEKA3224SURC KINGBRIGHT-APEKA3224SURC Datasheet
142Kb / 5P
   3.2x2.4mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606PBC KINGBRIGHT-APA1606PBC Datasheet
280Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606QBC KINGBRIGHT-APA1606QBC Datasheet
281Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606SYCK KINGBRIGHT-APA1606SYCK Datasheet
275Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
AA2810ASYSK KINGBRIGHT-AA2810ASYSK Datasheet
235Kb / 6P
   2.8X0.8mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010SURKSGC KINGBRIGHT-APBA3010SURKSGC Datasheet
374Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APEKA3224SECK KINGBRIGHT-APEKA3224SECK Datasheet
142Kb / 5P
   3.2x2.4mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com