Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS92LV040 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS92LV040
Description  4 Channel Bus LVDS Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV040 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS92LV040 Datasheet HTML 1Page - National Semiconductor (TI) DS92LV040 Datasheet HTML 2Page - National Semiconductor (TI) DS92LV040 Datasheet HTML 3Page - National Semiconductor (TI) DS92LV040 Datasheet HTML 4Page - National Semiconductor (TI) DS92LV040 Datasheet HTML 5Page - National Semiconductor (TI) DS92LV040 Datasheet HTML 6Page - National Semiconductor (TI) DS92LV040 Datasheet HTML 7Page - National Semiconductor (TI) DS92LV040 Datasheet HTML 8Page - National Semiconductor (TI) DS92LV040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DS92LV040A
4 Channel Bus LVDS Transceiver
General Description
The DS92LV040A is one in a series of Bus LVDS transceiv-
ers designed specifically for high speed, low power back-
plane or cable interfaces. The device operates from a single
3.3V power supply and includes four differential line drivers
and four receivers. To minimize bus loading, the driver out-
puts and receiver inputs are internally connected. The device
also features a flow through pin out which allows easy PCB
routing for short stubs between its pins and the connector.
The driver translates 3V LVTTL levels (single-ended) to dif-
ferential Bus LVDS (BLVDS) output levels. This allows for
high speed operation while consuming minimal power and
reducing EMI. In addition, the differential signaling provides
common mode noise rejection greater than ±1V.
The receiver threshold is less than +0/−70 mV. The receiver
translates the differential Bus LVDS to standard (LVTTL/
LVCMOS) levels. (See Applications Information Section for
more details.)
Features
n
Bus LVDS Signaling
n
Propagation delay: Driver 2.3ns max, Receiver 3.2ns
max
n
Low power CMOS design
n
100% Transition time 1ns driver typical, 1.3ns receiver
typical
n
High Signaling Rate Capability (above 155 Mbps)
n
0.1V to 2.3V Common Mode Range for V
ID = 200mV
n
70 mV Receiver Sensitivity
n
Supports open and terminated failsafe on port pins
n
3.3V operation
n
Glitch free power up/down (Driver & Receiver disabled)
n
Light Bus Loading (5 pF typical) per Bus LVDS load
n
Designed for Double Termination Applications
n
Balanced Output Impedance
n
Product offered in 44 pin LLP (Leadless Leadframe
Package) package
n
High impedance Bus pins on power off (V
CC = 0V)
Simplified Functional Diagram
10133601
August 2002
© 2002 National Semiconductor Corporation
DS101336
www.national.com


Similar Part No. - DS92LV040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV040A TI1-DS92LV040A Datasheet
998Kb / 17P
[Old version datasheet]   4 Channel Bus LVDS Transceiver
DS92LV040ATLQA TI1-DS92LV040ATLQA Datasheet
998Kb / 17P
[Old version datasheet]   4 Channel Bus LVDS Transceiver
DS92LV040ATLQA/NOPB TI1-DS92LV040ATLQA/NOPB Datasheet
998Kb / 17P
[Old version datasheet]   4 Channel Bus LVDS Transceiver
DS92LV040ATLQAX/NOPB TI1-DS92LV040ATLQAX/NOPB Datasheet
998Kb / 17P
[Old version datasheet]   4 Channel Bus LVDS Transceiver
DS92LV040A TI1-DS92LV040A_14 Datasheet
998Kb / 17P
[Old version datasheet]   4 Channel Bus LVDS Transceiver
More results

Similar Description - DS92LV040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV040A TI1-DS92LV040A_14 Datasheet
998Kb / 17P
[Old version datasheet]   4 Channel Bus LVDS Transceiver
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
DS92LV090AEP TI1-DS92LV090AEP Datasheet
308Kb / 14P
[Old version datasheet]   DS92LV090AEP 9 Channel Bus LVDS Transceiver
logo
Pericom Semiconductor C...
PI90LVB010 PERICOM-PI90LVB010 Datasheet
460Kb / 9P
   Single Bus LVDS Transceiver
PI90LV019 PERICOM-PI90LV019 Datasheet
432Kb / 9P
   Single Bus LVDS Transceiver
logo
Maxim Integrated Produc...
MAX9157 MAXIM-MAX9157 Datasheet
357Kb / 16P
   Quad Bus LVDS Transceiver
19-2287; Rev 0; 1/02
logo
National Semiconductor ...
SCAN92LV090 NSC-SCAN92LV090 Datasheet
701Kb / 13P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
SCAN92LV090 NSC-SCAN92LV090 Datasheet
30Kb / 1P
   9 Channel Bus LVDS Transceiver with 1149.1 Access
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com