Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5V2528PGG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT5V2528PGG
Description  2.5V / 3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V2528PGG Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT5V2528PGG Datasheet HTML 1Page - Integrated Device Technology IDT5V2528PGG Datasheet HTML 2Page - Integrated Device Technology IDT5V2528PGG Datasheet HTML 3Page - Integrated Device Technology IDT5V2528PGG Datasheet HTML 4Page - Integrated Device Technology IDT5V2528PGG Datasheet HTML 5Page - Integrated Device Technology IDT5V2528PGG Datasheet HTML 6Page - Integrated Device Technology IDT5V2528PGG Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
INDUSTRIALTEMPERATURERANGE
IDT5V2528/A
2.5 / 3.3V PHASE-LOCK LOOP CLOCK DRIVER
INPUT TIMING REQUIREMENTS OVER OPERATING RANGE
5V2528
5V2528A
Min
Max
Min
Max
Units
fCLOCK
Clockfrequency
25
140
25
167
MHz
Input clock duty cycle
40%
60%
40%
60%
tLOCK
Stabilizationtime(1)
11
ms
NOTE:
1.Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be obtained, a fixed-frequency, fixed-phase reference
signal must be present at CLK. Until phase lock is obtained, the specifications for propagation delay, skew, and jitter parameters given in the switching characteristics table are
not applicable.
NOTES:
1. All parameters are measured with the following load conditions: 30pF || 500
Ω for 3.3V outputs and 20pF || 500Ω for 2.5V outputs.
2. The specifications for parameters in this table are applicable only after any appropriate stabilization time has elapsed.
3. Phase error does not include jitter.
4. All skew parameters are only valid for equal loading of all outputs.
5. Measured for VDDQ = 2.3V and 3V, 2.5V and 3.3V, or 2.7V and 3.6V.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - 5V2528(1)
Symbol
Parameter(2)
Min.
Typ.
Max.
Unit
tPHASEerror
Phase Error from Rising Edge CLK to Rising Edge FBIN (100MHz-133MHz)
150
150
ps
tPHASEerror-jitter(3)
Phase Error minus Jitter from Rising Edge CLK to Rising Edge FBIN (133MHz)
50
50
ps
tSK1(0)(4)
Output Skew between 3.3V Outputs
——
150
ps
tSK2(0)(4)
Output Skew between 2.5V Outputs
——
150
ps
tSK3(0)(4,5)
Output Skew between 2.5V and 3.3V Outputs
——
200
ps
tJ
Cycle-to-Cycle Output Jitter (Peak-to-Peak) at 133MHz
75
75
ps
Duty Cycle
45
55
%
tR
Output Rise Time for 3.3V Outputs (20% to 80%)
0.8
2.1
ns
tF
Output Fall Time for 3.3V Outputs (20% to 80%)
0.8
2.1
ns
tR
Output Rise Time for 2.5V Outputs (20% to 80%)
0.5
1.5
ns
tF
Output Fall Time for 2.5V Outputs (20% to 80%)
0.5
1.5
ns
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - 5V2528A(1)
Symbol
Parameter(2)
Min.
Typ.
Max.
Unit
tPHASEerror
Phase Error from Rising Edge CLK to Rising Edge FBIN (100MHz-166MHz)
150
150
ps
tPHASEerror-jitter(3)
Phase Error minus Jitter from Rising Edge CLK to Rising Edge FBIN (166MHz)
50
50
ps
tSK1(0)(4)
Output Skew between 3.3V Outputs
——
150
ps
tSK2(0)(4)
Output Skew between 2.5V Outputs
——
150
ps
tSK3(0)(4,5)
Output Skew between 2.5V and 3.3V Outputs
25MHz to 133MHz
——
200
ps
133MHz to 166MHz
——
250
tJ
Cycle-to-Cycle Output Jitter (Peak-to-Peak) at 166MHz
75
75
ps
Duty Cycle
45
55
%
tR
Output Rise Time for 3.3V Outputs (20% to 80%)
0.8
2.1
ns
tF
Output Fall Time for 3.3V Outputs (20% to 80%)
0.8
2.1
ns
tR
Output Rise Time for 2.5V Outputs (20% to 80%)
0.5
1.5
ns
tF
Output Fall Time for 2.5V Outputs (20% to 80%)
0.5
1.5
ns


Similar Part No. - IDT5V2528PGG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V2305 IDT-IDT5V2305 Datasheet
53Kb / 8P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2305 IDT-IDT5V2305 Datasheet
164Kb / 13P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
IDT5V2305 RENESAS-IDT5V2305 Datasheet
319Kb / 14P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
SEPTEMBER 2014 c 2014
logo
Integrated Device Techn...
IDT5V2305NRI IDT-IDT5V2305NRI Datasheet
53Kb / 8P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
   CLOCK BUFFER PERFORMANCE CLOCK BUFFER
More results

Similar Description - IDT5V2528PGG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9352 IDT-IDT5V9352 Datasheet
81Kb / 10P
   3.3V/2.5V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
logo
Renesas Technology Corp
CSP2510C RENESAS-CSP2510C Datasheet
262Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
NOVEMBER 2008
logo
Integrated Device Techn...
CSP2510D IDT-CSP2510D Datasheet
72Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDTCSP2510D IDT-IDTCSP2510D Datasheet
65Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
logo
Renesas Technology Corp
CSP2510D RENESAS-CSP2510D Datasheet
251Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
OCTOBER 2001
logo
Integrated Device Techn...
IDTCSP2510C IDT-IDTCSP2510C Datasheet
63Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT2309 IDT-IDT2309_12 Datasheet
125Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER Phase-Lock Loop Clock Distribution
logo
Integrated Circuit Syst...
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Renesas Technology Corp
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
   DDR Phase Lock Loop Zero Delay Clock Buffer
2019
logo
Integrated Circuit Syst...
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com