Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRQ-10R0-10-L Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # BRQ-10R0-10-L
Description  High Load and Braking Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

BRQ-10R0-10-L Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  BRQ-10R0-10-L Datasheet HTML 1Page - RHOPOINT COMPONENTS BRQ-10R0-10-L Datasheet HTML 2Page - RHOPOINT COMPONENTS BRQ-10R0-10-L Datasheet HTML 3Page - RHOPOINT COMPONENTS BRQ-10R0-10-L Datasheet HTML 4Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Load and Braking Resistors
Typ / type BRQ
RHOPOINT COMPONENTS LTD
Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX, ENGLAND
Tel: +44/01883 717988, Fax: +44/01883 712938, Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
Ausgabe / Issue : 09/11/2001
BRQ-1 / 4
Technische Änderungen vorbehalten - technical modifications reserved
Merkmale / features
300 Watt Dauerleistung
300 Watt permanent power
3 kWatt Pulsleistung für 1 s
3 kWatt pulse power for 1 s
kompakte Bauform
small outline
Bauhöhe kompatibel zu Econopack
overall thickness compatible to Econopack
Massives, 2 mm dickes Kupfersubstrat als Wärme-
senke für hohe Pulsbelastbarkeit eingebaut
2 mm thick Cu-substrate as heatsink for pulse power
Anschlüsse mit Litzen und Kontaktstiften verfügbar
Ausführung:
L - Litze
K - Kontakt
M - Teflonlitze (UL- gelistet)
flying leads and pin connectors available
version:
L - flying leads
K - pin connectors
M -copper wire with teflon insulation
(UL-listet)
-40
-20
20
40
60
80
100
120
T [oC]
-0.4
-0.2
0.2
∆R/R
20 [%]
Temperaturabhängigkeit des elektrischen Widerstandes von
MANGANIN-Widerständen
temperature dependence of the electrical resistance of
MANGANIN-resistors
Lastminderungskurve für Widerstände montiert auf Kühlkörper
power derating curve for heatsink mounted resistors
0
20
40
60
80
100
120
140
160
Gehäusetemperatur T
G / [
oC]
case temperature T
G / [
oC]
0.25
0.5
0.75
1
P / P
Nom
Schutzart IP 54
protection type IP 54
Technische Daten / technical data
Widerstandswerte
resistance values
1R, 2R5, 10R, 22R, 47R, 100R, 150R, 200R
Toleranz
tolerance
±10 %
Temperaturkoeffizient
temperature coefficient ( tcr )
< ±50 ppm/K ( 20 °C – 60 °C )
Temperaturbereich
applicable temperature range
-50 °C bis +150 °C
-50 °C to +150 °C
Belastbarkeit
load capacity
300 W auf Kühlkörper montiert
300 W ( heatsink mounting )
Max. Pulsbelastbarkeit
max. pulse power
3kW für tP =1 s ( tPause >10 s
und TG =80 °C )
3kW at tP =1 s ( toff >10 s
and TG =80 °C )
Innerer Wärmewiderstand
internal heat resistance
< 0,05 K/W
Max. Betriebsspannung
operating voltage ( max )
1000 VAC
Prüfspannung
dielectric withstanding voltage
2500 VAC
Stabilität unter Nennlast
stability ( nominal load )
Abweichung < ±1 % nach 2000 h
deviation < ±1 % after 2000 h


Similar Description - BRQ-10R0-10-L

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
BRM-10R0-10-L RHOPOINT-BRM-10R0-10-L Datasheet
175Kb / 4P
   High Load and Braking Resistors
BRK-10R0-10-L RHOPOINT-BRK-10R0-10-L Datasheet
187Kb / 4P
   High Load and Braking Resistors
logo
List of Unclassifed Man...
MBH3000 ETC-MBH3000 Datasheet
703Kb / 2P
   Mini Braking High Power Resistors
DBRI-EW16K ETC1-DBRI-EW16K Datasheet
711Kb / 2P
   Dynamic Braking Resistors
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204_10 Datasheet
161Kb / 10P
   High Pulse Load MELF Resistors
Revision: 01-Mar-10
CBB0207 VISHAY-CBB0207 Datasheet
132Kb / 9P
   High Pulse Load Carbon Film Leaded Resistors
Revision: 07-Jul-10
WK8 VISHAY-WK8 Datasheet
152Kb / 9P
   High Pulse Load, High Power Metal Oxide Leaded Resistors
01-Jan-2022
CMA0204 VISHAY-CMA0204_V01 Datasheet
171Kb / 11P
   High Pulse Load Carbon Film MINI-MELF Resistors
01-Jan-2022
logo
IXYS Corporation
VGB0124AY7A IXYS-VGB0124AY7A Datasheet
26Kb / 2P
   Braking Rectifier
logo
Token Electronics Indus...
RCR TOKEN-RCR Datasheet
419Kb / 5P
   Pulse Load Anti-Surge Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com