Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5V2528APGG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT5V2528APGG
Description  2.5V / 3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V2528APGG Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT5V2528APGG Datasheet HTML 1Page - Integrated Device Technology IDT5V2528APGG Datasheet HTML 2Page - Integrated Device Technology IDT5V2528APGG Datasheet HTML 3Page - Integrated Device Technology IDT5V2528APGG Datasheet HTML 4Page - Integrated Device Technology IDT5V2528APGG Datasheet HTML 5Page - Integrated Device Technology IDT5V2528APGG Datasheet HTML 6Page - Integrated Device Technology IDT5V2528APGG Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDT5V2528/A
2.5 / 3.3V PHASE-LOCK LOOP CLOCK DRIVER
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max
Unit
VIK
InputClampVoltage
II = -18mA
- 1.2
V
VIH
Input HIGH Level
CLK, FBIN
2
V
VIL
Input LOW Level
CLK, FBIN
0.8
V
VIHH
Input HIGH Voltage Level(2)
3-Level Inputs Only
VDD - 0.6
V
VIMM
Input MID Voltage Level(2)
3-Level Inputs Only
VDD/2 - 0.3
VDD/2 + 0.3
V
VILL
InputLOWVoltageLevel(2)
3-Level Inputs Only
0.6
V
VOH
Output HIGH Voltage Level
IOH = -100
µAVDD - 0.2
V
(3.3VOutputs)
IOH = -12mA
2.4
VOH
Output HIGH Voltage Level
IOH = -100
µAVDD - 0.1
(2.5VOutputs)
IOH = -12mA
2
V
VOL
OutputLOWVoltageLevel
IOL = 100
µA
0.2
V
(3.3VOutputs)
IOL = 12mA
0.4
VOL
OutputLOWVoltageLevel
IOL = 100
µA
0.1
V
(2.5VOutputs)
IOL = 12mA
0.4
I3
3-Level Input DC Current
VIN = VDD
HIGH Level
+200
(G_Ctrl,T_Ctrl)
VIN = VDD/2
MID Level
–50
+50
µA
VIN = GND
LOW Level
–200
II
InputCurrent
VI = VDD or GND
±5
µA
NOTES:
1. For conditions shown as Min or Max, use the appropriate value specified under recommended operating conditions.
2. These inputs are normally wired to VDD, GND, or left floating. Internal termination resistors bias floating inputs to VDD/2. If these inputs are switched, the function and timing of
the outputs may be glitched, and the PLL may require an additional tLOCK time before all datasheet limits are achieved.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions
Typ.(1)
Max
Unit
IDDPD
Power Down Supply Current
VDD = 3.6, VDDQ = 2.7V / 3.3V, AVDD = 0V
8
40
µA
IDDA
AVDD Supply Current
VDD = AVDD = 3.6V, VDDQ = 2.7V / 3.3V, CLK = 0 or VDD
3.5
10
mA
IDD
Dynamic Power Supply Current
VDD = AVDD = 3.6V, VDDQ = 2.7V / 3.3V, CL = 0pF
500
µA/MHz
VDD = AVDD = VDDQ = 3.6V
15
IDDD
Dynamic Power Supply
CL = 30pF, CLK = 100MHz
mA
CurrentperOutput
VDD = AVDD = 3.6V, VDDQ = 2.7V
12
CL = 20pF, CLK = 100MHz
NOTE:
1. For nominal voltage and temperature.


Similar Part No. - IDT5V2528APGG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V2305 IDT-IDT5V2305 Datasheet
53Kb / 8P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2305 IDT-IDT5V2305 Datasheet
164Kb / 13P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
IDT5V2305 RENESAS-IDT5V2305 Datasheet
319Kb / 14P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
SEPTEMBER 2014 c 2014
logo
Integrated Device Techn...
IDT5V2305NRI IDT-IDT5V2305NRI Datasheet
53Kb / 8P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
   CLOCK BUFFER PERFORMANCE CLOCK BUFFER
More results

Similar Description - IDT5V2528APGG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9352 IDT-IDT5V9352 Datasheet
81Kb / 10P
   3.3V/2.5V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
logo
Renesas Technology Corp
CSP2510C RENESAS-CSP2510C Datasheet
262Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
NOVEMBER 2008
logo
Integrated Device Techn...
CSP2510D IDT-CSP2510D Datasheet
72Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDTCSP2510D IDT-IDTCSP2510D Datasheet
65Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
logo
Renesas Technology Corp
CSP2510D RENESAS-CSP2510D Datasheet
251Kb / 10P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
OCTOBER 2001
logo
Integrated Device Techn...
IDTCSP2510C IDT-IDTCSP2510C Datasheet
63Kb / 9P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT2309 IDT-IDT2309_12 Datasheet
125Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER Phase-Lock Loop Clock Distribution
logo
Integrated Circuit Syst...
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
logo
Renesas Technology Corp
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
   DDR Phase Lock Loop Zero Delay Clock Buffer
2019
logo
Integrated Circuit Syst...
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
   DDR Phase Lock Loop Zero Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com