Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3X13LT Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # K3X13LT
Description  Sensor to Computer Interface Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

K3X13LT Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  K3X13LT Datasheet HTML 1Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhopoint Components Ltd
Tel: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Germany: +49 (0) 692 199 8606
Fax: +49 (0) 692 199 8595
Email: sales@rhopointcomponents.com
Website: www.rhopointcomponents.com
45
Temperature Sensors
Thermocouple Input Modules
D1300 Series
Dimensions in cm.
J Type Thermocouple Input Module
Order Code
Prices:
1-9pcs
10+
£277.00
£264.00
D1311
K3X13AA
The
D1300
thermocouple
modules
convert and linearize
thermocouple
signals to engineering units scaled in
degrees C or F. Values are communicated
to host computers using a RS-232 link.
Overall accuracy (error from all sources)
from 0 to +40°C ambient: +/-1deg C
max
Resolution: 1 degree (C or F)
Common mode rejection:
100db at 50/60 Hz
User selectable degrees C or F scaling
Lead resistance effect:
<20µV per 350ohms
Input burnout protection to 250 VAC
Input impedance: 100 megohm min
Three open-collector digital outputs
Open thermocouple indication
Two digital inputs, one events counter
Order Code
Prices:
1-9pcs
10+
£277.00
£264.00
D1321
K3X13AX
Order Code
Prices:
1-9pcs
10+
£277.00
£264.00
D1331
K3X13HQ
Order Code
Prices:
1-9pcs
10+
£277.00
£264.00
D1341
K3X13LT
Sensor to Computer
Interface Modules
The DGH analogue sensor to computer interface modules are ideal interfaces for some
of Rhopoint’s temperature sensors. They are complete hardware solutions for data acquistion
systems based on PCs. The modules provide direct connection to a wide variety of sensors and
perform all signal conditioning functions.
The modules operate on a single power supply input from 10V to 30V. They provide a 15-
bit measurement A/D connector and discrete digital I/O bits for controlling solid state relays or
sensing contact closures. The number of digital inputs and outputs varies depending on module
type. The module performs A/D conversion and linearization of sensor input data. The module
transmits data values in ASCII format to any host computer with a standard RS-232 port.
Modules are delivered with a comprehensive user manual and setup software, and can be daisy
chained.
Thermistor Input Modules
D1451 Series
The D1451 thermistor input module
converts thermistor signals to digital
information linearizes the data and
outputs it in engineering units scaled in
either C or F.
Thermistor Types:
2252 Ohm at 25°C
Resolution: 0.1 degree (C orF)
Accuracy: +/-0.3 deg. C
Ranges: 0-100 degrees C
Common mode rejection:
100db at 50/60 Hz
User selectable degrees C or F
Input burnout protection to 30Vdc
One digital input/events counter
(60Hz max.)
Two digital outputs
Dimensions in cm.
Order Code
Prices:
K3X13PP
1-9pcs
10+
£216.00
£206.00
K Type Thermocouple Input Module
2252
Ω Thermistor Input Module
T Type Thermocouple Input Module
E Type Thermocouple Input Module
D1451


Similar Part No. - K3X13LT

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
K3X GWSEMI-K3X Datasheet
209Kb / 2P
   Surface Mounted Schottky Barrier Rectifiers
K3XV GWSEMI-K3XV Datasheet
126Kb / 2P
   Surface Mounted Schottky Barrier Rectifiers
More results

Similar Description - K3X13LT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCM9B-3000 ETC1-SCM9B-3000 Datasheet
25Kb / 2P
   Computer-to-Analog Output Modules
logo
GSR Technology Ltd
KU968 GSR-KU968 Datasheet
402Kb / 2P
   Computer-on-Modules
logo
Maxim Integrated Produc...
MAX14955 MAXIM-MAX14955 Datasheet
5Mb / 19P
   Computer on Modules
Rev 0; 3/13
logo
GSR Technology Ltd
HR908-B GSR-HR908-B Datasheet
406Kb / 2P
   Computer-on-Modules
OT905-B GSR-OT905-B Datasheet
351Kb / 2P
   Computer-on-Modules
BT9A3 GSR-BT9A3 Datasheet
395Kb / 2P
   Computer-on-Modules
BW968 GSR-BW968 Datasheet
404Kb / 2P
   Computer-on-Modules
logo
Maxim Integrated Produc...
MAX14954 MAXIM-MAX14954 Datasheet
4Mb / 17P
   Computer on Modules
Rev 0; 11/12
logo
GSR Technology Ltd
AL-9A3 GSR-AL-9A3 Datasheet
392Kb / 2P
   Computer-on-Modules
CR908-B GSR-CR908-B Datasheet
407Kb / 2P
   Computer-on-Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com