Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V3654 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72V3654
Description  3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 2,048 x 36 x 2 4,096 x 36 x 2 8,192 x 36 x 2
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3654 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72V3654 Datasheet HTML 7Page - Integrated Device Technology IDT72V3654 Datasheet HTML 8Page - Integrated Device Technology IDT72V3654 Datasheet HTML 9Page - Integrated Device Technology IDT72V3654 Datasheet HTML 10Page - Integrated Device Technology IDT72V3654 Datasheet HTML 11Page - Integrated Device Technology IDT72V3654 Datasheet HTML 12Page - Integrated Device Technology IDT72V3654 Datasheet HTML 13Page - Integrated Device Technology IDT72V3654 Datasheet HTML 14Page - Integrated Device Technology IDT72V3654 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11
COMMERCIALTEMPERATURERANGE
IDT72V3654/72V3664/72V3674 3.3V CMOS SyncBiFIFOTM WITH BUS-MATCHING
2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
SIGNAL DESCRIPTION
MASTER RESET (
MRS1, MRS2)
Afterpowerup,aMasterReset operationmustbeperformedbyproviding
a LOW pulse to
MRS1 and MRS2 simultaneously. Afterwards, each of the
two FIFO memories of the IDT72V3654/72V3664/72V3674 undergoes a
complete reset by taking its associated Master Reset (
MRS1, MRS2) input
LOW for at least four Port A Clock (CLKA) and four Port B Clock (CLKB) LOW-
to-HIGH transitions. The Master Reset inputs can switch asynchronously to
the clocks. A Master Reset initializes the associated write and read pointers to
the first location of the memory and forces the Full/Input Ready flag (
FFA/IRA,
FFB/IRB) LOW, the Empty/Output Ready flag (EFA/ORA, EFB/ORB) LOW,
the Almost-Empty flag (
AEA, AEB) LOW and forces the Almost-Full flag
(
AFA, AFB) HIGH. A Master Reset also forces the associated Mailbox Flag
(
MBF1, MFB2) of the parallel mailbox register HIGH. After a Master Reset,
the FIFO's Full/Input Ready flag is set HIGH after two write clock cycles. Then
the FIFO is ready to be written to.
A LOW-to-HIGH transition on the FIFO1 Master Reset (
MRS1) input
latches the values of the Big-Endian (BE) input for determining the order by
which bytes are transferred through Port B. It also latches the values of the
FlagSelect(FS0,FS1andFS2)inputsforchoosingtheAlmost-FullandAlmost-
Emptyoffsetprogrammingmethod.
A LOW-to-HIGH transition on the FIFO2 Master Reset (
MRS2) clears
the Flag Offset Registers of FIFO2 (X2, Y2). A LOW-to-HIGH transition on the
FIFO2 Master Reset (
MRS2) together with the FIFO1 Master Reset (MRS1)
input latches the value of the Big-Endian (BE) input for Port B and also latches
thevaluesoftheFlagSelect(FS0,FS1andFS2)inputsforchoosingtheAlmost-
Full and Almost-Empty offset programming method. (For details see Table 1,
Flag Programming, and the Programming the Almost-Empty and Almost-Full
Flags section). The relevant FIFO Master Reset timing diagram can be found
in Figure 3.
PARTIAL RESET (
PRS1, PRS2)
Each of the two FIFO memories of these devices undergoes a limited reset
by taking its associated Partial Reset (
PRS1, PRS2) input LOW for at least
four Port A Clock (CLKA) and four Port B Clock (CLKB) LOW-to-HIGH
transitions. The Partial Reset inputs can switch asynchronously to the clocks.
A Partial Reset initializes the internal read and write pointers and forces the
Full/Input Ready flag (
FFA/IRA, FFB/IRB) LOW, the Empty/Output Ready
flag (
EFA/ORA, EFB/ORB) LOW, the Almost-Empty flag (AEA, AEB)
LOW, and the Almost-Full flag (
AFA, AFB) HIGH. A Partial Reset also forces
the Mailbox Flag (
MBF1, MBF2) of the parallel mailbox register HIGH. After
a Partial Reset, the FIFO’s Full/Input Ready flag is set HIGH after two write
clock cycles. Then the FIFO is ready to be written to.
Whatever flag offsets, programming method (parallel or serial), and timing
mode(FWFTorIDTStandardmode)arecurrentlyselectedatthetimeaPartial
Reset is initiated, those settings will be remain unchanged upon completion of
the reset operation. A Partial Reset may be useful in the case where
reprogramming a FIFO following a Master Reset would be inconvenient. See
Figure 4 for the Partial Reset timing diagram.
RETRANSMIT (
RT1, RT2)
The FIFO1 memory of these devices undergoes a Retransmit by taking its
associated Retransmit (
RT1)inputLOWforatleastfourPortAClock(CLKA)
and four Port B Clock (CLKB) LOW-to-HIGH transitions. The Retransmit
initializes the read pointer of FIFO1 to the first memory location.
The FIFO2 memory undergoes a Retransmit by taking its associated
Retransmit(
RT2)inputLOWforatleastfourPortAClock(CLKA)andfourPort
CClock(CLKC)LOW-to-HIGHtransitions.TheRetransmitinitializestheread
pointer of FIFO2 to the first memory location.
The RTM pin must be HIGH during the time of Retranmit. Note that the
RT1inputismuxedwiththePRS1input,thestateoftheRTMpindetermining
whether this pin performs a Retransmit or Partial Reset. Also, the
RT2inputis
muxed with the
PRS2input,thestateoftheRTMpindeterminingwhetherthis
pin performs a Retransmit or Partial Reset.
BIG-ENDIAN/FIRST WORD FALL THROUGH (BE/
FWFT)
— ENDIAN SELECTION
Thisisadualpurposepin.AtthetimeofMasterReset,theBEselectfunction
is active, permitting a choice of Big or Little-Endian byte arrangement for data
written to or read from Port B. This selection determines the order by which
bytes (or words) of data are transferred through this port. For the following
illustrations, assume that a byte (or word) bus size has been selected for Port
B. (Note that when Port B is configured for a long word size, the Big-Endian
function has no application and the BE input is a “don’t care”1.)
A HIGH on the BE/
FWFT input when the Master Reset (MRS1, MRS2)
inputsgofromLOWtoHIGHwillselectaBig-Endianarrangement.Whendata
is moving in the direction from Port A to Port B, the most significant byte (word)
ofthelongwordwrittentoPortAwillbereadfromPortBfirst;theleastsignificant
byte(word)ofthelongwordwrittentoPortAwillbereadfromPortBlast.When
data is moving in the direction from Port B to Port A, the byte (word) written
to Port B first will be read from Port A as the most significant byte (word) of the
long word; the byte (word) written to Port B last will be read from Port A as
the least significant byte (word) of the long word.
A LOW on the BE/
FWFT input when the Master Reset (MRS1, MRS2)
inputsgofromLOWtoHIGHwillselectaLittle-Endianarrangement.Whendata
is moving in the direction from Port A to Port B, the least significant byte (word)
ofthelongwordwrittentoPortAwillbereadfromPortBfirst;themostsignificant
byte(word)ofthelongwordwrittentoPortAwillbereadfromPortBlast.When
data is moving in the direction from Port B to Port A, the byte (word) written
to Port B first will be read from Port A as the least significant byte (word) of the
long word; the byte (word) written to Port B last will be read from Port A as
the most significant byte (word) of the long word. Refer to Figure 2 for an
illustrationoftheBEfunction.SeeFigure3(MasterReset)fortheEndianselect
timingdiagram.
— TIMING MODE SELECTION
After Master Reset, the FWFT select function is active, permitting a choice
between two possible timing modes: IDT Standard mode or First Word Fall
Through (FWFT) mode. Once the Master Reset (
MRS1, MRS2) input is
HIGH, a HIGH on the BE/
FWFT input during the next LOW-to-HIGH
transition of CLKA (for FIFO1) and CLKB (for FIFO2) will select IDT Standard
mode. This mode uses the Empty Flag function (
EFA, EFB) to indicate
whether or not there are any words present in the FIFO memory. It uses the
Full Flag function (
FFA, FFB) to indicate whether or not the FIFO memory
has any free space for writing. In IDT Standard mode, every word read from
the FIFO, including the first, must be requested using a formal read operation.
NOTE:
1. Either a HIGH or LOW can be applied to a "don't care" input with no change to the logical operation of the FIFO. Nevertheless, inputs that are temporarily "don't care" (along with
unused inputs) must not be left open, rather they must be either HIGH or LOW.


Similar Part No. - IDT72V3654

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3650 IDT-IDT72V3650 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
logo
Renesas Technology Corp
IDT72V3650 RENESAS-IDT72V3650 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
logo
Integrated Device Techn...
IDT72V3650L10PF IDT-IDT72V3650L10PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3650L15PF IDT-IDT72V3650L15PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3650L75PF IDT-IDT72V3650L75PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
More results

Similar Description - IDT72V3654

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V3653 RENESAS-IDT72V3653 Datasheet
375Kb / 31P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 2,048 x 36 4,096 x 36 8,192 x 36
MARCH 2018
IDT72V3664 RENESAS-IDT72V3664 Datasheet
454Kb / 38P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2
JUNE 2016
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
72V3612 RENESAS-72V3612 Datasheet
291Kb / 25P
   3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2
Feb.19.20
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com