Electronic Components Datasheet Search |
|
RI-46A Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS |
|
RI-46A Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS |
1 / 2 page Rhopoint Components Ltd Fax: +44 (0) 1883 712938 Phone: +44 (0) 1883 717988 web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com RI-46 Series RI-46 S RI-46 S RI-46 S RI-46 S RI-46 SERIES ERIES ERIES ERIES ERIES Micro dry-reed switch hermetically sealed in a gas-filled glass envelope. Single-pole, single-throw (SPST) type, having normally open contacts, and containing two magnetically actuated reeds. The switch is of the double-ended type and may be actuated by an electromagnet, a permanent magnet or a combination of both. The device is intended for use in relays, sensors, pulse counters or similar devices. RI-46 S RI-46 S RI-46 S RI-46 S RI-46 SERIES ERIES ERIES ERIES ERIES F F F F FEA EA EA EA EATURES TURES TURES TURES TURES u Can switch main voltage u Can handle up to 40 W load u Contact layers: Gold, sputtered ruthenium u Superior glass-to-metal seal and blade alignment u Excellent life expectancy and reliability G G G G GENERAL ENERAL ENERAL ENERAL ENERAL D D D D DA A A A AT T T T TA A A A A FOR FOR FOR FOR FOR ALL ALL ALL ALL ALL MODELS MODELS MODELS MODELS MODELS RI-46 RI-46 RI-46 RI-46 RI-46 AT-Customization / Preformed Leads Besides the standard models, customized products can also be supplied offering the following options: ! Operate and release ranges to customer specification ! Cropped and/or preformed leads C C C C COILS OILS OILS OILS OILS All characteristics are measured using the Philips Standard Coil. For definitions of the Philips Standard Coil and the standard MIL Coil, refer to “Application Notes” in the Reed Switch Technical & Application Information Section of this catalog. Rela Rela Rela Rela Relationship betw tionship betw tionship betw tionship betw tionship between Philips Standar een Philips Standar een Philips Standar een Philips Standar een Philips Standard Coil and d Coil and d Coil and d Coil and d Coil and Stan- Stan- Stan- Stan- Stan- dar dar dar dar dard MIL Coil d MIL Coil d MIL Coil d MIL Coil d MIL Coil Operate value of standard MIL Coil = 0.79 x operate value of Philips Standard Coil + 2.26 AT. Release value of standard Mil Coil = 0.83 x release value of Philips Standard Coil + 1.31 AT. L L L L LIFE IFE IFE IFE IFE EXPECT EXPECT EXPECT EXPECT EXPECTANCY ANCY ANCY ANCY ANCY AND AND AND AND AND RELIABILITY RELIABILITY RELIABILITY RELIABILITY RELIABILITY The life expectancy data given below are valid for a coil energized at 1.5 times the published maximum operate value for each type in the RI-46 series. No-load conditions (oper No-load conditions (oper No-load conditions (oper No-load conditions (oper No-load conditions (opera aa aating fr ting fr ting fr ting fr ting frequenc equenc equenc equenc equency: y: y: y: y: 100 Hz) 100 Hz) 100 Hz) 100 Hz) 100 Hz) Life expectancy: min. 108 operations with a failure rate of less than 10-9 with a confidence level of 90%. End of life criteria: Contact resistance > 1 Ω after 2 ms Release time > 2 ms (latching or contact sticking). Loaded conditions (r Loaded conditions (r Loaded conditions (r Loaded conditions (r Loaded conditions (resisti esisti esisti esisti esistiv v v v ve load: e load: e load: e load: e load: 20 20 20 20 20 V V V V V; 500 mA; ; 500 mA; ; 500 mA; ; 500 mA; ; 500 mA; oper oper oper oper opera aa aating fr ting fr ting fr ting fr ting frequenc equenc equenc equenc equency: y: y: y: y: 125 Hz) 125 Hz) 125 Hz) 125 Hz) 125 Hz) RI-46AA RI-46AA RI-46AA RI-46AA RI-46AA Life expectancy: min. 107 operations with a failure rate of less than 10-8 with a confidence level of 90%. End of life criteria: Contact resistance > 2 Ω after 2.5 ms Release time > 2.5 ms (latching or contact sticking). RI-46A; RI-46B; RI-46C RI-46A; RI-46B; RI-46C RI-46A; RI-46B; RI-46C RI-46A; RI-46B; RI-46C RI-46A; RI-46B; RI-46C Life expectancy: min. 2.5 x 107 operations with a failure rate of less than 10-8 with a confidence level of 90%. End of life criteria: Contact resistance > 2 Ω after 2.5 ms Release time > 2.5 ms (latching or contact sticking). Dimensions in inches (mm) |
Similar Part No. - RI-46A |
|
Similar Description - RI-46A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |