Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI-60 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # RI-60
Description  SPST
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

RI-60 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  RI-60 Datasheet HTML 1Page - RHOPOINT COMPONENTS RI-60 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rhopoint Components Ltd Fax: +44 (0) 1883 712938 Phone: +44 (0) 1883 717988 web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com
End of life criteria:
Contact resistance > 2
Ω after 2.5 ms
Release time > 2.5 ms (latching or contact sticking).
Switching different loads involves different life expect-
ancy and reliability data. Further information is available
on request.
M
M
M
M
MECHANICAL
ECHANICAL
ECHANICAL
ECHANICAL
ECHANICAL
D
D
D
D
DA
A
A
A
AT
T
T
T
TA
A
A
A
A
Contact arrangement is normally open; lead finish is
tinned; net mass is approximately 0.09 g; and can be
mounted in any position.
S
S
S
S
SHOCK
HOCK
HOCK
HOCK
HOCK
The switches are tested in accordance with “IEC 68-2-
27”, test Ea (peak acceleration 100 G, half sinewave;
duration 11 ms). Such a shock will not cause an open
switch (no magnetic field present) to close.
M
M
M
M
MECHANICAL
ECHANICAL
ECHANICAL
ECHANICAL
ECHANICAL
S
S
S
S
STRENGTH
TRENGTH
TRENGTH
TRENGTH
TRENGTH
The robustness of the terminations is tested in accordance
with “IEC 68-2-21”, test Ua
1 (load 10 N).
O
O
O
O
OPERA
PERA
PERA
PERA
PERATING
TING
TING
TING
TING AND
AND
AND
AND
AND
S
S
S
S
STTTTTORA
ORA
ORA
ORA
ORAGE
GE
GE
GE
GE
T
T
T
T
TEMPERA
EMPERA
EMPERA
EMPERA
EMPERATURE
TURE
TURE
TURE
TURE
Operating ambient temperature; min: -55
°C;
max: +125
°C.
Storage temperature; min: -55
°C; max: +125°C.
Note:
Note:
Note:
Note:
Note: Temperature excursions up to 150
°C may be
permissible. For more information contact your nearest
Coto Technology sales office.
S
S
S
S
SOLDERING
OLDERING
OLDERING
OLDERING
OLDERING
The switch can withstand soldering heat in accordance
with “IEC 68-2-20”, test Tb, method 1B: solder bath at
350 ±10° C for 3.5 ±0.5 s.
Solderability is tested in accordance with “IEC 68-2-20”
test Ta, method 3: solder globule temperature 235
°C;
ageing 1b: 4 hours steam.
W
W
W
W
WELDING
ELDING
ELDING
ELDING
ELDING
The leads can be welded.
M
M
M
M
MOUNTING
OUNTING
OUNTING
OUNTING
OUNTING
The leads should not be bent closer than 1 mm to the
glass-to-metal seals. Stress on the seals should be
avoided. Care must be taken to prevent stray magnetic
fields from influencing the operating and measuring
conditions.
RI-60 Series
Model Number
RI-60
Parameters
Test Conditions
Units
Operating Characteristics
Operate Range
AT
9-21
Release Range
AT
5-16
Operate Time - including bounce (typ.)
(energization)
ms
0.15 (25 AT)
Bounce Time (typ.)
(energization)
ms
0.035 (25 AT)
Release Time (max)
(energization)
µs
20 (25 AT)
Resonant Frequency (typ.)
Hz
11300
Electrical Characteristics
Switched Power (max)
W
10
Switched Voltage DC (max)
V
200
Switched Voltage AC, RMS value (max)
V
140
Switched Current DC (max)
mA
500
Switched Current AC, RMS value (max)
mA
500
Carry Current DC; AC, RMS value (max)
mA
500
Breakdown Voltage (min)
V
230
Contact Resistance (initial max)
(energization)
m
115 (25 AT)
Contact Resistance (initial typ.)
(energization)
m
95 (25 AT)
Contact Capacitance (max)
without test coil
pF
0.25
Insulation Resistance (min)
RH
≤ 45%
M
10
6


Similar Part No. - RI-60

ManufacturerPart #DatasheetDescription
logo
Coto Technology
RI-60 COTO-RI-60 Datasheet
194Kb / 2P
   Dry Reed Switch
More results

Similar Description - RI-60

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
RI-46AA RHOPOINT-RI-46AA Datasheet
101Kb / 2P
   SPST
RI-07AAA RHOPOINT-RI-07AAA Datasheet
38Kb / 2P
   SPST
logo
DAICO Industries, Inc.
CSW18066 DAICO-CSW18066 Datasheet
138Kb / 1P
   Switch SPST
CDS0671 DAICO-CDS0671 Datasheet
145Kb / 1P
   GaAs SPST
logo
Analog Devices
ADG602 AD-ADG602_15 Datasheet
327Kb / 12P
   SPST Switches
REV. C
logo
DAICO Industries, Inc.
CDS0651 DAICO-CDS0651 Datasheet
149Kb / 1P
   GaAs SPST
logo
BOWEI Integrated Circui...
SW101 BOWEI-SW101 Datasheet
102Kb / 1P
   SPST Switches
logo
American Accurate Compo...
JXWBKG-T-1-6.5-9.5 AAC-JXWBKG-T-1-6.5-9.5 Datasheet
76Kb / 1P
   SPST Switch
logo
DAICO Industries, Inc.
DSW16285 DAICO-DSW16285 Datasheet
149Kb / 1P
   SPST Switch
DSW18033 DAICO-DSW18033 Datasheet
140Kb / 1P
   GaAs SPST
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com