Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULV80 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # ULV80
Description  ULV/ULH TYPE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

ULV80 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  ULV80 Datasheet HTML 1Page - RHOPOINT COMPONENTS ULV80 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel :
+ 44 (0) 1883 717988
Fax :
+44 (0) 1883 712938
////
Website :
http://www.rhopointcomponents.com Email: sales@rhopointcomponents.com
ULV/ULH TYPE (UL® Approved)
The ULV(V=vertical & ULH(H=horizontal) models are UL approved metal-clad, wire-wound high-power resistors designed for
industrial and other applications. Our extruded aluminium housing provides rugged and strong protection. These models are
available with flying leads or Tab terminals and can be ordered with inductive or non-inductive windings. To conform to UL
safety requirements, ULV/ULH models differ from IRV/IRH models in that: The resistance range is smaller, the flying leads
are UL approved and the dielectric strength depends on the ohmic value.
GENERAL SPECIFICATIONS
Resistance Range [ohms]
Inductive
Non-
Inductive
Model
Wattage
Rating
on
Heat Sink
Tab
terminals
Flying
leads
Tab
terminals
Flying
leads
Resistance
Tolerance
ULH/ULV60
60
0.1-375
0.1-400
0.1-180
0.1-180
ULH/ULV80
80
0.1-281
0.1-910
0.1-110
0.1-110
ULH/ULV100
100
0.1-225
0.1-1.1K
0.1-225
0.1-240
ULH/ULV120
120
0.1-187
0.1-1.3K
0.1-187
0.1-300
ULH/ULV150
150
0.1-150
0.1-1.6K
0.1-150
0.1-390
ULH/ULV200
200
0.1-450
0.1-2.2K
0.1-450
0.1-1K
ULH/ULV300
300
0.1-300
0.1-2.7K
0.1-300
0.1-1.5K
ULH/ULV400
400
0.1-225
0.1-4.3K
0.1-225
0.1-2.2K
ULH/ULV500
500
0.1-180
0.1-6.8K
0.1-180
0.1-3K
+-2.0(G)
+-5.0(J)
+-10(K)
CHARACTERISTICS
Values in [ ] mean change in ohms after test
Temperature Range
-55C to 200C
Insulation Resistance
20M ohms minimum
Dielectric Strength
[1000V+(rated voltage×2)] / min.
Temp. Coefficient
+-260ppm/C maximum
Short Time Overload
+-[2%+0.05ohms]
60W:5Xwattage rating-5second, 80to500W: 10Xwattage rating-5seconds
Moisture Resistance
+-[3%+0.05 ohms]
40C, 95% RH, DC100V case to terminal (500hrs.)
Thermal Shock
+-[2%+0.05 ohms]
wattage rating 30min., -25C, 15minutes
Vibration
+-[1%+0.05 ohms]
10Hz-55Hz-10Hz (1min.),2hrs. each direction
Moisture Load Life
+-[3%+0.05 ohms]
40C,95%RH,0.1Xwattage rating, 1.5h.on,30min.off,500 hours
Load Life
+-[5%+0.05 ohms]
Wattage rating 1.5h. on, 30min. off, 500hours
Applied voltage : AC RMS voltage
SURFACE TEMPERATURE INCREASE VERSUS POWER LOAD
A mid-point bracket is required for 150, 300, 500W models to ensure sufficient contact with the heat sink.


Similar Part No. - ULV80

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
   ULV8 Series Anti-vandal Switch
logo
Unisonic Technologies
ULV8542 UTC-ULV8542 Datasheet
204Kb / 5P
   RAIL-TO-RAIL I/O CMOS DUAL AMPS
ULV8542G-SM1-R UTC-ULV8542G-SM1-R Datasheet
204Kb / 5P
   RAIL-TO-RAIL I/O CMOS DUAL AMPS
ULV8542L-SM1-R UTC-ULV8542L-SM1-R Datasheet
204Kb / 5P
   RAIL-TO-RAIL I/O CMOS DUAL AMPS
logo
E-SWITCH
ULV8F2311G01 E-SWITCH-ULV8F2311G01 Datasheet
1Mb / 3P
   ULV8 Series Anti-vandal Switch
More results

Similar Description - ULV80

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
ISA-472LF PROTECHSYSTEMS-ISA-472LF Datasheet
324Kb / 2P
   ISA ULV Celeron M CPU Card
ISA-562LF PROTECHSYSTEMS-ISA-562LF Datasheet
324Kb / 2P
   ISA ULV Celeron M CPU Card
EPC-8610F PROTECHSYSTEMS-EPC-8610F Datasheet
658Kb / 2P
   ULV Celeron M Fanless Embedded PC
PCI-471LF PROTECHSYSTEMS-PCI-471LF Datasheet
326Kb / 2P
   PCI ULV Celeron M CPU Card
logo
BOSER Technology Co., L...
HS-2608 BOSER-HS-2608_2 Datasheet
3Mb / 84P
   ULV Intel짰 Celeron짰 Processor Embedded Engine Board
logo
AAEON Technology
AEC-6900 AAEON-AEC-6900 Datasheet
501Kb / 2P
   Fanless Design, Intel짰 ULV Celeron짰 650MHz Processor
logo
BOSER Technology Co., L...
HS-2606 BOSER-HS-2606_2 Datasheet
5Mb / 78P
   ULV Intel짰 Celeron짰 processor Embedded Engine Board
logo
AAEON Technology
AEC-6840 AAEON-AEC-6840 Datasheet
267Kb / 2P
   Onboard Intel짰 ULV Celeron짰 400/650 MHz Processor
ETX-625 AAEON-ETX-625 Datasheet
672Kb / 1P
   Onboard Intel짰 LP Pentium짰 III/ ULV Celeron짰 Processors
logo
Protech Systems Co., Lt...
EB-471 PROTECHSYSTEMS-EB-471 Datasheet
934Kb / 2P
   ULV Celeron M CPU Card w/vga/sound/lan
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com