Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS92LV1021TMSA Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS92LV1021TMSA
Description  16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV1021TMSA Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS92LV1021TMSA Datasheet HTML 1Page - National Semiconductor (TI) DS92LV1021TMSA Datasheet HTML 2Page - National Semiconductor (TI) DS92LV1021TMSA Datasheet HTML 3Page - National Semiconductor (TI) DS92LV1021TMSA Datasheet HTML 4Page - National Semiconductor (TI) DS92LV1021TMSA Datasheet HTML 5Page - National Semiconductor (TI) DS92LV1021TMSA Datasheet HTML 6Page - National Semiconductor (TI) DS92LV1021TMSA Datasheet HTML 7Page - National Semiconductor (TI) DS92LV1021TMSA Datasheet HTML 8Page - National Semiconductor (TI) DS92LV1021TMSA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
CMOS/TTL Input Voltage
−0.3V to (V
CC +0.3V)
CMOS/TTL Output
Voltage
−0.3V to (V
CC +0.3V)
Bus LVDS Receiver Input
Voltage
−0.3V to +3.9V
Bus LVDS Driver Output
Voltage
−0.3V to +3.9V
Bus LVDS Output Short
Circuit
Duration
Continuous
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 seconds)
+260˚C
Maximum Package Power Dissipation Capacity
@ 25˚C Package:
28L SSOP
1.27 W
Package Derating:
28L SSOP
10.2 mW/˚C above
+25˚C
ESD Rating (HBM)
>5kV
Recommended Operating
Conditions
Min
Nom
Max
Units
Supply Voltage (V
CC)
3.0
3.3
3.6
V
Operating Free Air
Temperature (T
A)
−40
+25
+85
˚C
Receiver Input Range
0
2.4
V
Supply Noise Voltage
(V
CC)
100 mV
P-P
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SERIALIZER CMOS/TTL DC SPECIFICATIONS (apply to DIN0-9, TCLK, PWRDN, TCLK_R/F, SYNC1, SYNC2, DEN)
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
−1.5
V
I
IN
Input Current
V
IN = 0V or 3.6V
−10
±2
+10
µA
DESERIALIZER CMOS/TTL DC SPECIFICATIONS (apply to pins PWRDN, RCLK_R/ F, REN, REFCLK = inputs; apply to
pins ROUT, RCLK, LOCK = outputs)
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
−0.62
−1.5
V
I
IN
Input Current
V
IN = 0V or 3.6V
−10
±1
+10
µA
V
OH
High Level Output Voltage
I
OH = −9 mA
2.1
2.93
V
CC
V
V
OL
Low Level Output Voltage
I
OL = 9 mA
GND
0.33
0.6
V
I
OS
Output Short Circuit Current
VOUT = 0V
−15
−38
−85
mA
I
OZ
TRI-STATE Output Current
PWRDN or REN = 0.8V, V
OUT =0VorVCC
−10
±0.4
+10
µA
SERIALIZER Bus LVDS DC SPECIFICATIONS (apply to pins DO+ and DO−)
V
OD
Output Differential Voltage
(DO+)–(DO−)
RL=27
200
270
mV
∆V
OD
Output Differential Voltage
Unbalance
35
mV
V
OS
Offset Voltage
0.78
1.1
1.3
V
∆V
OS
Offset Voltage Unbalance
35
mV
I
OS
Output Short Circuit Current
D0 = 0V, DIN = High,PWRDN and DEN =
2.4V
−10
−15
mA
I
OZ
TRI-STATE Output Current
PWRDN or DEN = 0.8V, DO = 0V or VCC
−10
±1
+10
µA
I
OX
Power-Off Output Current
VCC = 0V, DO = 0V or VCC
−20
±1
+20
µA
DESERIALIZER Bus LVDS DC SPECIFICATIONS (apply to pins RI+ and RI−)
VTH
Differential Threshold High Voltage
VCM = +1.1V
+19
+100
mV
VTL
Differential Threshold Low Voltage
−100
−7
mV
www.national.com
4


Similar Part No. - DS92LV1021TMSA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV1021TMSA NSC-DS92LV1021TMSA Datasheet
316Kb / 13P
   16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
DS92LV1021TMSA NSC-DS92LV1021TMSA Datasheet
366Kb / 15P
   16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
logo
Texas Instruments
DS92LV1021TMSA TI1-DS92LV1021TMSA Datasheet
375Kb / 17P
[Old version datasheet]   DS92LV1212A 16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
DS92LV1021TMSA TI1-DS92LV1021TMSA Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
DS92LV1021TMSA TI1-DS92LV1021TMSA Datasheet
361Kb / 15P
[Old version datasheet]   16-40 MHz 10-Bit Bus LVDS Random Lock Deserializer with Embedded Clock Recovery
More results

Similar Description - DS92LV1021TMSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS92LV1021A NSC-DS92LV1021A Datasheet
209Kb / 12P
   16-40 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1021A TI1-DS92LV1021A_14 Datasheet
1,007Kb / 18P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
DS92LV16 NSC-DS92LV16 Datasheet
397Kb / 19P
   16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
logo
Texas Instruments
DS92LV16 TI-DS92LV16 Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
logo
National Semiconductor ...
DS92LV1023 NSC-DS92LV1023 Datasheet
625Kb / 13P
   40-66 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1023 TI1-DS92LV1023_15 Datasheet
959Kb / 19P
[Old version datasheet]   40-66 MHz 10 Bit Bus LVDS Serializer
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com