Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT709089S Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT709089S
Description  HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT709089S Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT709089S Datasheet HTML 4Page - Integrated Device Technology IDT709089S Datasheet HTML 5Page - Integrated Device Technology IDT709089S Datasheet HTML 6Page - Integrated Device Technology IDT709089S Datasheet HTML 7Page - Integrated Device Technology IDT709089S Datasheet HTML 8Page - Integrated Device Technology IDT709089S Datasheet HTML 9Page - Integrated Device Technology IDT709089S Datasheet HTML 10Page - Integrated Device Technology IDT709089S Datasheet HTML 11Page - Integrated Device Technology IDT709089S Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
6.42
IDT709089S/L
Preliminary
High-Speed 64K x 8 Synchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
8
Timing Waveform of Read Cycle for
Flow-Through Output (FT/PIPE"X" = VIL)(3,6)
Timing Waveform of Read Cycle for Pipelined Output
(FT/PIPE"X" = VIH)(3,6)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2.
OE is asynchronously controlled; all other inputs are synchronous to the rising clock edge.
3.
ADS = VIL, CNTEN and CNTRST = VIH.
4. The output is disabled (High-Impedance state) by
CE0 = VIH or CE1 = VIL following the next rising edge of clock. Refer to Truth Table 1.
5. Addresses do not have to be accessed sequentially since
ADS = VIL constantly loads the address on the rising edge of the CLK; numbers are for reference use
only.
6. "X" denotes Left or Right port. The diagram is with respect to that port.
An
An + 1
An + 2
An + 3
tCYC1
tCH1
tCL1
R/
W
ADDRESS
DATAOUT
CE0
CLK
OE
tSC
tHC
tCD1
tCKLZ
Qn
Qn + 1
Qn + 2
tOHZ
tOLZ
tOE
tCKHZ
3242 drw 07
(1)
(1)
(1)
(1)
(2)
CE1
(4)
tSW
tHW
tSA
tHA
tDC
tDC
(5)
tSC
tHC
An
An + 1
An + 2
An + 3
tCYC2
tCH2
tCL2
R/
W
ADDRESS
CE0
CLK
CE1
(4)
DATAOUT
OE
tCD2
tCKLZ
Qn
Qn + 1
Qn + 2
tOHZ
tOLZ
tOE
3242 drw 08
(1)
(1)
(1)
(2)
tSC
tHC
tSW
tHW
tSA
tHA
tDC
tSC
tHC
(5)
(1 Latency)


Similar Part No. - IDT709089S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT709089S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S Datasheet
163Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V08 RENESAS-70V08 Datasheet
363Kb / 22P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
MAY 2019
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709289L RENESAS-IDT709289L Datasheet
335Kb / 17P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
709389L RENESAS-709389L Datasheet
339Kb / 16P
   HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
IDT709289L IDT-IDT709289L_15 Datasheet
701Kb / 16P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com