Electronic Components Datasheet Search |
|
E32D251HPN222MAA5M Datasheet(PDF) 11 Page - United Chemi-Con, Inc. |
|
E32D251HPN222MAA5M Datasheet(HTML) 11 Page - United Chemi-Con, Inc. |
11 / 12 page United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com 127 U32D Series 350 Volts 400 Volts Surge 315 Volts 365 Volts Surge 250 Volts 300 Volts Surge 10,000 E32D251HPN103MDB7M 2.500 4.625 DB7 18.5 14.74 12,000 E32D251HPN123MDE3M 2.500 5.625 DE3 13.6 17.65 10,000 E32D251HPN103ME92M 3.000 3.625 E92 18.8 14.67 12,000 E32D251HPN123MEA5M 3.000 4.125 EA5 15.9 16.99 15,000 E32D251HPN153MED0M 3.000 5.125 ED0 12.7 20.82 18,000 E32D251HPN183MEE3M 3.000 5.625 EE3 11.2 23.78 27,000 E32D251HPN273MEN0M 3.000 8.625 EN0 7.7 35.30 180 E32D351HPN181MA41M 1.375 1.625 A41 882.3 1.43 330 E32D351HPN331MA54M 1.375 2.125 A54 475.0 2.08 470 E32D351HPN471MA67M 1.375 2.625 A67 332.0 2.52 560 E32D351HPN561MA79M 1.375 3.125 A79 277.6 3.05 680 E32D351HPN681MA92M 1.375 3.625 A92 228.5 3.36 820 E32D351HPN821MAA5M 1.375 4.125 AA5 189.6 3.43 1,000 E32D351HPN102MAB7M 1.375 4.625 AB7 156.0 3.87 1,200 E32D351HPN122MAD0M 1.375 5.125 AD0 130.0 4.45 470 E32D351HPN471MC48M 2.000 1.875 C48 342.0 2.80 680 E32D351HPN681MC54M 2.000 2.125 C54 235.0 3.53 1,000 E32D351HPN102MC67M 2.000 2.625 C67 156.0 3.72 1,200 E32D351HPN122MC79M 2.000 3.125 C79 131.3 4.37 1,800 E32D351HPN182MC92M 2.000 3.625 C92 88.0 5.72 2,200 E32D351HPN222MCB7M 2.000 4.625 CB7 71.9 7.04 2,700 E32D351HPN272MCD0M 2.000 5.125 CD0 59.0 8.18 2,200 E32D351HPN222MD79M 2.500 3.125 D79 75.0 6.75 3,300 E32D351HPN332MDA5M 2.500 4.125 DA5 50.0 9.32 3,900 E32D351HPN392MDB7M 2.500 4.625 DB7 42.0 10.63 4,700 E32D351HPN472MDE3M 2.500 5.625 DE3 35.0 12.76 3,900 E32D351HPN392ME92M 3.000 3.625 E92 44.0 10.58 4,700 E32D351HPN472MEA5M 3.000 4.125 EA5 37.0 12.28 5,600 E32D351HPN562MEB7M 3.000 4.625 EB7 32.0 14.03 6,800 E32D351HPN682MED0M 3.000 5.125 ED0 27.0 16.19 10,000 E32D351HPN103MEN0M 3.000 8.625 EN0 17.9 24.81 220 E32D3B1HPN221MA41M 1.375 1.625 A41 750.3 1.59 330 E32D3B1HPN331MA54M 1.375 2.125 A54 492.0 2.08 470 E32D3B1HPN471MA67M 1.375 2.625 A67 343.8 2.52 680 E32D3B1HPN681MA79M 1.375 3.125 A79 237.8 3.36 820 E32D3B1HPN821MA92M 1.375 3.625 A92 197.2 3.14 1,000 E32D3B1HPN102MAA5M 1.375 4.125 AA5 161.9 8.46 1,200 E32D3B1HPN122MAD0M 1.375 5.125 AD0 134.9 9.96 470 E32D3B1HPN471MC48M 2.000 1.875 C48 354.0 2.80 680 E32D3B1HPN681MC54M 2.000 2.125 C54 243.1 3.53 1,000 E32D3B1HPN102MC67M 2.000 2.625 C67 164.1 3.72 1,200 E32D3B1HPN122MC79M 2.000 3.125 C79 135.9 4.37 1,800 E32D3B1HPN182MC92M 2.000 3.625 C92 91.0 5.72 2,200 E32D3B1HPN222MCA5M 2.000 4.125 CA5 75.0 6.70 2,700 E32D3B1HPN272MCB7M 2.000 4.625 CB7 61.3 7.80 3,300 E32D3B1HPN332MCE3M 2.000 5.625 CE3 50.3 9.44 2,200 E32D3B1HPN222MD79M 2.500 3.125 D79 77.0 6.75 3,300 E32D3B1HPN332MDA5M 2.500 4.125 DA5 51.7 9.32 3,900 E32D3B1HPN392MDB7M 2.500 4.625 DB7 43.7 10.63 4,700 E32D3B1HPN472MDD0M 2.500 5.125 DD0 36.9 12.22 3,900 E32D3B1HPN392ME92M 3.000 3.625 E92 45.7 10.58 4,700 E32D3B1HPN472MEA5M 3.000 4.125 EA5 38.2 12.28 5,600 E32D3B1HPN562MEB7M 3.000 4.625 EB7 32.4 14.03 6,800 E32D3B1HPN682MED0M 3.000 5.125 ED0 27.2 16.19 8,200 E32D3B1HPN822MEE3M 3.000 5.625 EE3 23.1 18.53 12,000 E32D3B1HPN123MEN0M 3.000 8.625 EN0 16.0 27.17 †For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications. Standard Voltage Ratings - Screw Terminals Rated Voltage (WVDC) Capacitance (µF ) Case Size Code Global Part Number † Nominal Case Size* D L (inches) Maximum ESR (m Ω) at 25 C, 120Hz Rated Ripple Current (A rms) at 85 C, 120Hz |
Similar Part No. - E32D251HPN222MAA5M |
|
Similar Description - E32D251HPN222MAA5M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |