Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V825L15PF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72V825L15PF
Description  3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V825L15PF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72V825L15PF Datasheet HTML 5Page - Integrated Device Technology IDT72V825L15PF Datasheet HTML 6Page - Integrated Device Technology IDT72V825L15PF Datasheet HTML 7Page - Integrated Device Technology IDT72V825L15PF Datasheet HTML 8Page - Integrated Device Technology IDT72V825L15PF Datasheet HTML 9Page - Integrated Device Technology IDT72V825L15PF Datasheet HTML 10Page - Integrated Device Technology IDT72V825L15PF Datasheet HTML 11Page - Integrated Device Technology IDT72V825L15PF Datasheet HTML 12Page - Integrated Device Technology IDT72V825L15PF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
IDT72V805/72V815/72V825/72V835/72V845
3.3 V CMOS DUAL SyncFIFO™ 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
9
NOTE:
1. The same selection sequence applies to reading from the registers.
REN is enabled and
read is performed on the LOW-to-HIGH transition of RCLK.
EMPTY OFFSET REGISTER
17
11
0
001FH (IDT72V805) 003FH (IDT72V815):
007FH (IDT72V825/72V835/72V845)
FULL OFFSET REGISTER
17
11
0
DEFAULT VALUE
DEFAULT VALUE
001FH (IDT72V805) 003FH (IDT72V815):
007FH (IDT72V825/72V835/72V845)
4295 drw 04
NOTE:
1. Any bits of the offset register not being programmed should be set to zero.
SIGNAL DESCRIPTIONS
INPUTS:
DATA IN (D0 - D17)
Data inputs for 18-bit wide data.
CONTROLS:
RESET (
RSA/RSB)
Reset is accomplished whenever the Reset (
RSA/RSB) input is taken to
a LOW state. During reset, both internal read and write pointers are set to
the first location. A reset is required after power-up before a write operation
can take place. The Half-Full flag (
HFA/HFB) and Programmable Almost-
Full flag (
PAFA/PAFB) will be reset to HIGH after tRSF. The Programmable
Almost-Empty flag (
PAEA/PAEB) will be reset to LOW after tRSF. The Full
Flag (
FFA/FFB) will reset to HIGH. The Empty Flag (EFA/EFB) will reset
to LOW in IDT Standard mode but will reset to HIGH in FWFT mode. During
reset, the output register is initialized to all zeros and the offset registers
are initialized to their default values.
WRITE CLOCK (WCLKA/WCLKB)
A write cycle is initiated on the LOW-to-HIGH transition of the Write
Clock (WCLKA/WCLKB). Data setup and hold times must be met with
respect to the LOW-to-HIGH transition of WCLK.
The Write and Read Clocks can be asynchronous or coincident.
WRITE ENABLE (
WENA/WENB)
When the
WENA/WENB input is LOW, data may be loaded into the
FIFO RAM array on the rising edge of every WCLK cycle if the device is not
full. Data is stored in the RAM array sequentially and independently of any
ongoing read operation.
When
WEN is HIGH, no new data is written in the RAM array on each
WCLK cycle.
To prevent data overflow in the IDT Standard Mode,
FF will go LOW,
inhibiting further write operations. Upon the completion of a valid read
cycle,
FF will go HIGH allowing a write to occur. The FF flag is updated on
the rising edge of WCLK.
To prevent data overflow in the FWFT mode, Input Ready (
IRA,IRB) will
go HIGH, inhibiting further write operations. Upon the completion of a valid
read cycle,
IR will go LOW allowing a write to occur. The IR flag is updated
on the rising edge of WCLK.
WEN is ignored when the FIFO is full in either FWFT or IDT Standard
mode.
READ CLOCK (RCLKA/RCLKB)
Data can be read on the outputs on the LOW-to-HIGH transition of the
Read Clock (RCLKA/RCLKB), when Output Enable (
OEA/OEB) is set
LOW.
The Write and Read Clocks can be asynchronous or coincident.
READ ENABLE (
RENA/RENB)
When Read Enable (
RENA/RENB) is LOW, data is loaded from the RAM
array into the output register on the rising edge of every RCLK cycle if the
device is not empty.
When the
REN input is HIGH, the output register holds the previous data
and no new data is loaded into the output register. The data outputs Q0-
Qn maintain the previous data value.
Figure 2. Writing to Offset Registers
Figure 3. Offset Register Location and Default Values
In the IDT Standard mode, every word accessed at Qn, including the first
word written to an empty FIFO, must be requested using
REN. When the
last word has been read from the FIFO, the Empty Flag (
EFA/EFB) will go
LOW, inhibiting further read operations.
REN is ignored when the FIFO is
empty. Once a write is performed,
EF will go HIGH allowing a read to occur.
The
EF flag is updated on the rising edge of RCLK.
In the FWFT mode, the first word written to an empty FIFO automatically
goes to the outputs Qn, on the third valid LOW to HIGH transition of RCLK
+ tSKEW after the first write.
REN does not need to be asserted LOW. In
order to access all other words, a read must be executed using
REN. The
RCLK LOW to HIGH transition after the last word has been read from the
FIFO, Output Ready (
ORA/ORB) will go HIGH with a true read (RCLK with
REN = LOW), inhibiting further read operations. REN is ignored when the
FIFO is empty.
LD
WEN
WCLK
Selection
0
0
Writing to offset registers:
Empty Offset
Full Offset
0
1
No Operation
1
0
Write Into FIFO
1
1
No Operation


Similar Part No. - IDT72V825L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V825 IDT-IDT72V825 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72V825 RENESAS-IDT72V825 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
More results

Similar Description - IDT72V825L15PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com