Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTQS33X253Q1 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDTQS33X253Q1
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH MULTIWIDTH 24:6 MUX/DEMUX
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS33X253Q1 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDTQS33X253Q1 Datasheet HTML 1Page - Integrated Device Technology IDTQS33X253Q1 Datasheet HTML 2Page - Integrated Device Technology IDTQS33X253Q1 Datasheet HTML 3Page - Integrated Device Technology IDTQS33X253Q1 Datasheet HTML 4Page - Integrated Device Technology IDTQS33X253Q1 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDTQS33X253
HIGH-SPEED CMOS QUICKSWITCH MULTIWIDTH 24:6 MUX/DEMUX
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions(1)
Max.
Unit
ICCQ
Quiescent Power Supply Current
VCC = Max., VIN = GND or Vcc, f = 0
9
µA
∆ICC
Power Supply Current per Control Input HIGH(2)
VCC = Max., VIN = 3.4V , f = 0
1.5
mA
ICCD
Dynamic Power Supply Current per MHz(3)
VCC = Max., I and Y pins open
Control Input Toggling at 50% Duty Cycle
0.25
mA/MHz
NOTES:
1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics.
2. Per TTL driven input (VIN = 3.4V, control inputs only). I and Y pins do not contribute to
∆Icc.
3. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The I
and Y inputs generate no significant AC or DC currents as they transition. This parameter is guaranteed but not production tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40°C to +85°C, VCC = 5.0V ± 5%
CLOAD = 50pF, RLOAD = 500
Ω unless otherwise noted.
Symbol
Parameter
Min. (1)
Typ.
Max.
Unit
tPLH
tPHL
Data Propagation Delay (2, 3)
In to Y
0.25
ns
tPZL
tPZH
Switch Turn-On Delay
Sn to Y
0.5
6.6
ns
tPZL
tPZH
Switch Turn-Off Delay
En to Y
0.5
6
ns
tPLZ
tPHZ
Switch Turn-Off Delay (2)
En to Y, Sn to Y
0.5
6
ns
NOTES:
1. Minimums guaranteed but not tested.
2. This parameter is guaranteed but not tested
3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time
constant for the switch alone is of the order of 0.25ns for CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical
driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the
driving circuit on the driving side of the switch and its interaction with the load on the driven side.


Similar Part No. - IDTQS33X253Q1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS33X257 IDT-IDTQS33X257 Datasheet
51Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 24:12 MUX/DEMUX
IDTQS33X257 IDT-IDTQS33X257 Datasheet
225Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 24:12 MUX/DEMUX
logo
Renesas Technology Corp
IDTQS33X257 RENESAS-IDTQS33X257 Datasheet
396Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 24:12 MUX/DEMUX
AUGUST 2012
logo
Integrated Device Techn...
IDTQS33X257Q1 IDT-IDTQS33X257Q1 Datasheet
51Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 24:12 MUX/DEMUX
More results

Similar Description - IDTQS33X253Q1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS33X257 IDT-IDTQS33X257 Datasheet
51Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 24:12 MUX/DEMUX
QS33X257Q1G IDT-QS33X257Q1G Datasheet
225Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 24:12 MUX/DEMUX
logo
Renesas Technology Corp
IDTQS33X257 RENESAS-IDTQS33X257 Datasheet
396Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 24:12 MUX/DEMUX
AUGUST 2012
logo
Integrated Device Techn...
IDTQS3251 IDT-IDTQS3251 Datasheet
46Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8:1 MUX/DEMUX
IDTQS316233 IDT-IDTQS316233 Datasheet
48Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX
IDTQS32257 IDT-IDTQS32257 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:MUX/DEMUX
IDTQS3257 IDT-IDTQS3257 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:1 MUX/DEMUX
logo
Renesas Technology Corp
IDTQS3251 RENESAS-IDTQS3251 Datasheet
387Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8:1 MUX/DEMUX
FEBRUARY 2011
logo
Integrated Device Techn...
IDTQS3253 IDT-IDTQS3253 Datasheet
47Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
IDTQS32253 IDT-IDTQS32253 Datasheet
76Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com