Electronic Components Datasheet Search |
|
E32D100HPN185MEN0M Datasheet(PDF) 6 Page - United Chemi-Con, Inc. |
|
E32D100HPN185MEN0M Datasheet(HTML) 6 Page - United Chemi-Con, Inc. |
6 / 12 page U32D Series United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com 122 16 Volts 20 Volts Surge 10 Volts 13 Volts Surge 6.3 Volts 8 Volts Surge 39,000 E32D6R3HPN393MA41M 1.375 1.625 A41 39.9 7.03 68,000 E32D6R3HPN683MA54M 1.375 2.125 A54 24.0 9.62 82,000 E32D6R3HPN823MA67M 1.375 2.625 A67 19.5 10.87 120,000 E32D6R3HPN124MA79M 1.375 3.125 A79 14.5 13.76 150,000 E32D6R3HPN154MA92M 1.375 3.625 A92 12.2 15.53 180,000 E32D6R3HPN184MAA5M 1.375 4.125 AA5 11.8 18.10 220,000 E32D6R3HPN224MAD0M 1.375 5.125 AD0 9.1 20.93 82,000 E32D6R3HPN823MC48M 2.000 1.875 C48 22.1 11.19 120,000 E32D6R3HPN124MC54M 2.000 2.125 C54 16.2 13.53 180,000 E32D6R3HPN184MC67M 2.000 2.625 C67 11.3 17.11 220,000 E32D6R3HPN224MC79M 2.000 3.125 C79 9.2 20.41 330,000 E32D6R3HPN334MC92M 2.000 3.625 C92 7.7 24.76 390,000 E32D6R3HPN394MCA5M 2.000 4.125 CA5 6.4 27.19 470,000 E32D6R3HPN474MCB7M 2.000 4.625 CB7 6.0 30.87 560,000 E32D6R3HPN564MCE3M 2.000 5.625 CE3 4.9 35.78 390,000 E32D6R3HPN394MD79M 2.500 3.125 D79 8.7 22.54 560,000 E32D6R3HPN564MDA5M 2.500 4.125 DA5 6.3 29.81 820,000 E32D6R3HPN824MDB7M 2.500 4.625 DB7 5.7 32.97 680,000 E32D6R3HPN684ME92M 3.000 3.625 E92 8.3 26.88 820,000 E32D6R3HPN824MEA5M 3.000 4.125 EA5 7.2 30.40 1,000,000 E32D6R3HPN105MEB7M 3.000 4.625 EB7 6.6 33.32 1,200,000 E32D6R3HPN125MED0M 3.000 5.125 ED0 6.1 36.04 2,200,000 E32D6R3HPN225MEN0M 3.000 8.625 EN0 4.0 56.03 33,000 E32D100HPN333MA41M 1.375 1.625 A41 39.7 7.03 56,000 E32D100HPN563MA54M 1.375 2.125 A54 24.3 9.55 68,000 E32D100HPN683MA67M 1.375 2.625 A67 19.6 10.79 100,000 E32D100HPN104MA79M 1.375 3.125 A79 14.6 13.71 120,000 E32D100HPN124MA92M 1.375 3.625 A92 12.5 14.66 150,000 E32D100HPN154MAB7M 1.375 4.625 AB7 10.4 18.83 180,000 E32D100HPN184MAD0M 1.375 5.125 AD0 9.2 20.80 68,000 E32D100HPN683MC48M 2.000 1.875 C48 22.2 11.13 100,000 E32D100HPN104MC54M 2.000 2.125 C54 16.3 13.48 150,000 E32D100HPN154MC67M 2.000 2.625 C67 11.4 17.11 180,000 E32D100HPN184MC79M 2.000 3.125 C79 9.3 20.28 270,000 E32D100HPN274MC92M 2.000 3.625 C92 7.8 24.76 390,000 E32D100HPN394MCB7M 2.000 4.625 CB7 6.0 30.55 470,000 E32D100HPN474MCE3M 2.000 5.625 CE3 4.9 35.78 330,000 E32D100HPN334MD79M 2.500 3.125 D79 8.8 22.40 470,000 E32D100HPN474MDA5M 2.500 4.125 DA5 6.4 29.81 560,000 E32D100HPN564MDB7M 2.500 4.625 DB7 5.7 33.95 680,000 E32D100HPN684MDD0M 2.500 5.125 DD0 5.3 36.68 560,000 E32D100HPN564ME92M 3.000 3.625 E92 8.3 26.88 680,000 E32D100HPN684MEA5M 3.000 4.125 EA5 7.2 30.40 820,000 E32D100HPN824MEB7M 3.000 4.625 EB7 6.5 33.32 1,000,000 E32D100HPN105MED0M 3.000 5.125 ED0 6.1 36.04 1,800,000 E32D100HPN185MEN0M 3.000 8.625 EN0 4.0 56.03 22,000 E32D160HPN223MA41M 1.375 1.625 A41 41.4 6.26 39,000 E32D160HPN393MA54M 1.375 2.125 A54 27.3 8.68 47,000 E32D160HPN473MA67M 1.375 2.625 A67 19.9 9.80 68,000 E32D160HPN683MA79M 1.375 3.125 A79 15.0 12.48 82,000 E32D160HPN823MA92M 1.375 3.625 A92 12.8 14.04 100,000 E32D160HPN104MAA5M 1.375 4.125 AA5 11.1 16.47 120,000 E32D160HPN124MAD0M 1.375 5.125 AD0 9.5 19.11 150,000 E32D160HPN154MAE3M 1.375 5.625 AE3 9.3 21.33 47,000 E32D160HPN473MC48M 2.000 1.875 C48 22.7 10.18 68,000 E32D160HPN683MC54M 2.000 2.125 C54 16.7 12.38 100,000 E32D160HPN104MC67M 2.000 2.625 C67 11.7 15.75 120,000 E32D160HPN124MC79M 2.000 3.125 C79 9.6 18.66 †For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications. Standard Voltage Ratings - Screw Terminals Rated Voltage (WVDC) Capacitance (µF ) Case Size Code Global Part Number † Nominal Case Size* D L (inches) Maximum ESR (m Ω) at 25 C, 120Hz Rated Ripple Current (A rms) at 85 C, 120Hz |
Similar Part No. - E32D100HPN185MEN0M |
|
Similar Description - E32D100HPN185MEN0M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |