Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTQS3383SO Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDTQS3383SO
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3383SO Datasheet(HTML) 1 Page - Integrated Device Technology

  IDTQS3383SO Datasheet HTML 1Page - Integrated Device Technology IDTQS3383SO Datasheet HTML 2Page - Integrated Device Technology IDTQS3383SO Datasheet HTML 3Page - Integrated Device Technology IDTQS3383SO Datasheet HTML 4Page - Integrated Device Technology IDTQS3383SO Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
IDTQS3383
HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
INDUSTRIALTEMPERATURERANGE
NOVEMBER 1999
1999 Integrated Device Technology, Inc.
DSC-5571/1
c
INDUSTRIAL TEMPERATURE RANGE
FEATURES:
• Enhanced N channel FET with no inherent diode to Vcc
•5
Ω bidirectional switches connect inputs to outputs
• Zero propagation delay, zero added ground bounce
• Undershoot clamp diodes on all switch and control inputs
• Bus exchange allows nibble swap
• Available in QSOP and SOIC packages
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
APPLICATIONS:
• Hot-swapping, hot-docking
• Voltage translation (5V to 3.3V)
• Resource sharing
• Crossbar switching
IDTQS3383
FUNCTIONAL BLOCK DIAGRAM
QUICKSWITCH® PRODUCTS
HIGH-SPEED CMOS 10-BIT
BUS EXCHANGE SWITCH
DESCRIPTION:
The QS3383 provides ten high-speed CMOS TTL-compatible bus
switches. The low ON resistance of the QS3383 allows inputs to be
connected to outputs without adding propagation delay and without gener-
ating additional ground bounce noise. The Bus Enable (BE) signal turns
the switches on. The Bus Exchange (BX) signal provides nibble swap of
the AB and CD pairs of signals. This exchange configuration allows byte
swapping of buses in systems. It can also be used as a 5-wide 2-to-1
multiplexer and to create low delay barrel shifters, etc.
The QS3383 is characterized for operation at -40°C to +85°C.
A4
C4
D4
B4
BX
BE
A0
C0
D0
B0


Similar Part No. - IDTQS3383SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3383 IDT-IDTQS3383 Datasheet
217Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
logo
Renesas Technology Corp
IDTQS3383 RENESAS-IDTQS3383 Datasheet
386Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
OCTOBER 2011
logo
Integrated Device Techn...
IDTQS3383 IDT-IDTQS3383_11 Datasheet
217Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
More results

Similar Description - IDTQS3383SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3383 IDT-IDTQS3383_11 Datasheet
217Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
logo
Renesas Technology Corp
IDTQS3383 RENESAS-IDTQS3383 Datasheet
386Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
OCTOBER 2011
logo
Integrated Device Techn...
IDTQS316212 IDT-IDTQS316212 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 24-BIT BUS-EXCHANGE SWITCH
QS3L384Q IDT-QS3L384Q Datasheet
50Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER CMOS 10-BIT BUS EXCHANGE SWITCH
IDTQS3L384 IDT-IDTQS3L384 Datasheet
63Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER CMOS 10-BIT BUS EXCHANGE SWITCH
logo
Renesas Technology Corp
IDTQS3L384 RENESAS-IDTQS3L384 Datasheet
378Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED LOW POWER CMOS 10-BIT BUS EXCHANGE SWITCH
JANUARY 2013
logo
Integrated Device Techn...
IDTQS3L383 IDT-IDTQS3L383 Datasheet
57Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH
IDTQS32384 IDT-IDTQS32384 Datasheet
41Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
IDTQS3384 IDT-IDTQS3384 Datasheet
47Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
logo
Renesas Technology Corp
IDTQS3384 RENESAS-IDTQS3384 Datasheet
374Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
OCTOBER 2011
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com